Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN-9738 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # AN-9738
Description  Design Guideline on 150W Power Supply for LED Street Lighting Design Using FL7930B and FAN7621S
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

AN-9738 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  AN-9738 Datasheet HTML 1Page - Fairchild Semiconductor AN-9738 Datasheet HTML 2Page - Fairchild Semiconductor AN-9738 Datasheet HTML 3Page - Fairchild Semiconductor AN-9738 Datasheet HTML 4Page - Fairchild Semiconductor AN-9738 Datasheet HTML 5Page - Fairchild Semiconductor AN-9738 Datasheet HTML 6Page - Fairchild Semiconductor AN-9738 Datasheet HTML 7Page - Fairchild Semiconductor AN-9738 Datasheet HTML 8Page - Fairchild Semiconductor AN-9738 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
AN-9738
APPLICATION NOTE
© 2011 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev. 1.0.0 • 4/20/11
3
IL
VGS
Average of input
current
fSW
t
Figure 4. Frequency Variation of BCM PFC
Since the design of the filter and inductor for a BCM PFC
converter with variable switching frequency should be at
minimum frequency condition, it is worthwhile to examine
how the minimum frequency of BCM PFC converter
changes with operating conditions.
2. Consideration of LLC Resonant
Converter
The attempt to obtain ever-increasing power density in
switched-mode power supplies has been limited by the size
of passive components. Operation at higher frequencies
considerably reduces the size of passive components, such
as transformers and filters; however, switching losses have
been an obstacle to high-frequency operation. To reduce
switching losses and allow high-frequency operation,
resonant switching techniques have been developed. These
techniques process power in a sinusoidal manner and the
switching devices are softly commutated. Therefore, the
switching losses and noise can be dramatically reduced.
Among various kinds of resonant converters, the simplest and
most popular is the LC series resonant converter, where the
rectifier-load network is placed in series with the LC resonant
network, as depicted in Figure 5. In this configuration, the
resonant network and the load act as a voltage divider. By
changing the frequency of driving voltage Vd, the impedance
of the resonant network changes. The input voltage is split
between this impedance and the reflected load. Since it is a
voltage divider, the DC gain of a LC series resonant converter
is always <1. At light-load condition, the impedance of the
load is large compared to the impedance of the resonant
network; all the input voltage is imposed on the load. This
makes it difficult to regulate the output at light load.
Theoretically, frequency should be infinite to regulate the
output at no load.
Figure 5. Half-Bridge, LC Series Resonant Converter
To overcome the limitation of series resonant converters, the
LLC resonant converter has been proposed. The LLC
resonant converter is a modified LC series resonant
converter implemented by placing a shunt inductor across
the transformer primary winding, as depicted in Figure 6.
When this topology was first presented, it did not receive
much attention due to the counterintuitive concept that
increasing the circulating current in the primary side with a
shunt inductor can be beneficial to circuit operation.
However, it can be very effective in improving efficiency
for high-input voltage applications where the switching loss
is more dominant than the conduction loss.
In most practical designs, this shunt inductor is realized
using the magnetizing inductance of the transformer. The
circuit diagram of LLC resonant converter looks much the
same as the LC series resonant converter: the only
difference is the value of the magnetizing inductor. While
the series resonant converter has a magnetizing inductance
larger than the LC series resonant inductor (Lr), the
magnetizing inductance in an LLC resonant converter is just
3~8 times Lr, which is usually implemented by introducing
an air gap in the transformer.
Figure 6. Half-Bridge LLC Resonant Converter
An LLC resonant converter has many advantages over a
series resonant converter. It can regulate the output over
wide line and load variations with a relatively small
variation of switching frequency. It can achieve zero voltage
switching (ZVS) over the entire operating range. All
essential
parasitic
elements;
including
the
junction
capacitances of all semiconductor devices, the leakage
inductance, and magnetizing inductance of the transformer;
are utilized to achieve soft switching.


Similar Part No. - AN-9738

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AN-973 IRF-AN-973 Datasheet
342Kb / 7P
   HEXFETs Improve Efficiency
logo
Fairchild Semiconductor
AN-9730 FAIRCHILD-AN-9730 Datasheet
1Mb / 17P
   LED Application Design Guide Using Half-Bridge LLC Resonant Converter for 160W Street Lighting
AN-9731 FAIRCHILD-AN-9731 Datasheet
1Mb / 22P
   LED Application Design Guide Using BCM Power Factor Correction (PFC) Controller for 100W Lighting System
AN-9732 FAIRCHILD-AN-9732 Datasheet
2Mb / 22P
   LED Application Design Guide Using BCM Power Factor Correction (PFC) Controller for 200W Lighting System
AN-9735 FAIRCHILD-AN-9735 Datasheet
481Kb / 12P
   Design Guideline for LED Lamp Control Using Primary-Side Regulated Flyback Converter, FAN103 & FSEZ1317
More results

Similar Description - AN-9738

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
AN-9736 FAIRCHILD-AN-9736 Datasheet
465Kb / 13P
   Design Guideline of AC-DC Converter Using FL6961, FL6300A for 70W LED Lighting
AN-9737 FAIRCHILD-AN-9737 Datasheet
390Kb / 11P
   Design Guideline for Single-Stage Flyback AC-DC Converter Using FL6961 for LED Lighting
AN-9730 FAIRCHILD-AN-9730 Datasheet
1Mb / 17P
   LED Application Design Guide Using Half-Bridge LLC Resonant Converter for 160W Street Lighting
AN-9729 FAIRCHILD-AN-9729 Datasheet
1Mb / 17P
   LED Application Design Guide Using Half-Bridge LLC Resonant Converter for 100W Street Lighting
logo
STMicroelectronics
AN4218 STMICROELECTRONICS-AN4218 Datasheet
1Mb / 26P
   Hardware design guideline
AN3326 STMICROELECTRONICS-AN3326 Datasheet
308Kb / 21P
   SPC56EL60x hardware design guideline
logo
Fairchild Semiconductor
AN-9741 FAIRCHILD-AN-9741 Datasheet
379Kb / 12P
   Design Guideline for LED Lamp Control Using Primary-Side Regulated Flyback Converter, FL103M
AN-6754 FAIRCHILD-AN-6754 Datasheet
352Kb / 8P
   Design Guideline to Replace SG6742
AN-9735 FAIRCHILD-AN-9735 Datasheet
481Kb / 12P
   Design Guideline for LED Lamp Control Using Primary-Side Regulated Flyback Converter, FAN103 & FSEZ1317
logo
STMicroelectronics
AN4461 STMICROELECTRONICS-AN4461 Datasheet
1Mb / 70P
   100 W LED street lighting application using STLUX385A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com