Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2-1196204-6 Datasheet(PDF) 1 Page - Tyco Electronics

Part # 2-1196204-6
Description  TWO CONDUCTOR CABLE, SHIELDED, JACKETED, GENERAL PURPOSE, 600 VOLT
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

2-1196204-6 Datasheet(HTML) 1 Page - Tyco Electronics

  2-1196204-6 Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Users should evaluate the suitability of this product for their application. Specifications are subject to change without notice.
Tyco Electronics also reserves the right to make changes in materials or processing, which do not affect compliance with any specification, without notification to Buyer.
1
/ COLORS AND COLOR CODE DESIGNATORS SHALL BE IN ACCORDANCE WITH MIL-STD-681. HOWEVER, DUE TO LENGTH LIMITATIONS OF THE RAYCHEM PART NUMBER,
AN ALTERNATIVE COLOR CODE MAY REPLACE MIL-STD-681 COLOR CODE DESIGNATORS. (EXAMPLE: “901/902...” MAY BE REPLACED BY “Axxx”.) OTHER CODES AND
SUFFIXES MAY BE ADDED TO THE PART NUMBER AS NECESSARY, TO CAPTURE ANY ADDITIONAL REQUIREMENTS IMPOSED BY THE PURCHASE ORDER.
Page 1 of 1
RAYCHEM is a trademark of Tyco Electronics Corporation.
Raychem Wire & Cable
501 Oakside Avenue
Redwood City, CA 94063-3800
Phone: 1-800-227-8816
Fax: 1-650-361-6297
DIMENSIONS ARE IN INCHES, AND UNLESS OTHERWISE DESIGNATED ARE NOMINAL
THIS SPECIFICATION SHEET TAKES PRECEDENCE OVER DOCUMENTS REFERENCED HEREIN.
REFERENCED DOCUMENTS SHALL BE OF THE ISSUE IN EFFECT ON DATE OF INVITATION FOR BID.
© 2008 Tyco Electronics Corporation. All rights reserved.
SPECIFICATION CONTROL DRAWING
55A1122
TWO CONDUCTOR CABLE, SHIELDED, JACKETED, GENERAL PURPOSE, 600 VOLT
5-13-08
E
This specification sheet forms a part of the latest issue of Raychem Specification 55A.
JACKET - RADIATION-CROSSLINKED,
MODIFIED ETFE
COMPONENT WIRES - 55A0112
CABLE RATINGS AND ADDITIONAL REQUIREMENTS
TITLE
Date
Revision
SHIELD - SILVER-COATED COPPER
CABLE CONSTRUCTION DETAILS
PART NUMBER
1/
CONDUCTOR
SIZE
(AWG)
SHIELD
SIZE
(AWG)
JACKET THICKNESS
(inches)
OUTSIDE DIAMETER
(inches)
MAXIMUM
WEIGHT
(lbs/1000 ft.)
MINIMUM
NOMINAL
NOMINAL
MAXIMUM
55A1122-28-*
28
38
.006
.008
.087
.092
6.3
55A1122-26-*
26
38
.006
.008
.097
.102
7.9
55A1122-24-*
24
38
.006
.008
.107
.113
9.8
55A1122-22-*
22
38
.006
.008
.119
.125
12.2
55A1122-20-*
20
38
.006
.008
.133
.141
16.5
55A1122-18-*
18
38
.006
.008
.153
.162
22.5
55A1122-16-*
16
38
.006
.008
.169
.178
27.3
55A1122-14-*
14
38
.006
.008
.203
.213
38.9
55A1122-12-*
12
38
.007
.009
.241
.253
55.1
55A1122-10-*
10
38
.007
.009
.291
.306
84.1
TEMPERATURE RATING: 200°C
Maximum continuous conductor temperature
VOLTAGE RATING: 600 volts (rms) at sea level
ACCELERATED AGING: 300 ± 3°C for 7 hours
BLOCKING: 200 ± 3°C for 6 hours
DIELECTRIC WITHSTAND: 1500 volts (rms), 60 Hz
FLAMMABILITY (Procedure 1): 3 seconds (maximum);
3 in. (maximum); no flaming of facial tissue
JACKET COLOR: White preferred
JACKET ELONGATION AND TENSILE STRENGTH:
Elongation, 50% (minimum)
Tensile Strength, 5000 lbf/in² (minimum)
JACKET FLAWS:
Spark Test, 1000 volts (rms)
Impulse Dielectric Test, 6.0 kV (peak)
NOTE: Nominal values are for information only.
Nominal values are not requirements.
LIFE CYCLE: 230 ± 3°C for 500 hours
LOW TEMPERATURE-COLD BEND: -65 ± 2°C for 4 hours
SHIELD COVERAGE: 85% (minimum)
VOLTAGE WITHSTAND TEST (Post Environmental):
1000 volts (rms), 60 Hz, 1 minute
PART NUMBER:
The “*” in the part numbers above shall be replaced by color code
designators with a slash separating the component wire colors and a
dash separating the component wire colors from the jacket color.
1
/ Example: AWG 20, black and brown component wires; white jacket:
55A1122-20-0/1-9


Similar Part No. - 2-1196204-6

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1196708-4 MACOM-2-1196708-4 Datasheet
136Kb / 1P
   Thermofit Molded Parts Specification Control Drawing Limited Distribution
2-1196862-3 MACOM-2-1196862-3 Datasheet
79Kb / 3P
   WIRE, RADIATION-CROSSLINKED, MODIFIED ETFE-INSULATED, NORMAL WEIGHT, GENERAL PURPOSE, 600 VOLT
2-1196878-0 MACOM-2-1196878-0 Datasheet
65Kb / 2P
   WIRE, RADIATION-CROSSLINKED, MODIFIED ETFE-INSULATED, LIGHTWEIGHT, GENERAL PURPOSE, 600 VOLT
2-1196963-1 MACOM-2-1196963-1 Datasheet
65Kb / 2P
   WIRE, RADIATION-CROSSLINKED, MODIFIED ETFE-INSULATED, LIGHTWEIGHT, GENERAL PURPOSE, 600 VOLT
More results

Similar Description - 2-1196204-6

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1195093-0 MACOM-2-1195093-0 Datasheet
44Kb / 1P
   TWO CONDUCTOR CABLE, SHIELDED, JACKETED, GENERAL PURPOSE, 600 VOLT
2-1192397-9 MACOM-2-1192397-9 Datasheet
44Kb / 1P
   TWO CONDUCTOR CABLE, SHIELDED, JACKETED, GENERAL PURPOSE, 600 VOLT
030859-000 MACOM-030859-000 Datasheet
44Kb / 1P
   TWO CONDUCTOR CABLE, SHIELDED, JACKETED, GENERAL PURPOSE, 600 VOLT
2-1192393-7 MACOM-2-1192393-7 Datasheet
44Kb / 1P
   TWO CONDUCTOR CABLE, SHIELDED, JACKETED, GENERAL PURPOSE, 600 VOLT
2-1192394-5 MACOM-2-1192394-5 Datasheet
44Kb / 1P
   TWO CONDUCTOR CABLE, SHIELDED, JACKETED, GENERAL PURPOSE, 600 VOLT
003421-000 MACOM-003421-000 Datasheet
44Kb / 1P
   TWO CONDUCTOR CABLE, SHIELDED, JACKETED, 600 VOLT
2-1192393-0 MACOM-2-1192393-0 Datasheet
44Kb / 1P
   RWO CONDUCTOR CABLE, SHIELDED, JACKETED, GENERAL PURPOSE, 600 VOLT
2-1195893-4 MACOM-2-1195893-4 Datasheet
116Kb / 1P
   FOUR CONDUCTOR CABLE, SHIELDED, JACKETED, GENERAL PURPOSE, 600 VOLT
023781-000 MACOM-023781-000 Datasheet
44Kb / 1P
   FOUR CONDUCTOR CABLE, SHIELDED, JACKETED, GENERAL PURPOSE, 600 VOLT
2-1195380-2 MACOM-2-1195380-2 Datasheet
130Kb / 1P
   FOUR CONDUCTOR CABLE, SHIELDED, JACKETED, GENERAL PURPOSE, 600 VOLT
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com