Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT-F1288N-120P4T Datasheet(PDF) 1 Page - Aeroflex Circuit Technology

Part # ACT-F1288N-120P4T
Description  ACT-F128K8 High Speed 1 Megabit Monolithic FLASH
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT-F1288N-120P4T Datasheet(HTML) 1 Page - Aeroflex Circuit Technology

  ACT-F1288N-120P4T Datasheet HTML 1Page - Aeroflex Circuit Technology ACT-F1288N-120P4T Datasheet HTML 2Page - Aeroflex Circuit Technology ACT-F1288N-120P4T Datasheet HTML 3Page - Aeroflex Circuit Technology ACT-F1288N-120P4T Datasheet HTML 4Page - Aeroflex Circuit Technology ACT-F1288N-120P4T Datasheet HTML 5Page - Aeroflex Circuit Technology ACT-F1288N-120P4T Datasheet HTML 6Page - Aeroflex Circuit Technology ACT-F1288N-120P4T Datasheet HTML 7Page - Aeroflex Circuit Technology ACT-F1288N-120P4T Datasheet HTML 8Page - Aeroflex Circuit Technology ACT-F1288N-120P4T Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
eroflex Circuit Technology - Advanced Multichip Modules © SCD1676 REV A 5/6/98
CIRCUIT TECHNOLOGY
www.aeroflex.com
General Description
The ACT–F128K8 is a high
speed,
1
megabit
CMOS
monolithic
Flash
module
designed for full temperature
range military, space, or high
reliability applications.
This device is input TTL and
output CMOS compatible. The
command register is written by
bringing write enable (WE) and
chip enable (CE) to a logic low
level and output enable (OE) to a
logic
high
level.
Reading
is
accomplished when WE is high
and CE, OE are both low, see
Figure 9. Access time grades of
60ns, 70ns, 90ns, 120ns and
150ns maximum are standard.
The
ACT–F128K8
is
available
in a
choice of
Features
s
Low Power Monolithic 128K x 8 FLASH
s
TTL Compatible Inputs and CMOS Outputs
s
Access Times of 60, 70, 90, 120 and 150ns
s
+5V Programing, +5V Supply
s
100,000 Erase / Program Cycles
s
Low Standby Current
s
Page Program Operation and Internal
Program Control Time
s
Supports Full Chip Erase
s
Embedded Erase and Program Algorithms
s
Supports Full Chip Erase
s
MIL-PRF-38534 Compliant Circuits Available
s
Industry Standard Pinouts
s
Packaging – Hermetic Ceramic
q
32 Lead, 1.6" x .6" x .20" Dual-in-line Package (DIP),
Aeroflex code# "P4"
q
32 Lead, .82" x .41" x .125" Ceramic Flat Package
(FP), Aeroflex code# "F6"
q
32 Lead, .82" x .41" x .132" Ceramic Flat Package
(FP Lead Formed), Aeroflex code# "F7"
s
Sector Architecture
q
8 Equal size sectors of 16K bytes each
q
Any Combination of Sectors can be erased with one
command sequence.
s
Commercial, Industrial and Military
Temperature Ranges
s
DESC SMD Pending
5962-96690 (P4,F6,F7)
Block Diagram – DIP (P4) & Flat Packages (F6,F7)
512Kx8
OE
A0 – A16
I/O0-7
8
WE
CE
Vss
Vcc
Pin Description
I/O0-7
Data I/O
A0–16 Address Inputs
WE
Write Enable
CE
Chip Enable
OE
Output Enable
VCC
Power Supply
VSS
Ground
NC
Not Connected
ACT–F128K8 High Speed
1 Megabit Monolithic FLASH


Similar Part No. - ACT-F1288N-120P4T

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT-F128K32N-060F5C AEROFLEX-ACT-F128K32N-060F5C Datasheet
201Kb / 20P
   ACT-F128K32 High Speed 4 Megabit FLASH Multichip Module
ACT-F128K32N-060F5I AEROFLEX-ACT-F128K32N-060F5I Datasheet
201Kb / 20P
   ACT-F128K32 High Speed 4 Megabit FLASH Multichip Module
ACT-F128K32N-060F5M AEROFLEX-ACT-F128K32N-060F5M Datasheet
201Kb / 20P
   ACT-F128K32 High Speed 4 Megabit FLASH Multichip Module
ACT-F128K32N-060F5Q AEROFLEX-ACT-F128K32N-060F5Q Datasheet
201Kb / 20P
   ACT-F128K32 High Speed 4 Megabit FLASH Multichip Module
ACT-F128K32N-060F5T AEROFLEX-ACT-F128K32N-060F5T Datasheet
201Kb / 20P
   ACT-F128K32 High Speed 4 Megabit FLASH Multichip Module
More results

Similar Description - ACT-F1288N-120P4T

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACTF512K8 AEROFLEX-ACTF512K8 Datasheet
149Kb / 21P
   ACT-F512K8 High Speed 4 Megabit Monolithic FLASH
ACTS512K8 AEROFLEX-ACTS512K8 Datasheet
83Kb / 8P
   ACT-S512K8 High Speed 4 Megabit Monolithic SRAM
ACTF512K32 AEROFLEX-ACTF512K32 Datasheet
238Kb / 20P
   ACT-F512K32 High Speed 16 Megabit FLASH Multichip Module
ACTF128K32 AEROFLEX-ACTF128K32 Datasheet
201Kb / 20P
   ACT-F128K32 High Speed 4 Megabit FLASH Multichip Module
ACT-PS512K8 AEROFLEX-ACT-PS512K8 Datasheet
73Kb / 6P
   ACT-PS512K8 High Speed 4 Megabit Plastic Monolithic SRAM
ACTF4M32A AEROFLEX-ACTF4M32A Datasheet
65Kb / 5P
   ACT-F4M32A High Speed 128 Megabit Sector Erase FLASH Multichip Module
ACTF1M32 AEROFLEX-ACTF1M32 Datasheet
149Kb / 9P
   ACT-F1M32 High Speed 32 Megabit Boot Block FLASH Multichip Module
ACTF2M32A AEROFLEX-ACTF2M32A Datasheet
92Kb / 9P
   ACT-F2M32A High Speed 64 Megabit Sector Erase FLASH Multichip Module
ACTE128K32 AEROFLEX-ACTE128K32 Datasheet
171Kb / 12P
   ACT-E128K32 High Speed 4 Megabit EEPROM Multichip Module
ACT-S512K32V AEROFLEX-ACT-S512K32V Datasheet
169Kb / 8P
   ACT-S512K32V High Speed 3.3Volt 16 Megabit SRAM Multichip Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com