Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1417H4A Datasheet(PDF) 9 Page - Agere Systems

Part # 1417H4A
Description  NetLight 1417G4A and 1417H4A ATM/SONET/SDH Transceivers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

1417H4A Datasheet(HTML) 9 Page - Agere Systems

Back Button 1417H4A Datasheet HTML 2Page - Agere Systems 1417H4A Datasheet HTML 3Page - Agere Systems 1417H4A Datasheet HTML 4Page - Agere Systems 1417H4A Datasheet HTML 5Page - Agere Systems 1417H4A Datasheet HTML 6Page - Agere Systems 1417H4A Datasheet HTML 7Page - Agere Systems 1417H4A Datasheet HTML 8Page - Agere Systems 1417H4A Datasheet HTML 9Page - Agere Systems 1417H4A Datasheet HTML 10Page - Agere Systems  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
Agere Systems Inc.
NetLight 1417G4A and 1417H4A
Data Sheet
ATM/SONET/SDH Transceivers
January 2000
Laser Safety Information
Class I Laser Product
FDA/CDRH Class I laser product. All versions of the transceiver are Class I laser products per CDRH, 21 CFR
1040 Laser Safety requirements. All versions are Class I laser products per
IEC ® 60825-1:1993. The transceiver
has been certified with the FDA under accession number 8720009.
CAUTION: Use of controls, adjustments, and procedures other than those specified herein may result in
hazardous laser radiation exposure.
This product complies with 21 CFR 1040.10 and 1040.11.
Wavelength = 1.3
µm
Maximum power = 1.0 mW
Because of size constraints, laser safety labeling is not affixed to the module but attached to the outside of the
shipping carton.
Product is not shipped with power supply.
NOTICE
Unterminated optical connectors may emit laser radiation.
Do not view with optical instruments.
Ordering Information
Table 4. . Ordering Information
Description
Device Code
Comcode
2 x 5 Single-mode Transceiver for OC-3 /STM-1 (155 Mbits/s)
with LC Connector
1417G4A
108259557
2 x 5 Single-mode Transceiver for OC-12 /STM-4 (622 Mbits/s)
with LC Connector
1417H4A
108259565


Similar Part No. - 1417H4A

ManufacturerPart #DatasheetDescription
logo
Agere Systems
1417H5A AGERE-1417H5A Datasheet
149Kb / 12P
   NetLight 1417G5 and 1417H5-Type ATM/SONET/SDH Transceivers with Clock Recovery
More results

Similar Description - 1417H4A

ManufacturerPart #DatasheetDescription
logo
Agere Systems
2417G4A AGERE-2417G4A Datasheet
128Kb / 10P
   NetLight 2417G4A and 2417H4A ATM/SONET/SDH Transceivers
1417G5 AGERE-1417G5 Datasheet
149Kb / 12P
   NetLight 1417G5 and 1417H5-Type ATM/SONET/SDH Transceivers with Clock Recovery
1430G5 AGERE-1430G5 Datasheet
222Kb / 10P
   NetLight 1430G5 Type SONET/SDH Long-Reach Transceivers with Clock Recovery
logo
TriQuint Semiconductor
TQ8105 TRIQUINT-TQ8105 Datasheet
371Kb / 19P
   SONET/SDH Transceivers
logo
Cypress Semiconductor
CY7C955 CYPRESS-CY7C955 Datasheet
466Kb / 78P
   AX??ATM-SONET/SDH Transceiver
logo
Intel Corporation
LXT6155 INTEL-LXT6155 Datasheet
314Kb / 50P
   155 Mbps SDH/SONET/ATM Transceiver
logo
Applied Micro Circuits ...
CS19202CBI30 AMCC-CS19202CBI30 Datasheet
42Kb / 2P
   STS-192 SONET/SDH FRAMER AND POS/ATM MAPPER
S3029 AMCC-S3029 Datasheet
88Kb / 11P
   SONET/SDH/ATM 155 MBIT/S QUAD TRANSCEIVER
CS3155 AMCC-CS3155 Datasheet
405Kb / 2P
   SONET/SDH/ATM OC-48 Transceiver With CDR
logo
Texas Instruments
TNETA1500 TI1-TNETA1500 Datasheet
419Kb / 10P
[Old version datasheet]   155.52-MBIT/S SONET/SDH ATM RECEIVER/TRANSMITTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com