Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1417H4A Datasheet(PDF) 4 Page - Agere Systems

Part # 1417H4A
Description  NetLight 1417G4A and 1417H4A ATM/SONET/SDH Transceivers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

1417H4A Datasheet(HTML) 4 Page - Agere Systems

  1417H4A Datasheet HTML 1Page - Agere Systems 1417H4A Datasheet HTML 2Page - Agere Systems 1417H4A Datasheet HTML 3Page - Agere Systems 1417H4A Datasheet HTML 4Page - Agere Systems 1417H4A Datasheet HTML 5Page - Agere Systems 1417H4A Datasheet HTML 6Page - Agere Systems 1417H4A Datasheet HTML 7Page - Agere Systems 1417H4A Datasheet HTML 8Page - Agere Systems 1417H4A Datasheet HTML 9Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
Agere Systems Inc.
Data Sheet
NetLight 1417G4A and 1417H4A
January 2000
ATM/SONET/SDH Transceivers
Application Information (continued)
Transceiver Processing
When the process plug is placed in the transceiver's optical port, the transceiver and plug can withstand normal
wave soldering and aqueous spray cleaning processes. However, the transceiver is not hermetic, and should not
be subjected to immersion in cleaning solvents. The transceiver case should not be exposed to temperatures in
excess of 125 °C. The transceiver pins can be wave soldered at 250 °C for up to 10 seconds. The process plug
should only be used once. After removing the process plug from the transceiver, it must not be used again as a pro-
cess plug; however, if it has not been contaminated, it can be reused as a dust cover.
Transceiver Optical and Electrical Characteristics
* For 1 x 10
–10 BER with an optical input using 223 – 1 PRBS.
Table 2. Transmitter Optical and Electrical Characteristics (TC = –40
°C to +85 °C; VCC = 3.135 V—3.465 V)
Parameter
Symbol
Min
Typ
Max
Unit
Average Optical Output Power (EOL)
PO
–15.0
–11.0
–8.0
dBm
Optical Wavelength:
STM-1 (4 nm spectral width, maximum)
STM-4 (2.5 nm spectral width, maximum)
λC
1261
1274
1360
1356
nm
nm
Dynamic Extinction Ratio
EXT
8.2
19
dB
Power Supply Current
ICCT
—90
150
mA
Input Data Voltage:
Low
High
VIL
VIH
VCC – 2.0
VCC – 1.2
VCC – 1.6
VCC – 0.8
V
V
Transmit Disable Voltage
VD
VCC – 1.3
VCC
V
Transmit Enable Voltage
VEN
VEE
—VEE + 0.8
V
Table 3. Receiver Optical and Electrical Characteristics (TC = –40
°C to +85 °C; VCC = 3.135 V—3.465 V)
Parameter
Symbol
Min
Typ
Max
Unit
Average Sensitivity (STM-1/STM-4)*
PI
–35/–31.5
–28
dBm
Maximum Input Power*
PMAX
–8
–4/–5
dBm
Signal-detect Switching Threshold:
Decreasing Light (STM-1/STM-4)
Increasing Light (STM-1/STM-4)
LSTD
LSTI
–45
–45
–39/–37
–37/–35
–29.0
–28.5
dBm
dBm
Link Status Hysteresis
HYS
0.5
2
dB
Power Supply Current
ICCR
70
100
mA
Output Data Voltage:
Low
High
VOL
VOH
VCC – 1.81
VCC – 1.025
VCC – 1.62
VCC – 0.88
V
V
Signal-detect Output Voltage (1417G4A):
Low
High
VOL
VOH
VCC – 1.2
VCC – 1.7
V
V
Signal-detect Output Voltage (1417H4A):
Low
High
VOL
VOH
0.0
2.4
0.8
VCC
V
V


Similar Part No. - 1417H4A

ManufacturerPart #DatasheetDescription
logo
Agere Systems
1417H5A AGERE-1417H5A Datasheet
149Kb / 12P
   NetLight 1417G5 and 1417H5-Type ATM/SONET/SDH Transceivers with Clock Recovery
More results

Similar Description - 1417H4A

ManufacturerPart #DatasheetDescription
logo
Agere Systems
2417G4A AGERE-2417G4A Datasheet
128Kb / 10P
   NetLight 2417G4A and 2417H4A ATM/SONET/SDH Transceivers
1417G5 AGERE-1417G5 Datasheet
149Kb / 12P
   NetLight 1417G5 and 1417H5-Type ATM/SONET/SDH Transceivers with Clock Recovery
1430G5 AGERE-1430G5 Datasheet
222Kb / 10P
   NetLight 1430G5 Type SONET/SDH Long-Reach Transceivers with Clock Recovery
logo
TriQuint Semiconductor
TQ8105 TRIQUINT-TQ8105 Datasheet
371Kb / 19P
   SONET/SDH Transceivers
logo
Cypress Semiconductor
CY7C955 CYPRESS-CY7C955 Datasheet
466Kb / 78P
   AX??ATM-SONET/SDH Transceiver
logo
Intel Corporation
LXT6155 INTEL-LXT6155 Datasheet
314Kb / 50P
   155 Mbps SDH/SONET/ATM Transceiver
logo
Applied Micro Circuits ...
CS19202CBI30 AMCC-CS19202CBI30 Datasheet
42Kb / 2P
   STS-192 SONET/SDH FRAMER AND POS/ATM MAPPER
S3029 AMCC-S3029 Datasheet
88Kb / 11P
   SONET/SDH/ATM 155 MBIT/S QUAD TRANSCEIVER
CS3155 AMCC-CS3155 Datasheet
405Kb / 2P
   SONET/SDH/ATM OC-48 Transceiver With CDR
logo
Texas Instruments
TNETA1500 TI1-TNETA1500 Datasheet
419Kb / 10P
[Old version datasheet]   155.52-MBIT/S SONET/SDH ATM RECEIVER/TRANSMITTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com