Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE7047-3 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE7047-3
Description  3 dB Fixed Attenuator, N Male To N Female Passivated Stainless Steel Body Rated To 2 Watts Up To 12.4 GHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE7047-3 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE7047-3 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE7047-3 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE7047-3 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
Connector 2
Type
N Female
Connector Specification
MIL-STD-348
Contact Material and Plating
Beryllium Copper, Gold
Body Material and Plating
Passivated Stainless Steel
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
3 dB Fixed Attenuator, N Male To N Female Passivated Stainless Steel Body Rated To 2 Watts Up To 12.4 GHz from
Pasternack Enterprises has same day shipment for domestic and International orders. Our RF, microwave and fiber optic
products maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 3 dB Fixed Attenuator, N Male To N Female Passivated Stainless Steel Body Rated To 2 Watts
Up To 12.4 GHz PE7047-3
URL:
http://www.pasternack.com/3db-fixed-n-male-n-female-2-watts-attenuator-pe7047-3-p.aspx
PE7047-3
PE7047-3 REV
3 dB Fixed Attenuator, N Male To N Female Passivated
Stainless Steel Body Rated To 2 Watts Up To 12.4 GHz


Similar Part No. - PE7047-3

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7047-3 PASTERNACK-PE7047-3 Datasheet
231Kb / 4P
   3 dB Fixed Attenuator, N Male to N Female Passivated Stainless Steel Body
PE7047-30 PASTERNACK-PE7047-30 Datasheet
219Kb / 3P
   30 dB Fixed Attenuator, N Male To N Female Passivated Stainless Steel Body Rated To 2 Watts Up To 12.4 GHz
PE7047-30 PASTERNACK-PE7047-30 Datasheet
231Kb / 4P
   30 dB Fixed Attenuator, N Male to N Female Passivated Stainless Steel Body
PE7047-30 PASTERNACK-PE7047-30_16 Datasheet
231Kb / 4P
   30 dB Fixed Attenuator, N Male to N Female Passivated Stainless Steel Body
PE7047-3 PASTERNACK-PE7047-3_16 Datasheet
231Kb / 4P
   3 dB Fixed Attenuator, N Male to N Female Passivated Stainless Steel Body
More results

Similar Description - PE7047-3

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7047-2 PASTERNACK-PE7047-2 Datasheet
219Kb / 3P
   2 dB Fixed Attenuator, N Male To N Female Passivated Stainless Steel Body Rated To 2 Watts Up To 12.4 GHz
PE7047-1 PASTERNACK-PE7047-1 Datasheet
219Kb / 3P
   1 dB Fixed Attenuator, N Male To N Female Passivated Stainless Steel Body Rated To 2 Watts Up To 12.4 GHz
PE7047-30 PASTERNACK-PE7047-30 Datasheet
219Kb / 3P
   30 dB Fixed Attenuator, N Male To N Female Passivated Stainless Steel Body Rated To 2 Watts Up To 12.4 GHz
PE7047-4 PASTERNACK-PE7047-4 Datasheet
219Kb / 3P
   4 dB Fixed Attenuator, N Male To N Female Passivated Stainless Steel Body Rated To 2 Watts Up To 12.4 GHz
PE7047-8 PASTERNACK-PE7047-8 Datasheet
219Kb / 3P
   8 dB Fixed Attenuator, N Male To N Female Passivated Stainless Steel Body Rated To 2 Watts Up To 12.4 GHz
PE7047-5 PASTERNACK-PE7047-5 Datasheet
219Kb / 3P
   5 dB Fixed Attenuator, N Male To N Female Passivated Stainless Steel Body Rated To 2 Watts Up To 12.4 GHz
PE7047-7 PASTERNACK-PE7047-7 Datasheet
219Kb / 3P
   7 dB Fixed Attenuator, N Male To N Female Passivated Stainless Steel Body Rated To 2 Watts Up To 12.4 GHz
PE7047-9 PASTERNACK-PE7047-9 Datasheet
219Kb / 3P
   9 dB Fixed Attenuator, N Male To N Female Passivated Stainless Steel Body Rated To 2 Watts Up To 12.4 GHz
PE7047-12 PASTERNACK-PE7047-12 Datasheet
219Kb / 3P
   12 dB Fixed Attenuator, N Male To N Female Passivated Stainless Steel Body Rated To 2 Watts Up To 12.4 GHz
PE7047-15 PASTERNACK-PE7047-15 Datasheet
219Kb / 3P
   15 dB Fixed Attenuator, N Male To N Female Passivated Stainless Steel Body Rated To 2 Watts Up To 12.4 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com