Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT-E4M32C-100F1M Datasheet(PDF) 2 Page - Aeroflex Circuit Technology

Part # ACT-E4M32C-100F1M
Description  ACT-F4M32A High Speed 128 Megabit Sector Erase FLASH Multichip Module
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT-E4M32C-100F1M Datasheet(HTML) 2 Page - Aeroflex Circuit Technology

  ACT-E4M32C-100F1M Datasheet HTML 1Page - Aeroflex Circuit Technology ACT-E4M32C-100F1M Datasheet HTML 2Page - Aeroflex Circuit Technology ACT-E4M32C-100F1M Datasheet HTML 3Page - Aeroflex Circuit Technology ACT-E4M32C-100F1M Datasheet HTML 4Page - Aeroflex Circuit Technology ACT-E4M32C-100F1M Datasheet HTML 5Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Aeroflex Circuit Technology
SCD3866 REV 1 12/4/98 Plainview NY (516) 694-6700
2
General Description
Utilizing AMD’s Sector Erase Flash Memory Die, the ACT-F4M32A is a high speed, 128
megabit CMOS flash multichip module (MCM) designed for full temperature range, military,
space, or high reliability applications.
The ACT-F4M32A consists of eight high-performance AMD
Am29F016 16Mbit
(16,777,216 bit) memory die. Each die contains 8 separately write or erase sector groups
of 256Kbytes (A sector group consists of 4 adjacent sectors of 64Kbytes each).
The command register is written by bringing WE to a logic low level (VIL), while CE is
low and OE is high (VIH). Reading is accomplished by chip Enable (CE) and Output Enable
(OE) being logically active. Access time grades of 100ns, 120ns and 150ns maximum are
standard.
The ACT-F4M32A is offered in two different hermetically sealed co-fired 68 lead
ceramic packages. This allows operation in a military environment temperature range of
-55°C to +125°C.
The ACT-F4M32A can be programmed (both read and write functions) in-system using
the +5.0V VCC power supply.
A 12.0V VPP is not required for programming or erase
operations. The end of program or erase is detected by the RY/BY pin, Data Polling of
DQ7, or by the Toggle bit (DQ6).
The ACT-F4M32A also has a hardware RESET pin. When this pin is driven low,
execution of any Embedded Program Alggorithm or Embedded Erase Algorithm will be
terminated.
Each block can be independently erased and programmed 100,000 times at +25°C.
For Detail Information regarding the operation of the Am29F016 Sector Erase Flash
Memory, see the AMD datasheet (Publication 18805).


Similar Part No. - ACT-E4M32C-100F1M

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT-E128K32C-120F2C AEROFLEX-ACT-E128K32C-120F2C Datasheet
171Kb / 12P
   ACT-E128K32 High Speed 4 Megabit EEPROM Multichip Module
ACT-E128K32C-120F2I AEROFLEX-ACT-E128K32C-120F2I Datasheet
171Kb / 12P
   ACT-E128K32 High Speed 4 Megabit EEPROM Multichip Module
ACT-E128K32C-120F2M AEROFLEX-ACT-E128K32C-120F2M Datasheet
171Kb / 12P
   ACT-E128K32 High Speed 4 Megabit EEPROM Multichip Module
ACT-E128K32C-120F2Q AEROFLEX-ACT-E128K32C-120F2Q Datasheet
171Kb / 12P
   ACT-E128K32 High Speed 4 Megabit EEPROM Multichip Module
ACT-E128K32C-120F2T AEROFLEX-ACT-E128K32C-120F2T Datasheet
171Kb / 12P
   ACT-E128K32 High Speed 4 Megabit EEPROM Multichip Module
More results

Similar Description - ACT-E4M32C-100F1M

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACTF2M32A AEROFLEX-ACTF2M32A Datasheet
92Kb / 9P
   ACT-F2M32A High Speed 64 Megabit Sector Erase FLASH Multichip Module
ACTF512K32 AEROFLEX-ACTF512K32 Datasheet
238Kb / 20P
   ACT-F512K32 High Speed 16 Megabit FLASH Multichip Module
ACTF128K32 AEROFLEX-ACTF128K32 Datasheet
201Kb / 20P
   ACT-F128K32 High Speed 4 Megabit FLASH Multichip Module
ACTF1M32 AEROFLEX-ACTF1M32 Datasheet
149Kb / 9P
   ACT-F1M32 High Speed 32 Megabit Boot Block FLASH Multichip Module
ACTE128K32 AEROFLEX-ACTE128K32 Datasheet
171Kb / 12P
   ACT-E128K32 High Speed 4 Megabit EEPROM Multichip Module
ACT-S512K32V AEROFLEX-ACT-S512K32V Datasheet
169Kb / 8P
   ACT-S512K32V High Speed 3.3Volt 16 Megabit SRAM Multichip Module
ACT-S128K32V AEROFLEX-ACT-S128K32V Datasheet
120Kb / 7P
   ACT-S128K32V High Speed 3.3Volt 4 Megabit SRAM Multichip Module
ACTSF128K16 AEROFLEX-ACTSF128K16 Datasheet
169Kb / 11P
   ACT-SF128K16 High Speed 128Kx16 SRAM/FLASH Multichip Module
ACTSF512K16 AEROFLEX-ACTSF512K16 Datasheet
168Kb / 11P
   ACT-SF512K16 High Speed 512Kx16 SRAM/FLASH Multichip Module
ACTRS128K32 AEROFLEX-ACTRS128K32 Datasheet
137Kb / 8P
   RAD Tolerant ACT-RS128K32 High Speed 4 Megabit SRAM Multichip Module
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com