Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE7055-6 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE7055-6
Description  6 dB Fixed Attenuator, TNC Male To TNC Female Directional Aluminum Heatsink Black Anodized Body Rated To 50 Watts Up To 18 GHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE7055-6 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE7055-6 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE7055-6 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE7055-6 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
6 dB Fixed Attenuator, TNC Male To TNC Female Directional Aluminum Heatsink Black Anodized Body
Rated To 50 Watts Up To 18 GHz
Configuration
Design
Fixed, Directional Attenuator
Connector 1
TNC Male
Connector 2
TNC Female
Body Material and Plating
Aluminum Heatsink, Black Anodized
Electrical Specifications
Frequency Range, GHz
DC to 18
Impedance, Ohms
50
Attenuation Value, dB
6
Maximum Input Power, Watts
50
Maximum VSWR
1.45:1
Frequency 1
Range, GHz
DC to 18
VSWR
1.45:1
Attenuation Accuracy, dB
± 0.85
Mechanical Specifications
Size
Length, in [mm]
4.66 [118.36]
Width, in [mm]
3.5 [88.9]
Height, in [mm]
2.65 [67.31]
.
Connector 1
Type
TNC Male
Connector Specification
MIL-STD-348
Connector 2
Type
TNC Female
Connector Specification
MIL-STD-348
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 6 dB Fixed Attenuator, TNC Male To TNC Female Directional Aluminum Heatsink Black Anod-
ized Body Rated To 50 Watts Up To 18 GHz PE7055-6
PE7055-6
PE7055-6 REV
6 dB Fixed Attenuator, TNC Male To TNC Female
Directional Aluminum Heatsink Black Anodized
Body Rated To 50 Watts Up To 18 GHz


Similar Part No. - PE7055-6

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7055-10 PASTERNACK-PE7055-10 Datasheet
228Kb / 3P
   10 dB Fixed Attenuator, TNC Male To TNC Female Directional Aluminum Heatsink Black Anodized Body Rated To 50 Watts Up To 18 GHz
PE7055-20 PASTERNACK-PE7055-20 Datasheet
228Kb / 3P
   20 dB Fixed Attenuator, TNC Male To TNC Female Directional Aluminum Heatsink Black Anodized Body Rated To 50 Watts Up To 18 GHz
PE7055-30 PASTERNACK-PE7055-30 Datasheet
228Kb / 3P
   30 dB Fixed Attenuator, TNC Male To TNC Female Directional Aluminum Heatsink Black Anodized Body Rated To 50 Watts Up To 18 GHz
PE7055-40 PASTERNACK-PE7055-40 Datasheet
229Kb / 3P
   40 dB Fixed Attenuator, TNC Male To TNC Female Directional Aluminum Heatsink Black Anodized Body Rated To 50 Watts Up To 18 GHz
More results

Similar Description - PE7055-6

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7055-30 PASTERNACK-PE7055-30 Datasheet
228Kb / 3P
   30 dB Fixed Attenuator, TNC Male To TNC Female Directional Aluminum Heatsink Black Anodized Body Rated To 50 Watts Up To 18 GHz
PE7055-40 PASTERNACK-PE7055-40 Datasheet
229Kb / 3P
   40 dB Fixed Attenuator, TNC Male To TNC Female Directional Aluminum Heatsink Black Anodized Body Rated To 50 Watts Up To 18 GHz
PE7055-10 PASTERNACK-PE7055-10 Datasheet
228Kb / 3P
   10 dB Fixed Attenuator, TNC Male To TNC Female Directional Aluminum Heatsink Black Anodized Body Rated To 50 Watts Up To 18 GHz
PE7055-20 PASTERNACK-PE7055-20 Datasheet
228Kb / 3P
   20 dB Fixed Attenuator, TNC Male To TNC Female Directional Aluminum Heatsink Black Anodized Body Rated To 50 Watts Up To 18 GHz
PE7053-6 PASTERNACK-PE7053-6 Datasheet
225Kb / 3P
   6 dB Fixed Attenuator, TNC Male To TNC Female Aluminum Heatsink Black Anodized Body Rated To 10 Watts Up To 18 GHz
PE7056-6 PASTERNACK-PE7056-6 Datasheet
219Kb / 3P
   6 dB Fixed Attenuator, TNC Male To TNC Female Directional Aluminum Heatsink Black Anodized Body Rated To 100 Watts Up To 1.5 GHz
PE7053-40 PASTERNACK-PE7053-40 Datasheet
224Kb / 3P
   40 dB Fixed Attenuator, TNC Male To TNC Female Aluminum Heatsink Black Anodized Body Rated To 10 Watts Up To 18 GHz
PE7053-30 PASTERNACK-PE7053-30 Datasheet
224Kb / 3P
   30 dB Fixed Attenuator, TNC Male To TNC Female Aluminum Heatsink Black Anodized Body Rated To 10 Watts Up To 18 GHz
PE7053-20 PASTERNACK-PE7053-20 Datasheet
225Kb / 3P
   20 dB Fixed Attenuator, TNC Male To TNC Female Aluminum Heatsink Black Anodized Body Rated To 10 Watts Up To 18 GHz
PE7053-10 PASTERNACK-PE7053-10 Datasheet
225Kb / 3P
   10 dB Fixed Attenuator, TNC Male To TNC Female Aluminum Heatsink Black Anodized Body Rated To 10 Watts Up To 18 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com