Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAWX5X0X Datasheet(PDF) 1 Page - Seoul Semiconductor

Part # SAWX5X0X
Description  Binning and Labeling Connect directly in AC Power Saving Long Life Time
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SAWX5X0X Datasheet(HTML) 1 Page - Seoul Semiconductor

  SAWX5X0X Datasheet HTML 1Page - Seoul Semiconductor SAWX5X0X Datasheet HTML 2Page - Seoul Semiconductor SAWX5X0X Datasheet HTML 3Page - Seoul Semiconductor SAWX5X0X Datasheet HTML 4Page - Seoul Semiconductor SAWX5X0X Datasheet HTML 5Page - Seoul Semiconductor SAWX5X0X Datasheet HTML 6Page - Seoul Semiconductor SAWX5X0X Datasheet HTML 7Page - Seoul Semiconductor SAWX5X0X Datasheet HTML 8Page - Seoul Semiconductor SAWX5X0X Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Rev. 01
Rev. 01
August 2012
August 2012
www.ACRICH.com
www.ACRICH.com
Document No. : SSC-QP-7-07-24 (Rev.00)
SAWX5X0X
Features
Connect directly in AC
Power Saving
Long Life Time
Simple BOM
Miniaturization
• Low thermal resistance
• SMT solderbility
• Lead Free product
• RoHS compliant
Applications
• Architectural lighting
• Task lighting
• Decorative / Pathway lighting
• Household appliances
The Acrich series of devices are
designed for ease of implementation
and readily connect to AC sources
emitting very high flux while avoiding
power losses associated with AC to
regulated DC conversion.
Acrich is a long-lasting, environmentally
friendly semiconductor light source that can be attached either directly
to AC voltages.
Acrich’s thermal management exceeds other power LED solutions
incorporating state-of-the-art SMD technology, thermal path design,
and materials.
Whether designing a spot light or tiled array the Acrich A5 is an ideal
light source for general purpose illumination applications.
This application note provides binning and labeling information of A5
series. It includes the A5 bins for luminous flux, color coordinates and
correlated color temperature for White.
Binning and Labeling
100V / 110V / 120V
220V / 230V
Description
* The appearance and specifications of the product can be changed
for improvement without notice.


Similar Part No. - SAWX5X0X

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
SAWX4A0X SEOUL-SAWX4A0X Datasheet
1Mb / 22P
   Designing with Acriche A4 Connect using a siple diode bridge directly to AC power
SAWX7X0A SEOUL-SAWX7X0A Datasheet
1Mb / 14P
   Binning and Labeling Connect in AC power with Bridge Diode
SAWX7X0A-1A SEOUL-SAWX7X0A-1A Datasheet
1Mb / 14P
   Binning and Labeling Connect in AC power with Bridge Diode
SAWX7X0A-1B SEOUL-SAWX7X0A-1B Datasheet
1Mb / 14P
   Binning and Labeling Connect in AC power with Bridge Diode
SAWX7X0A-1C SEOUL-SAWX7X0A-1C Datasheet
1Mb / 14P
   Binning and Labeling Connect in AC power with Bridge Diode
More results

Similar Description - SAWX5X0X

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
AX32X0 SEOUL-AX32X0_12 Datasheet
316Kb / 16P
   Binning and Labeling Connect directly in AC Power Saving Long Life Time
SAWX7X0A SEOUL-SAWX7X0A Datasheet
1Mb / 14P
   Binning and Labeling Connect in AC power with Bridge Diode
B42180 SEOUL-B42180 Datasheet
364Kb / 14P
   Binning and Labeling
logo
Cree, Inc
XL4550 CREE-XL4550 Datasheet
431Kb / 4P
   XLamp짰 4550 LEDs Binning and Labeling
XR7090AA-BC-0001 CREE-XR7090AA-BC-0001 Datasheet
311Kb / 6P
   XLamp짰 XR LED Binning and Labeling
logo
Seoul Semiconductor
SMJE-XD12W4PD SEOUL-SMJE-XD12W4PD Datasheet
1Mb / 25P
   Long Life Time
logo
Cree, Inc
XR-E CREE-XR-E Datasheet
442Kb / 11P
   XLamp XR-E and XR-C LED Binning and Labeling
XBDAWT-00-0000-00000HAE7 CREE-XBDAWT-00-0000-00000HAE7 Datasheet
1Mb / 13P
   XLAMP XB-D LED BINNING & LABELING
logo
Seoul Semiconductor
SMJC-2V08W2P4 SEOUL-SMJC-2V08W2P4 Datasheet
1Mb / 13P
   Acrich2 - 8.7W Candle Connect using a AIC directly to AC power
SMJE-3V12W2P4 SEOUL-SMJE-3V12W2P4 Datasheet
427Kb / 14P
   Acrich2 - 12.7W Bulb Connect using a AIC directly to AC power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com