Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAWX5B0X Datasheet(PDF) 7 Page - Seoul Semiconductor

Part # SAWX5B0X
Description  Binning and Labeling Connect directly in AC Power Saving Long Life Time
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SAWX5B0X Datasheet(HTML) 7 Page - Seoul Semiconductor

Back Button SAWX5B0X Datasheet HTML 3Page - Seoul Semiconductor SAWX5B0X Datasheet HTML 4Page - Seoul Semiconductor SAWX5B0X Datasheet HTML 5Page - Seoul Semiconductor SAWX5B0X Datasheet HTML 6Page - Seoul Semiconductor SAWX5B0X Datasheet HTML 7Page - Seoul Semiconductor SAWX5B0X Datasheet HTML 8Page - Seoul Semiconductor SAWX5B0X Datasheet HTML 9Page - Seoul Semiconductor SAWX5B0X Datasheet HTML 10Page - Seoul Semiconductor SAWX5B0X Datasheet HTML 11Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Rev. 01
Rev. 01
August 2012
August 2012
www.ACRICH.com
www.ACRICH.com
7
Document No. : SSC-QP-7-07-24 (Rev.00)
3. Warm White CIE
Warm White product tested and binned by x,y coordinates and CCT
- A5 Warm White bin structure
Tolerance
Color coordinate : ± 0.005
CCT : ±5% of value
Bin
Bin
Bin
Bin
CHR_X
CHR_X
CHR_X
CHR_X
CHR_Y
CHR_Y
CHR_Y
CHR_Y
CCT(K)
CCT(K)
CCT(K)
CCT(K)
Bin
Bin
Bin
Bin
CHR_X
CHR_X
CHR_X
CHR_X
CHR_Y
CHR_Y
CHR_Y
CHR_Y
CCT(K)
CCT(K)
CCT(K)
CCT(K)
Bin
Bin
Bin
Bin
CHR_X
CHR_X
CHR_X
CHR_X
CHR_Y
CHR_Y
CHR_Y
CHR_Y
CCT(K)
CCT(K)
CCT(K)
CCT(K)
0.4037
0.414
0.4354
0.4288
0.4619
0.4378
0.3996
0.4015
0.4299
0.4165
0.4562
0.426
0.4146
0.4089
0.443
0.4212
0.4687
0.4289
0.4197
0.4217
0.4487
0.4333
0.4747
0.441
0.3996
0.4015
0.4299
0.4165
0.4562
0.426
0.396
0.3907
0.4248
0.4048
0.4499
0.4138
0.4104
0.3978
0.4374
0.4093
0.462
0.4166
0.4146
0.4089
0.443
0.4212
0.4687
0.4289
0.396
0.3907
0.4248
0.4048
0.4499
0.4138
0.3925
0.3798
0.4198
0.3931
0.4436
0.4015
0.4062
0.3865
0.4317
0.3973
0.4551
0.4042
0.4104
0.3978
0.4374
0.4093
0.462
0.4166
0.3925
0.3798
0.4198
0.3931
0.4436
0.4015
0.3889
0.369
0.4147
0.3814
0.4373
0.3893
0.4017
0.3751
0.4259
0.3853
0.4483
0.3919
0.4062
0.3865
0.4317
0.3973
0.4551
0.4042
0.3889
0.369
0.4147
0.3814
0.4373
0.3893
0.386
0.36
0.4102
0.371
0.4312
0.3778
0.3983
0.366
0.4207
0.3744
0.4422
0.3805
0.4017
0.3751
0.4259
0.3853
0.4483
0.3919
0.4197
0.4217
0.4487
0.4333
0.4747
0.441
0.4146
0.4089
0.443
0.4212
0.4687
0.4289
0.4299
0.4165
0.4562
0.426
0.481
0.4319
0.4354
0.4288
0.4619
0.4378
0.4875
0.4435
0.4146
0.4089
0.443
0.4212
0.4687
0.4289
0.4104
0.3978
0.4374
0.4093
0.462
0.4166
0.4248
0.4048
0.4499
0.4138
0.474
0.4194
0.4299
0.4165
0.4562
0.426
0.481
0.4319
0.4104
0.3978
0.4374
0.4093
0.462
0.4166
0.4062
0.3865
0.4317
0.3973
0.4551
0.4042
0.4198
0.3931
0.4436
0.4015
0.4666
0.4069
0.4248
0.4048
0.4499
0.4138
0.474
0.4194
0.4062
0.3865
0.4317
0.3973
0.4551
0.4042
0.4017
0.3751
0.4259
0.3853
0.4483
0.3919
0.4147
0.3814
0.4373
0.3893
0.4593
0.3944
0.4198
0.3931
0.4436
0.4015
0.4666
0.4069
0.4017
0.3751
0.4259
0.3853
0.4483
0.3919
0.3983
0.366
0.4207
0.3744
0.4422
0.3805
0.4104
0.3715
0.4312
0.3778
0.4527
0.383
0.4147
0.3814
0.4373
0.3893
0.4593
0.3944
H5
2700~
2600K
H7
2700~
2600K
H1
2700~
2600K
H3
2700~
2600K
H6
2900~
2700K
H9
2700~
2600K
H2
2900~
2700K
H4
2900~
2700K
H8
2900~
2700K
H0
2900~
2700K
3000~
2900K
3000~
2900K
3000~
2900K
3000~
2900K
3200~
3000K
3200~
3000K
3200~
3000K
3200~
3000K
3500~
3200K
F7
F5
3500~
3200K
G3
G5
G0
G2
G4
G6
F6
F9
F1
G9
G1
3500~
3200K
3500~
3200K
3700~
3500K
F2
3700~
3500K
3700~
3500K
F4
3700~
3500K
F8
3700~
3500K
3000~
2900K
G7
F3
3500~
3200K
G8
3200~
3000K
F0


Similar Part No. - SAWX5B0X

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
SAWX4A0X SEOUL-SAWX4A0X Datasheet
1Mb / 22P
   Designing with Acriche A4 Connect using a siple diode bridge directly to AC power
SAWX7X0A SEOUL-SAWX7X0A Datasheet
1Mb / 14P
   Binning and Labeling Connect in AC power with Bridge Diode
SAWX7X0A-1A SEOUL-SAWX7X0A-1A Datasheet
1Mb / 14P
   Binning and Labeling Connect in AC power with Bridge Diode
SAWX7X0A-1B SEOUL-SAWX7X0A-1B Datasheet
1Mb / 14P
   Binning and Labeling Connect in AC power with Bridge Diode
SAWX7X0A-1C SEOUL-SAWX7X0A-1C Datasheet
1Mb / 14P
   Binning and Labeling Connect in AC power with Bridge Diode
More results

Similar Description - SAWX5B0X

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
AX32X0 SEOUL-AX32X0_12 Datasheet
316Kb / 16P
   Binning and Labeling Connect directly in AC Power Saving Long Life Time
SAWX7X0A SEOUL-SAWX7X0A Datasheet
1Mb / 14P
   Binning and Labeling Connect in AC power with Bridge Diode
B42180 SEOUL-B42180 Datasheet
364Kb / 14P
   Binning and Labeling
logo
Cree, Inc
XL4550 CREE-XL4550 Datasheet
431Kb / 4P
   XLamp짰 4550 LEDs Binning and Labeling
XR7090AA-BC-0001 CREE-XR7090AA-BC-0001 Datasheet
311Kb / 6P
   XLamp짰 XR LED Binning and Labeling
logo
Seoul Semiconductor
SMJE-XD12W4PD SEOUL-SMJE-XD12W4PD Datasheet
1Mb / 25P
   Long Life Time
logo
Cree, Inc
XR-E CREE-XR-E Datasheet
442Kb / 11P
   XLamp XR-E and XR-C LED Binning and Labeling
XBDAWT-00-0000-00000HAE7 CREE-XBDAWT-00-0000-00000HAE7 Datasheet
1Mb / 13P
   XLAMP XB-D LED BINNING & LABELING
logo
Seoul Semiconductor
SMJC-2V08W2P4 SEOUL-SMJC-2V08W2P4 Datasheet
1Mb / 13P
   Acrich2 - 8.7W Candle Connect using a AIC directly to AC power
SMJE-3V12W2P4 SEOUL-SMJE-3V12W2P4 Datasheet
427Kb / 14P
   Acrich2 - 12.7W Bulb Connect using a AIC directly to AC power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com