Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAWX7X0A-1B Datasheet(PDF) 10 Page - Seoul Semiconductor

Part # SAWX7X0A-1B
Description  Binning and Labeling Connect in AC power with Bridge Diode
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SAWX7X0A-1B Datasheet(HTML) 10 Page - Seoul Semiconductor

Back Button SAWX7X0A-1B Datasheet HTML 6Page - Seoul Semiconductor SAWX7X0A-1B Datasheet HTML 7Page - Seoul Semiconductor SAWX7X0A-1B Datasheet HTML 8Page - Seoul Semiconductor SAWX7X0A-1B Datasheet HTML 9Page - Seoul Semiconductor SAWX7X0A-1B Datasheet HTML 10Page - Seoul Semiconductor SAWX7X0A-1B Datasheet HTML 11Page - Seoul Semiconductor SAWX7X0A-1B Datasheet HTML 12Page - Seoul Semiconductor SAWX7X0A-1B Datasheet HTML 13Page - Seoul Semiconductor SAWX7X0A-1B Datasheet HTML 14Page - Seoul Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
APCPCWM_4828539:WP_0000001WP_0000001
Rev.
Rev. 01
01
July
July 2012
2012
www.ACRICH.com
www.ACRICH.com
10
Document No. : SSC-QP-7-07-24 (Rev.00)
1. Pure White
Order Code
LF
CC
VF
A1
Y2A1A~Y2A1D
Z1A1A~Z1A1D
Z2A1A~Z2A1D
A3
Y2A3A~Y2A3D
Z1A3A~Z1A3D
Z2A3A~Z2A3D
A5
Y2A5A~Y2A5D
Z1A5A~Z1A5D
Z2A5A~Z2A5D
B8
Y2B8A~Y2B8D Z1B8A~Z1B8D
Z2B8A~Z2B8D
B0
Y2B0A~Y2B0D Z1B0A~Z1B0D
Z2B0A~Z2B0D
B2
Y2B2A~Y2B2D Z1B2A~Z1B2D
Z2B2A~Z2B2D
B8
Y2B8A~Y2B8D Z1B8A~Z1B8D
Z2B8A~Z2B8D
B0
Y2B0A~Y2B0D Z1B0A~Z1B0D
Z2B0A~Z2B0D
B2
Y2B2A~Y2B2D Z1B2A~Z1B2D
Z2B2A~Z2B2D
B9
Y2B9A~Y2B9D Z1B9A~Z1B9D
Z2B9A~Z2B9D
B1
Y2B1A~Y2B1D Z1B1A~Z1B1D
Z2B1A~Z2B1D
B3
Y2B3A~Y2B3D Z1B3A~Z1B3D
Z2B3A~Z2B3D
B9
Y2B9A~Y2B9D Z1B9A~Z1B9D
Z2B9A~Z2B9D
B1
Y2B1A~Y2B1D Z1B1A~Z1B1D
Z2B1A~Z2B1D
B3
Y2B3A~Y2B3D Z1B3A~Z1B3D
Z2B3A~Z2B3D
C8
Y2C8A~Y2C8D Z1C8A~Z1C8D
Z2C8A~Z2C8D
C0
Y2C0A~Y2C0D Z1C0A~Z1C0D
Z2C0A~Z2C0D
C2
Y2C2A~Y2C2D Z1C2A~Z1C2D
Z2C2A~Z2C2D
C8
Y2C8A~Y2C8D Z1C8A~Z1C8D
Z2C8A~Z2C8D
C0
Y2C0A~Y2C0D Z1C0A~Z1C0D
Z2C0A~Z2C0D
C2
Y2C2A~Y2C2D Z1C2A~Z1C2D
Z2C2A~Z2C2D
C9
Y2C9A~Y2C9D Z1C9A~Z1C9D
Z2C9A~Z2C9D
C1
Y2C1A~Y2C1D Z1C1A~Z1C1D
Z2C1A~Z2C1D
C3
Y2C3A~Y2C3D Z1C3A~Z1C3D
Z2C3A~Z2C3D
Part No. – 2D
Y2
Z1
Z2
A
B
C
D
Standard O rder Codes for Pure white
Part No. – 2A
Y2
Z1
Z2
A
B
C
D
Bin Codes
Part No. – 2B
Y2
Z1
Z2
A
B
C
D
Part No. – 2C
Y2
Z1
Z2
A
B
C
D


Similar Part No. - SAWX7X0A-1B

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
SAWX4A0X SEOUL-SAWX4A0X Datasheet
1Mb / 22P
   Designing with Acriche A4 Connect using a siple diode bridge directly to AC power
SAWX5B0X SEOUL-SAWX5B0X Datasheet
333Kb / 15P
   Binning and Labeling Connect directly in AC Power Saving Long Life Time
SAWX5D0X SEOUL-SAWX5D0X Datasheet
333Kb / 15P
   Binning and Labeling Connect directly in AC Power Saving Long Life Time
SAWX5X0X SEOUL-SAWX5X0X Datasheet
333Kb / 15P
   Binning and Labeling Connect directly in AC Power Saving Long Life Time
SAWX5X0X-1A SEOUL-SAWX5X0X-1A Datasheet
333Kb / 15P
   Binning and Labeling Connect directly in AC Power Saving Long Life Time
More results

Similar Description - SAWX7X0A-1B

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
AX32X0 SEOUL-AX32X0_12 Datasheet
316Kb / 16P
   Binning and Labeling Connect directly in AC Power Saving Long Life Time
SAWX5X0X SEOUL-SAWX5X0X Datasheet
333Kb / 15P
   Binning and Labeling Connect directly in AC Power Saving Long Life Time
B42180 SEOUL-B42180 Datasheet
364Kb / 14P
   Binning and Labeling
logo
Cree, Inc
XL4550 CREE-XL4550 Datasheet
431Kb / 4P
   XLamp짰 4550 LEDs Binning and Labeling
XR7090AA-BC-0001 CREE-XR7090AA-BC-0001 Datasheet
311Kb / 6P
   XLamp짰 XR LED Binning and Labeling
XR-E CREE-XR-E Datasheet
442Kb / 11P
   XLamp XR-E and XR-C LED Binning and Labeling
XBDAWT-00-0000-00000HAE7 CREE-XBDAWT-00-0000-00000HAE7 Datasheet
1Mb / 13P
   XLAMP XB-D LED BINNING & LABELING
logo
Seoul Semiconductor
SAWX4A0X SEOUL-SAWX4A0X Datasheet
1Mb / 22P
   Designing with Acriche A4 Connect using a siple diode bridge directly to AC power
logo
ON Semiconductor
AFGY120T65SPD-B4 ONSEMI-AFGY120T65SPD-B4 Datasheet
1Mb / 11P
   Field Stop Trench IGBT With Soft Fast Recovery Diode and VCESAT, VTH Binning
June, 2020 ??Rev. 2
AFGY160T65SPD-B4 ONSEMI-AFGY160T65SPD-B4 Datasheet
2Mb / 11P
   Field Stop Trench IGBT With Soft Fast Recovery Diode and VCESAT, VTH Binning
June, 2020 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com