Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2-1393028-0 Datasheet(PDF) 3 Page - Tyco Electronics

Part # 2-1393028-0
Description  Slim Line Input/Output Modules
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

2-1393028-0 Datasheet(HTML) 3 Page - Tyco Electronics

  2-1393028-0 Datasheet HTML 1Page - Tyco Electronics 2-1393028-0 Datasheet HTML 2Page - Tyco Electronics 2-1393028-0 Datasheet HTML 3Page - Tyco Electronics 2-1393028-0 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
1120
P&B
Dimensions are shown for
reference purposes only.
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Catalog 1308242
Issued 3-03
Specifications and availability
subject to change.
www.tycoelectronics.com
Technical support:
Refer to inside back cover.
ODCM
DC Output Modules
Input Specifications
Output Specifications (@ +25˚C unless otherwise specified)
IDCM
DC Input Modules
Input Specifications
Output Specifications (@ +25˚C unless otherwise specified)
* Above 40°C, derate by 50mA/°C to 80°C.
PIN-1 must be positive with respect to PIN-2 for correct operation.
PIN-3 must be positive with respect to PIN-4 for correct operation.
* Nominal Turn-On and Turn-Off times for IDCM5A, IDCM15A & IDCM24A are 5 ms.
IDCM-5
IDCM-15
IDCM-24
IDCM-24
IDCM-5A
IDCM-15A
IDCM-24A
IDCM-5F
IDCM-15F
IDCM-24F
Parameter
Conditions
Units
Min
Typ Max Min Typ Max Min Typ Max Min Typ Max Min Typ Max Min Typ Max
Maximum Output Voltage
VDC
30
30
30
30
30
30
Maximum Output Current
mADC
50
50
50
50
50
50
Maximum Output Leakage Current VOUT=Max.
µADC
10
10
10
10
10
10
Maximum Output Voltage Drop
ISINK=50mA
VDC
.2
.2
.2
.2
.2
.2
Logic Supply Voltage VCC
VDC
3
5
6
12
15
18
202430
3
5
6
12
15
18
202430
Logic Supply Current
VCC=Max.
mADC
18
18
18
18
18
18
Turn-On Time (Nominal)
ISINK=25mA
ms
1*
1*
1*
.05
.05
.05
Turn-Off Time (Nominal)
ISINK=25mA
ms
1*
1*
1*
.10
.10
.10
Output Type (Open Collector)
Normally Open
Normally Open
Normally Open
Normally Open Normally Open
Normally Open
(SINKING)
(SINKING)
(SINKING)
(SINKING)
(SINKING)
(SINKING)
IDCM-5 IDCM-15
IDCM-5A IDCM-15A
IDCM-5F IDCM-15F
IDCM-24
IDCM-24A
IDCM-24F
Parameter
Conditions
Units
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Control Voltage Range VIN
VDC
±3.3
±24
±32
±10
±60
±4
±32
Must Operate Voltage VIN(OP)
VDC
±3.3
±10
±4
Must Release Voltage VIN(REL)
VDC
±2
±3
±1
Maximum Input Current
@VIN=Max.
mA
34
34
68
Input Resistance RIN
Ohms
1000
2000
500
ODCM-5 ODCM-5A
ODCM-15 ODCM-15A
ODCM-24 ODCM-24A
ODCM-U ODCM-UA
Parameter
Conditions
Units
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Control Voltage Range VIN
VDC
3
5
8
9
15
18
18
24
32
3
5
15
Must Operate Voltage VIN(OP)
VDC
3
9
18
3
Must Release Voltage VIN(REL)
VDC
1
1
1
1
Maximum Input Current
@VIN=Nominal
mADC
18
16
13
44
Input Resistance RIN
Ohms
250
1000
2000
360
ODCM-5 ODCM-15
ODCM-5A ODCM-15A
ODCM-24 ODCM-U
ODCM-24A ODCM-UA
Parameter
Conditions
Units
Min.
Typ.
Max.
Min.
Typ.
Max.
Load Voltage VL
VDC
3
60
3
250
Load Current IL*
ADC
.01
3
.01
1
Maximum Surge Current for 1 Second
ADC
5
5
Maximum Leakage Current (Off-State)
VL=MAX
µADC
500
2000
Maximum On-State Voltage Drop
IL=MAX
VDC
1.5
1.5
MaximumTurn-On Time
ms
.1
.1
MaximumTurn-Off Time
ms
.75
.75


Similar Part No. - 2-1393028-0

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1393028-1 MACOM-2-1393028-1 Datasheet
274Kb / 4P
   Slim Line Input/Output Modules
2-1393028-3 MACOM-2-1393028-3 Datasheet
77Kb / 4P
   Input/Output Modules
2-1393028-4 MACOM-2-1393028-4 Datasheet
77Kb / 4P
   Input/Output Modules
2-1393028-5 MACOM-2-1393028-5 Datasheet
77Kb / 4P
   Input/Output Modules
2-1393028-6 MACOM-2-1393028-6 Datasheet
77Kb / 4P
   Input/Output Modules
More results

Similar Description - 2-1393028-0

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1393028-1 MACOM-2-1393028-1 Datasheet
274Kb / 4P
   Slim Line Input/Output Modules
IACM MACOM-IACM Datasheet
274Kb / 4P
   Slim Line Input/Output Modules
OACM-5H MACOM-OACM-5H Datasheet
274Kb / 4P
   IACM/OACM IDCM/ODCM Slim Line Input/Output Modules
2IOM MACOM-2IOM Datasheet
258Kb / 5P
   Space Saving Mounting Boards for Slim Line Input/Output Modules
logo
TE Connectivity Ltd
2IOM TEC-2IOM Datasheet
258Kb / 5P
   Space Saving Mounting Boards for Slim Line Input/Output Modules
IACM TEC-IACM Datasheet
214Kb / 2P
   Slim Line AC Input Module
logo
Tyco Electronics
2-1393028-4 MACOM-2-1393028-4 Datasheet
77Kb / 4P
   Input/Output Modules
2-1393028-6 MACOM-2-1393028-6 Datasheet
77Kb / 4P
   Input/Output Modules
2-1393028-8 MACOM-2-1393028-8 Datasheet
77Kb / 4P
   Input/Output Modules
2-1393028-5 MACOM-2-1393028-5 Datasheet
77Kb / 4P
   Input/Output Modules
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com