Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT-F1288N-070P7Q Datasheet(PDF) 3 Page - Aeroflex Circuit Technology

Part # ACT-F1288N-070P7Q
Description  ACT-F128K8 High Speed 1 Megabit Monolithic FLASH
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT-F1288N-070P7Q Datasheet(HTML) 3 Page - Aeroflex Circuit Technology

  ACT-F1288N-070P7Q Datasheet HTML 1Page - Aeroflex Circuit Technology ACT-F1288N-070P7Q Datasheet HTML 2Page - Aeroflex Circuit Technology ACT-F1288N-070P7Q Datasheet HTML 3Page - Aeroflex Circuit Technology ACT-F1288N-070P7Q Datasheet HTML 4Page - Aeroflex Circuit Technology ACT-F1288N-070P7Q Datasheet HTML 5Page - Aeroflex Circuit Technology ACT-F1288N-070P7Q Datasheet HTML 6Page - Aeroflex Circuit Technology ACT-F1288N-070P7Q Datasheet HTML 7Page - Aeroflex Circuit Technology ACT-F1288N-070P7Q Datasheet HTML 8Page - Aeroflex Circuit Technology ACT-F1288N-070P7Q Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
Aeroflex Circuit Technology
SCD1676 REV A 5/6/98
Plainview NY (516) 694-6700
3
z
Absolute Maximum Ratings
Parameter
Symbol
Range
Units
Case Operating Temperature
TC
-55 to +125
°C
Storage Temperature Range
TSTG
-65 to +150
°C
Supply Voltage Range
VCC
-2.0 to +7.0
V
Signal Voltage Range (Any Pin Except A9) Note 1
VG
-2.0 to +7.0
V
Maximum Lead Temperature (10 seconds)
300
°C
Data Retention
10
Years
Endurance (Write/Erase cycles)
100,000 Minimum
A9 Voltage for sector protect, Note 2
VID
-2.0 to +14.0
V
Note 1. Minimum DC voltage on input or I/O pins is -0.5V. During voltage transitions, inputs may undershoot VSS to -2.0v for periods of
up to 20ns. Maximum DC voltage on input and I/O pins is VCC + 0.5V. During voltage transitions, inputs and I/O pins may
overshoot to VCC + 2.0V for periods up to 20 ns.
Note 2. Minimum DC input voltage on A9 is -0.5V. During voltage transitions, A9 may undershoot VSS to -2.0V for periods of up to 20ns.
Maximum DC input voltage on A9 is +12.5V which may overshoot to 14.0V for periods up to 20ns.
Normal Operating Conditions
Symbol
Parameter
Minimum
Maximum
Units
VCC
Power Supply Voltage
+4.5
+5.5
V
VIH
Input High Voltage
+2.0
VCC + 0.5
V
VIL
Input Low Voltage
-0.5
+0.8
V
Tc
Operating Temperature (Military)
-55
+125
°C
VID
A9 Voltage for sector protect
11.5
12.5
V
Capacitance
(VIN= 0V, f = 1MHz, Tc = 25°C)
Symbol
Parameter
Maximum
Units
CAD
A0 – A16 Capacitance
15
pF
COE
OE Capacitance
15
pF
CWE
Write Enable Capacitance
15
pF
CCE
Chip Enable Capacitance
15
pF
CI/O
I/O0 – I/O7 Capacitance
15
pF
Parameters Guaranteed but not tested
DC Characteristics – CMOS Compatible
(Vcc = 5.0V, Vss = 0V, Tc = -55°C to +125°C, unless otherwise indicated)
Parameter
Sym
Conditions
Speeds 60, 70, 90, 120 & 150ns
Minimum
Maximum
Units
Input Leakage Current
ILI
VCC = 5.5V, VIN = GND to VCC
10
µA
Output Leakage Current
ILO
VCC = 5.5V, VIN = GND to VCC
10
µA
Active Operating Supply Current for Read (1)
ICC1
CE = VIL
, OE = VIH, f = 5MHz
35
mA
Active Operating Supply Current for Program or Erase (2)
ICC2
CE = VIL
, OE = VIH
50
mA
Operating Standby Supply Current
ICC3
VCC = 5.5V, CE = VIH, f = 5MHz
1.6
mA
Output Low Voltage
VOL
IOL = +8.0 mA, VCC = 4.5V
0.45
V
Output High Voltage
VOH
IOH = –2.5 mA, VCC = 4.5V
0.85 x VCC
V
Low Power Supply Lock-Out Voltage (4)
VLKO
3.2
V
Note 1. The Icc current listed includes both the DC operating current and the frequency dependent component (At 6 MHz). The frequency
component typically is less than 2 mA/MHz, with OE at VIN.
Note 2. Icc active while Embedded Algorithm (Program or Erase) is in progress.
Note 3. DC Test conditions: VIL = 0.3V, VIH = VCC - 0.3V, unless otherwise indicated.
Note 4. Parameter Guaranteed by design, but not tested.


Similar Part No. - ACT-F1288N-070P7Q

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT-F128K32N-060F5C AEROFLEX-ACT-F128K32N-060F5C Datasheet
201Kb / 20P
   ACT-F128K32 High Speed 4 Megabit FLASH Multichip Module
ACT-F128K32N-060F5I AEROFLEX-ACT-F128K32N-060F5I Datasheet
201Kb / 20P
   ACT-F128K32 High Speed 4 Megabit FLASH Multichip Module
ACT-F128K32N-060F5M AEROFLEX-ACT-F128K32N-060F5M Datasheet
201Kb / 20P
   ACT-F128K32 High Speed 4 Megabit FLASH Multichip Module
ACT-F128K32N-060F5Q AEROFLEX-ACT-F128K32N-060F5Q Datasheet
201Kb / 20P
   ACT-F128K32 High Speed 4 Megabit FLASH Multichip Module
ACT-F128K32N-060F5T AEROFLEX-ACT-F128K32N-060F5T Datasheet
201Kb / 20P
   ACT-F128K32 High Speed 4 Megabit FLASH Multichip Module
More results

Similar Description - ACT-F1288N-070P7Q

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACTF512K8 AEROFLEX-ACTF512K8 Datasheet
149Kb / 21P
   ACT-F512K8 High Speed 4 Megabit Monolithic FLASH
ACTS512K8 AEROFLEX-ACTS512K8 Datasheet
83Kb / 8P
   ACT-S512K8 High Speed 4 Megabit Monolithic SRAM
ACTF512K32 AEROFLEX-ACTF512K32 Datasheet
238Kb / 20P
   ACT-F512K32 High Speed 16 Megabit FLASH Multichip Module
ACTF128K32 AEROFLEX-ACTF128K32 Datasheet
201Kb / 20P
   ACT-F128K32 High Speed 4 Megabit FLASH Multichip Module
ACT-PS512K8 AEROFLEX-ACT-PS512K8 Datasheet
73Kb / 6P
   ACT-PS512K8 High Speed 4 Megabit Plastic Monolithic SRAM
ACTF4M32A AEROFLEX-ACTF4M32A Datasheet
65Kb / 5P
   ACT-F4M32A High Speed 128 Megabit Sector Erase FLASH Multichip Module
ACTF1M32 AEROFLEX-ACTF1M32 Datasheet
149Kb / 9P
   ACT-F1M32 High Speed 32 Megabit Boot Block FLASH Multichip Module
ACTF2M32A AEROFLEX-ACTF2M32A Datasheet
92Kb / 9P
   ACT-F2M32A High Speed 64 Megabit Sector Erase FLASH Multichip Module
ACTE128K32 AEROFLEX-ACTE128K32 Datasheet
171Kb / 12P
   ACT-E128K32 High Speed 4 Megabit EEPROM Multichip Module
ACT-S512K32V AEROFLEX-ACT-S512K32V Datasheet
169Kb / 8P
   ACT-S512K32V High Speed 3.3Volt 16 Megabit SRAM Multichip Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com