Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT-F1288N-070P7Q Datasheet(PDF) 5 Page - Aeroflex Circuit Technology

Part # ACT-F1288N-070P7Q
Description  ACT-F128K8 High Speed 1 Megabit Monolithic FLASH
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT-F1288N-070P7Q Datasheet(HTML) 5 Page - Aeroflex Circuit Technology

  ACT-F1288N-070P7Q Datasheet HTML 1Page - Aeroflex Circuit Technology ACT-F1288N-070P7Q Datasheet HTML 2Page - Aeroflex Circuit Technology ACT-F1288N-070P7Q Datasheet HTML 3Page - Aeroflex Circuit Technology ACT-F1288N-070P7Q Datasheet HTML 4Page - Aeroflex Circuit Technology ACT-F1288N-070P7Q Datasheet HTML 5Page - Aeroflex Circuit Technology ACT-F1288N-070P7Q Datasheet HTML 6Page - Aeroflex Circuit Technology ACT-F1288N-070P7Q Datasheet HTML 7Page - Aeroflex Circuit Technology ACT-F1288N-070P7Q Datasheet HTML 8Page - Aeroflex Circuit Technology ACT-F1288N-070P7Q Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
Aeroflex Circuit Technology
SCD1676 REV A 5/6/98
Plainview NY (516) 694-6700
5
Device Operation
The ACT-F128K8 Monolithic module is composed of one,
1 megabit flash EEPROM.
Programming of the ACT-F128K8 is accomplished by
executing the program command sequence.
The
program algorithm, which is an internal algorithm,
automatically times the program pulse widths and
verifies proper cell status. Sectors can be programed
and verified in less than 0.3 second.
Erase is
accomplished
by
executing
the
erase
command
sequence.
The erase algorithm, which is internal,
automatically preprograms the array if it is not already
programed before executing the erase operation. During
erase, the device automatically times the erase pulse
widths and verifies proper cell status.
The entire
memory is typically erased and verified in 3 seconds
(if pre-programmed). The sector mode allows for 16K
byte blocks of memory to be erased and reprogrammed
without affecting other blocks.
Bus Operation
READ
The ACT-F128K8 has two control functions, both of
which must be logically active, to obtain data at the
outputs.
Chip Enable (CE) is the power control and
should be used for device selection. Output-Enable (OE)
is the output control and should be used to gate data to
the output pins of the chip selected. Figure 7 illustrates
AC read timing waveforms.
OUTPUT DISABLE
With Output-Enable at a logic high level (VIH), output
from the device is disabled. Output pins are placed in a
high impedance state.
STANDBY MODE
The ACT-F128K8 has two standby modes, a CMOS
standby mode (CE input held at Vcc + 0.5V), where the
current consumed is typically less than 400 µA; and a
TTL standby mode (CE is held VIH) is approximately 1
mA. In the standby mode the outputs are in a high
impedance state, independent of the OE input.
If
the
device
is
deselected
during
erasure
or
programming, the device will draw active current until the
operation is completed.
WRITE
Device erasure and programming are accomplished via
the command register.
The contents of the register
serve as input to the internal state machine. The state
machine outputs dictate the function of the device.
The command register itself does not occupy an
addressable memory location.
The register is a latch
used to store the command, along with address and data
information needed to execute the command.
The
command register is written by bringing WE to a logic
low level (VIL), while CE is low and OE is at VIH.
Addresses are latched on the falling edge of WE or CE,
whichever happens later. Data is latched on the rising
edge of the WE or CE whichever occurs first. Standard
microprocessor write timings are used.
Refer to AC
Program Characteristics and Waveforms, Figures 3,
8 and 13.
Command Definitions
Device operations are selected by writing specific
address and data sequences into the command register.
Table 3 defines these register command sequences.
READ/RESET COMMAND
The read or reset operation is initiated by writing the
read/reset command sequence into the command
register. Microprocessor read cycles retrieve array data
from the memory. The device remains enabled for reads
until the command register contents are altered.
The device will automatically power-up in the read/reset
state. In this case, a command sequence is not required
to read data. Standard microprocessor read cycles will
retrieve array data.
The device will automatically
power-up in the read/reset state. In this case, a
command sequence is not required to read data.
Standard Microprocessor read cycles will retrieve array
data. This default value ensures that no spurious
alteration of the memory content occurs during the
power transition. Refer to the AC Read Characteristics
and Figure 7 for the specific timing parameters.
Table 1 – Bus Operations
Operation
CE OE WE A0 A1 A9
I/O
READ
L
L
H
A0
A1
A9
DOUT
STANDBY
H
X
X
X
X
X
HIGH Z
OUTPUT DISABLE
L
H
H
X
X
X
HIGH Z
WRITE
L
H
L
A0
A1
A9
DIN
ENABLE SECTOR
PROTECT
L
VID
L
X
X
VID
X
VERIFY SECTOR
PROTECT
L
L
H
L
H
VID
Code
Table 2 – Sector Addresses Table
A16 A15
A14
Address Range
SA0
0
0
0
00000h – 03FFFh
SA1
0
0
1
04000h – 07FFFh
SA2
0
1
0
08000h – 0BFFFh
SA3
0
1
1
0C000h – 0FFFFh
SA4
1
0
0
10000h – 13FFFh
SA5
1
0
1
14000h – 17FFFh
SA6
1
1
0
18000h – 1BFFFh
SA7
1
1
1
1C000h – 1FFFFh


Similar Part No. - ACT-F1288N-070P7Q

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT-F128K32N-060F5C AEROFLEX-ACT-F128K32N-060F5C Datasheet
201Kb / 20P
   ACT-F128K32 High Speed 4 Megabit FLASH Multichip Module
ACT-F128K32N-060F5I AEROFLEX-ACT-F128K32N-060F5I Datasheet
201Kb / 20P
   ACT-F128K32 High Speed 4 Megabit FLASH Multichip Module
ACT-F128K32N-060F5M AEROFLEX-ACT-F128K32N-060F5M Datasheet
201Kb / 20P
   ACT-F128K32 High Speed 4 Megabit FLASH Multichip Module
ACT-F128K32N-060F5Q AEROFLEX-ACT-F128K32N-060F5Q Datasheet
201Kb / 20P
   ACT-F128K32 High Speed 4 Megabit FLASH Multichip Module
ACT-F128K32N-060F5T AEROFLEX-ACT-F128K32N-060F5T Datasheet
201Kb / 20P
   ACT-F128K32 High Speed 4 Megabit FLASH Multichip Module
More results

Similar Description - ACT-F1288N-070P7Q

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACTF512K8 AEROFLEX-ACTF512K8 Datasheet
149Kb / 21P
   ACT-F512K8 High Speed 4 Megabit Monolithic FLASH
ACTS512K8 AEROFLEX-ACTS512K8 Datasheet
83Kb / 8P
   ACT-S512K8 High Speed 4 Megabit Monolithic SRAM
ACTF512K32 AEROFLEX-ACTF512K32 Datasheet
238Kb / 20P
   ACT-F512K32 High Speed 16 Megabit FLASH Multichip Module
ACTF128K32 AEROFLEX-ACTF128K32 Datasheet
201Kb / 20P
   ACT-F128K32 High Speed 4 Megabit FLASH Multichip Module
ACT-PS512K8 AEROFLEX-ACT-PS512K8 Datasheet
73Kb / 6P
   ACT-PS512K8 High Speed 4 Megabit Plastic Monolithic SRAM
ACTF4M32A AEROFLEX-ACTF4M32A Datasheet
65Kb / 5P
   ACT-F4M32A High Speed 128 Megabit Sector Erase FLASH Multichip Module
ACTF1M32 AEROFLEX-ACTF1M32 Datasheet
149Kb / 9P
   ACT-F1M32 High Speed 32 Megabit Boot Block FLASH Multichip Module
ACTF2M32A AEROFLEX-ACTF2M32A Datasheet
92Kb / 9P
   ACT-F2M32A High Speed 64 Megabit Sector Erase FLASH Multichip Module
ACTE128K32 AEROFLEX-ACTE128K32 Datasheet
171Kb / 12P
   ACT-E128K32 High Speed 4 Megabit EEPROM Multichip Module
ACT-S512K32V AEROFLEX-ACT-S512K32V Datasheet
169Kb / 8P
   ACT-S512K32V High Speed 3.3Volt 16 Megabit SRAM Multichip Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com