Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT-F4M32A-100F1Q Datasheet(PDF) 1 Page - Aeroflex Circuit Technology

Part # ACT-F4M32A-100F1Q
Description  ACT-F4M32A High Speed 128 Megabit Sector Erase FLASH Multichip Module
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT-F4M32A-100F1Q Datasheet(HTML) 1 Page - Aeroflex Circuit Technology

  ACT-F4M32A-100F1Q Datasheet HTML 1Page - Aeroflex Circuit Technology ACT-F4M32A-100F1Q Datasheet HTML 2Page - Aeroflex Circuit Technology ACT-F4M32A-100F1Q Datasheet HTML 3Page - Aeroflex Circuit Technology ACT-F4M32A-100F1Q Datasheet HTML 4Page - Aeroflex Circuit Technology ACT-F4M32A-100F1Q Datasheet HTML 5Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
eroflex Circuit Technology - Advanced Multichip Modules © SCD3866 REV 1 12/4/98
Features
Block Diagram – CQFP(F2)
s 8 Low Voltage/Power AMD 2M x 8 FLASH Die in One
MCM Package
s Overall Configuration is 4M x 32
s +5V Power Supply / +5V Programing Operation
s Access Times of 100, 120 and 150 ns
s Erase/Program Cycles – 100,000 Minimum (+25°C)
s Sector erase architecture (Each Die)
q
32 uniform sectors of 64 Kbytes each
q
Any combination of sectors can be erased. Also
supports full chip erase
q
Sector group protection is user definable
s Embedded Erase Algorithims – Automatically
pre-programs and erases the die or any sector
s Embedded Program Algorithims – Automatically
programs and verifies data at specified address
s Ready/Busy output (RY/BY) – Hardware method for
detection of program or erase cycle completion
s Hardware RESET pin – Resets internal state machine
to the read mode
s Erase Suspend/Resume – Supports reading or
programming data to a sector not being erased
s Packaging – Hermetic Ceramic
q
68–Lead, Low Profile CQFP(F1), 1.56"SQ x .140"max
q
68–Lead, Dual-Cavity CQFP(F2), 0.88"SQ x .20"max
(.18 max thickness available, contact factory for details)
(Drops into the 68 Lead JEDEC .99"SQ CQFJ footprint)
s Internal Decoupling Capacitors for Low Noise
Operation
s Commercial, Industrial and Military Temperature
Ranges
s MIL-PRF-38534 Compliant MCMs Available
CIRCUIT TECHNOLOGY
Pin Description
I/O0-31
Data I/O
A0–20
Address Inputs
WE
Write Enable
CE1,2
Chip Enables
OE
Output Enable
RESET
Reset
RY/BY
Ready/Busy
VCC
Power Supply
GND
Ground
NC
Not Connected
www.aeroflex.com/act1.htm
Block Diagram – CQFP(F1)
Pin Description
I/O0-31
Data I/O
A0–21
Address Inputs
WE
Write Enables
CE1-4
Chip Enables
OE
Output Enable
RESET
Reset
RY/BY
Ready/Busy
VCC
Power Supply
GND
Ground
NC
Not Connected
Sector Erase
FLASH Multichip Module
ACT–F4M32A High Speed 128 Megabit
Advanced
WE
OE
A0 - A 20
RESET
I/O8-15
I/O16-23
I/O0-7
I/O24-31
2Mx8
2Mx8
2Mx8
2Mx8
2Mx8
2Mx8
2Mx8
2Mx8
8
8
8
8
CE2
CE1
WE
OE
A0 - A20
RESET
2Mx8
2Mx8
2Mx8
2Mx8
2Mx8
2Mx8
2Mx8
2Mx8
Buffer
8
8
8
8
I/O8-15
I/O16-23
I/O0-7
I/O24-31
A21
CE2
CE3
CE4
CE1
RY/BY
RY/BY


Similar Part No. - ACT-F4M32A-100F1Q

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT-F1288N-060F6C AEROFLEX-ACT-F1288N-060F6C Datasheet
150Kb / 21P
   ACT-F128K8 High Speed 1 Megabit Monolithic FLASH
ACT-F1288N-060F6I AEROFLEX-ACT-F1288N-060F6I Datasheet
150Kb / 21P
   ACT-F128K8 High Speed 1 Megabit Monolithic FLASH
ACT-F1288N-060F6M AEROFLEX-ACT-F1288N-060F6M Datasheet
150Kb / 21P
   ACT-F128K8 High Speed 1 Megabit Monolithic FLASH
ACT-F1288N-060F6Q AEROFLEX-ACT-F1288N-060F6Q Datasheet
150Kb / 21P
   ACT-F128K8 High Speed 1 Megabit Monolithic FLASH
ACT-F1288N-060F6T AEROFLEX-ACT-F1288N-060F6T Datasheet
150Kb / 21P
   ACT-F128K8 High Speed 1 Megabit Monolithic FLASH
More results

Similar Description - ACT-F4M32A-100F1Q

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACTF2M32A AEROFLEX-ACTF2M32A Datasheet
92Kb / 9P
   ACT-F2M32A High Speed 64 Megabit Sector Erase FLASH Multichip Module
ACTF512K32 AEROFLEX-ACTF512K32 Datasheet
238Kb / 20P
   ACT-F512K32 High Speed 16 Megabit FLASH Multichip Module
ACTF128K32 AEROFLEX-ACTF128K32 Datasheet
201Kb / 20P
   ACT-F128K32 High Speed 4 Megabit FLASH Multichip Module
ACTF1M32 AEROFLEX-ACTF1M32 Datasheet
149Kb / 9P
   ACT-F1M32 High Speed 32 Megabit Boot Block FLASH Multichip Module
ACTE128K32 AEROFLEX-ACTE128K32 Datasheet
171Kb / 12P
   ACT-E128K32 High Speed 4 Megabit EEPROM Multichip Module
ACT-S512K32V AEROFLEX-ACT-S512K32V Datasheet
169Kb / 8P
   ACT-S512K32V High Speed 3.3Volt 16 Megabit SRAM Multichip Module
ACT-S128K32V AEROFLEX-ACT-S128K32V Datasheet
120Kb / 7P
   ACT-S128K32V High Speed 3.3Volt 4 Megabit SRAM Multichip Module
ACTSF128K16 AEROFLEX-ACTSF128K16 Datasheet
169Kb / 11P
   ACT-SF128K16 High Speed 128Kx16 SRAM/FLASH Multichip Module
ACTSF512K16 AEROFLEX-ACTSF512K16 Datasheet
168Kb / 11P
   ACT-SF512K16 High Speed 512Kx16 SRAM/FLASH Multichip Module
ACTRS128K32 AEROFLEX-ACTRS128K32 Datasheet
137Kb / 8P
   RAD Tolerant ACT-RS128K32 High Speed 4 Megabit SRAM Multichip Module
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com