Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE7035-4 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE7035-4
Description  0 to 10 dB Rotary Step Attenuator, 75 Ohm BNC Female To 75 Ohm BNC Female With 1 dB Step Rated To 1 Watt Up To 1 GHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE7035-4 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE7035-4 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE7035-4 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE7035-4 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
Compliance Certifications (visit www.Pasternack.com for current document)
Plotted and Other Data
Notes:
Values at 25 °C, sea level
0 to 10 dB Rotary Step Attenuator, 75 Ohm BNC Female To 75 Ohm BNC Female With 1 dB Step Rated To 1 Watt Up To 1
GHz from Pasternack Enterprises has same day shipment for domestic and International orders. Our RF, microwave and fiber
optic products maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 0 to 10 dB Rotary Step Attenuator, 75 Ohm BNC Female To 75 Ohm BNC Female With 1 dB Step
Rated To 1 Watt Up To 1 GHz PE7035-4
URL: http://www.pasternack.com/10db-step-bnc-female-bnc-female-1-watt-attenuator-pe7035-4-p.aspx
PE7035-4
PE7035-4 REV
0 to 10 dB Rotary Step Attenuator, 75 Ohm BNC Female To 75
Ohm BNC Female With 1 dB Step Rated To 1 Watt Up To 1 GHz


Similar Part No. - PE7035-4

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7035-1 PASTERNACK-PE7035-1 Datasheet
254Kb / 3P
   0 to 1 dB Rotary Step Attenuator, 75 Ohm BNC Female To 75 Ohm BNC Female With 0.1 dB Step Rated To 1 Watt Up To 500 MHz
PE7035-2 PASTERNACK-PE7035-2 Datasheet
254Kb / 3P
   0 to 10 dB Rotary Step Attenuator, 75 Ohm BNC Female To 75 Ohm BNC Female With 1 dB Step Rated To 1 Watt Up To 500 MHz
PE7035-3 PASTERNACK-PE7035-3 Datasheet
254Kb / 3P
   0 to 70 dB Rotary Step Attenuator, 75 Ohm BNC Female To 75 Ohm BNC Female With 10 dB Step Rated To 1 Watt Up To 500 MHz
PE7035-5 PASTERNACK-PE7035-5 Datasheet
255Kb / 3P
   0 to 1 dB Rotary Step Attenuator, 75 Ohm BNC Female To 75 Ohm BNC Female With 0.1 dB Step Rated To 1 Watt Up To 1 GHz
More results

Similar Description - PE7035-4

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7035-5 PASTERNACK-PE7035-5 Datasheet
255Kb / 3P
   0 to 1 dB Rotary Step Attenuator, 75 Ohm BNC Female To 75 Ohm BNC Female With 0.1 dB Step Rated To 1 Watt Up To 1 GHz
PE7035-2 PASTERNACK-PE7035-2 Datasheet
254Kb / 3P
   0 to 10 dB Rotary Step Attenuator, 75 Ohm BNC Female To 75 Ohm BNC Female With 1 dB Step Rated To 1 Watt Up To 500 MHz
PE7038-1 PASTERNACK-PE7038-1 Datasheet
228Kb / 3P
   0 to 42 dB Toggle Step Attenuator, 75 Ohm BNC Female To 75 Ohm BNC Female With 1 dB Step Rated To 1 Watt Up To 1 GHz
PE7035-1 PASTERNACK-PE7035-1 Datasheet
254Kb / 3P
   0 to 1 dB Rotary Step Attenuator, 75 Ohm BNC Female To 75 Ohm BNC Female With 0.1 dB Step Rated To 1 Watt Up To 500 MHz
PE7038-2 PASTERNACK-PE7038-2 Datasheet
226Kb / 3P
   0 to 82.5 dB Toggle Step Attenuator, 75 Ohm BNC Female To 75 Ohm BNC Female With 0.5 dB Step Rated To 1 Watt Up To 1 GHz
PE7035-3 PASTERNACK-PE7035-3 Datasheet
254Kb / 3P
   0 to 70 dB Rotary Step Attenuator, 75 Ohm BNC Female To 75 Ohm BNC Female With 10 dB Step Rated To 1 Watt Up To 500 MHz
PE7038-3 PASTERNACK-PE7038-3 Datasheet
228Kb / 3P
   0 to 102 dB Toggle Step Attenuator, 75 Ohm BNC Female To 75 Ohm BNC Female With 1 dB Step Rated To 2 Watts Up To 1 GHz
PE7008-3 PASTERNACK-PE7008-3 Datasheet
230Kb / 3P
   0 to 65 dB Push Button Step Attenuator, 75 Ohm BNC Female To 75 Ohm BNC Female With 1 dB Step Rated To 1 Watt Up To 500 MHz
PE7034-1 PASTERNACK-PE7034-1 Datasheet
258Kb / 3P
   0 to 1 dB Rotary Step Attenuator, BNC Female To BNC Female With 0.1 dB Step Rated To 1 Watt Up To 1 GHz
PE7034-3 PASTERNACK-PE7034-3 Datasheet
258Kb / 3P
   0 to 10 dB Rotary Step Attenuator, BNC Female To BNC Female With 1 dB Step Rated To 1 Watt Up To 2 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com