Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT-E128K32C-120P3T Datasheet(PDF) 2 Page - Aeroflex Circuit Technology

Part # ACT-E128K32C-120P3T
Description  ACT-E128K32 High Speed 4 Megabit EEPROM Multichip Module
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT-E128K32C-120P3T Datasheet(HTML) 2 Page - Aeroflex Circuit Technology

  ACT-E128K32C-120P3T Datasheet HTML 1Page - Aeroflex Circuit Technology ACT-E128K32C-120P3T Datasheet HTML 2Page - Aeroflex Circuit Technology ACT-E128K32C-120P3T Datasheet HTML 3Page - Aeroflex Circuit Technology ACT-E128K32C-120P3T Datasheet HTML 4Page - Aeroflex Circuit Technology ACT-E128K32C-120P3T Datasheet HTML 5Page - Aeroflex Circuit Technology ACT-E128K32C-120P3T Datasheet HTML 6Page - Aeroflex Circuit Technology ACT-E128K32C-120P3T Datasheet HTML 7Page - Aeroflex Circuit Technology ACT-E128K32C-120P3T Datasheet HTML 8Page - Aeroflex Circuit Technology ACT-E128K32C-120P3T Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
A
A
Aeroflex Circuit Technology
SCD1662 REV B 9/5/01 Plainview NY (516) 694-6700
2
Absolute Maximum Ratings
Parameter
Symbol
Range
Units
Operating Temperature
TC
-55 to +125
°C
Storage Temperature Range
TSTG
-65 to +150
°C
All Input Voltages with respect to Ground
VG
-0.6 to +6.25
V
All Output Voltages with respect to Ground
-
-0.6 to VCC+0.6
V
Voltage on OE and A9 with respect to Ground
-
-0.6 to +13.5
V
NOTICE: Stresses above those listed under "Absolute Maximums Rating" may cause permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
Recommended Operating Conditions
Symbol
Parameter
Minimum
Maximum
Units
VCC
Power Supply Voltage
+4.5
+5.5
V
VIH
Input High Voltage
+2.0
VCC + 0.3
V
VIL
Input Low Voltage
-0.5
+0.8
V
TC
Case Operating Temperature (Military)
-55
+125
°C
Capacitance
(VIN = 0V, f = 1MHz, TC = 25°C)
Symbol
Parameter
Maximum
Units
CAD
A0 – A16 Capacitance
50
pF
COE
Output Enable Capacitance
50
pF
CWE(1-4)
Write Enable Capacitance
20
pF
CCE(1-4)
Chip Enable Capacitance
20
pF
CI/O
I/O0 – I/O31 Capacitance
20
pF
DC Characteristics
(Vcc = 5.0V, Vss = 0V, TC = -55°C to +125°C, unless otherwise specified)
Parameter
Sym
Conditions
Minimum
Maximum
Units
Input Leakage Current
ILI
VCC = 5.5V, VIN = GND to VCC
10
µA
Output Leakage Current
ILOX32
CE = OE = VIH
, VOUT = GND to VCC
10
µA
Operating Supply Current x 32 Mode
ICCX32 CE = VIL
, OE = VIH, f = 5Mhz
250
mA
Operating Supply Current
ISB
CE = VIH, OE = VIH
, f = 5Mhz
5mA
Output Low Voltage
VOL
IOL = +2.1mA, VCC = 4.5V
0.45
V
Output High Voltage
VOH
IOH = –400µA, VCC = 4.5V
2.4
V
Truth Table
CE
OE
WE
Mode
Data I/O
H
X
X
Standby
High Z
L
L
H
Read
Data Out
L
H
L
Write
Data In
X
H
X
Out Disable
High Z
XX
H
Write
Inhibit
-
XL
X
-


Similar Part No. - ACT-E128K32C-120P3T

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT-E1M32B-080F14C AEROFLEX-ACT-E1M32B-080F14C Datasheet
149Kb / 9P
   ACT-F1M32 High Speed 32 Megabit Boot Block FLASH Multichip Module
ACT-E1M32B-080F14I AEROFLEX-ACT-E1M32B-080F14I Datasheet
149Kb / 9P
   ACT-F1M32 High Speed 32 Megabit Boot Block FLASH Multichip Module
ACT-E1M32B-080F14M AEROFLEX-ACT-E1M32B-080F14M Datasheet
149Kb / 9P
   ACT-F1M32 High Speed 32 Megabit Boot Block FLASH Multichip Module
ACT-E1M32B-080F14Q AEROFLEX-ACT-E1M32B-080F14Q Datasheet
149Kb / 9P
   ACT-F1M32 High Speed 32 Megabit Boot Block FLASH Multichip Module
ACT-E1M32B-080F14T AEROFLEX-ACT-E1M32B-080F14T Datasheet
149Kb / 9P
   ACT-F1M32 High Speed 32 Megabit Boot Block FLASH Multichip Module
More results

Similar Description - ACT-E128K32C-120P3T

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACTF128K32 AEROFLEX-ACTF128K32 Datasheet
201Kb / 20P
   ACT-F128K32 High Speed 4 Megabit FLASH Multichip Module
ACT-S128K32V AEROFLEX-ACT-S128K32V Datasheet
120Kb / 7P
   ACT-S128K32V High Speed 3.3Volt 4 Megabit SRAM Multichip Module
ACTF512K32 AEROFLEX-ACTF512K32 Datasheet
238Kb / 20P
   ACT-F512K32 High Speed 16 Megabit FLASH Multichip Module
ACTRS128K32 AEROFLEX-ACTRS128K32 Datasheet
137Kb / 8P
   RAD Tolerant ACT-RS128K32 High Speed 4 Megabit SRAM Multichip Module
ACT-S512K32V AEROFLEX-ACT-S512K32V Datasheet
169Kb / 8P
   ACT-S512K32V High Speed 3.3Volt 16 Megabit SRAM Multichip Module
ACTF4M32A AEROFLEX-ACTF4M32A Datasheet
65Kb / 5P
   ACT-F4M32A High Speed 128 Megabit Sector Erase FLASH Multichip Module
ACTF2M32A AEROFLEX-ACTF2M32A Datasheet
92Kb / 9P
   ACT-F2M32A High Speed 64 Megabit Sector Erase FLASH Multichip Module
ACTF1M32 AEROFLEX-ACTF1M32 Datasheet
149Kb / 9P
   ACT-F1M32 High Speed 32 Megabit Boot Block FLASH Multichip Module
ACT-S128K32 AEROFLEX-ACT-S128K32 Datasheet
414Kb / 10P
   High Speed 4 Megabit SRAM Multichip Module
ACT-D1M96S AEROFLEX-ACT-D1M96S Datasheet
105Kb / 14P
   ACT-D1M96S High Speed 96 MegaBit 3.3V Synchronous DRAM Multichip Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com