Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT-F1M32T-100F14M Datasheet(PDF) 4 Page - Aeroflex Circuit Technology

Part # ACT-F1M32T-100F14M
Description  ACT-F1M32 High Speed 32 Megabit Boot Block FLASH Multichip Module
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT-F1M32T-100F14M Datasheet(HTML) 4 Page - Aeroflex Circuit Technology

  ACT-F1M32T-100F14M Datasheet HTML 1Page - Aeroflex Circuit Technology ACT-F1M32T-100F14M Datasheet HTML 2Page - Aeroflex Circuit Technology ACT-F1M32T-100F14M Datasheet HTML 3Page - Aeroflex Circuit Technology ACT-F1M32T-100F14M Datasheet HTML 4Page - Aeroflex Circuit Technology ACT-F1M32T-100F14M Datasheet HTML 5Page - Aeroflex Circuit Technology ACT-F1M32T-100F14M Datasheet HTML 6Page - Aeroflex Circuit Technology ACT-F1M32T-100F14M Datasheet HTML 7Page - Aeroflex Circuit Technology ACT-F1M32T-100F14M Datasheet HTML 8Page - Aeroflex Circuit Technology ACT-F1M32T-100F14M Datasheet HTML 9Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Aeroflex Circuit Technology
SCD1661B REV A 1/16/97 Plainview NY (516) 694-6700
4
VPP Deep Power Down Current
IPPD
RP = GND ± 0.2V
40
40
µA
VPP Read Current
IPPR
VPP > VPPH2
800
800
µA
VPP Write Current
IPPW1
VPP = VPPH1 (at 5V), Word Write in Progress (x32)
120
120
mA
IPPW2
VPP = VPPH2 (at 12V), Word Write in Progress (x32)
100
100
mA
VPP Erase Current
IPPE1
VPP = VPPH1 (at 5V), Block Erase in Progress
120
100
mA
IPPE2
VPP = VPPH2 (at 12V), Block Erase in Progress
100
80
mA
VPP Erase Suspend Current
IPPES
VPP = VPPH, Block Erase Suspend in Progress
800
800
µA
RP Boot Block Unlock Current
IRP
RP = VHH, VPP = 12V
2
2
mA
Output Low Voltage
VOL
VCC = VCCMin., IOL = 5.8 mA (5V), 2 mA (3.3V)
0.45
0.45
V
Output High Voltage
VOH1
VCC = VCCMin., IOH = -2.5 mA
0.85 x
VCC
0.85 x
VCC
V
VOH2
VCC = VCCMin., IOH = -100 µA
VCC -
0.4V
VCC -
0.4V
V
VPP Lock-Out Voltage
VPPLK
Complete Write Protection
0.0
1.5
0.0
1.5
V
VPP (Program/Erase Operations)
VPPH1
VPP = at 5V
4.5
5.5
4.5
5.5
V
VPP (Program/Erase Operations)
VPPH2
VPP = at 12V
11.4
12.6
11.4
12.6
V
VCC Erase/Write Lock Voltage
VLKO
Locked Condition
0
2.0
0
2.0
V
RP Unlock Voltage
VHH
Boot Block Write/Erase, VPP = 12V
11.4
12.6
11.4
12.6
V
Notes:
1. Performance at VCC = +4.5V to +5.5V is guaranteed. Performance at VCC = +3.3V is typical (Not tested).
AC Characteristics – Write/Erase/Program Operations – WE Controlled
(TA = -55
°C to +125°C, VCC = +4.5V to + 5.5V(5V Operation), or +3.0V to +3.6V(3.3V Operation), Unless otherwise specified)
Parameter
Symbol
JEDEC
Standard
+3.3V VCC (2)
Typical
+4.5V to +5.5V VCC
Units
120nS
Min Max
80nS
Min Max
100nS
Min Max
120nS
Min Max
Write Cycle Time
tAVAV
120
80
100
120
nS
RP High Recovery to WE Going Low
tPHWL
1.5
.45
.45
.45
µS
CE Setup to WE Going Low
tELWL
0
0
0
0
nS
Boot Block Unlock Setup to WE Going High(1)
tPHHWH
200
100
100
100
nS
VPP Setup to WE Going High (1)
tVPWH
200
100
100
100
nS
Address Setup to WE Going High
tAVWH
90
60
60
60
nS
Data Setup to WE Going High
tDVWH
70
60
60
60
nS
WE Pulse Width
tWLWH
90
60
60
60
nS
Data Hold Time from WE High
tWHDX
0
0
0
0
nS
Address Hold Time from WE High
tWHAX
0
0
0
0
nS
CE Hold Time from WE High
tWHEH
0
0
0
0
nS
WE Pulse Width High
tWHWL
30
20
20
20
nS
Duration of Word Write Operation (1) (x32)
tWHQV1
6
6
6
6
µS
Duration of Erase Operation (Boot) (1)
tWHQV2
0.3
0.3
0.3
0.3
Sec
Duration of Erase Operation (Parameter) (1)
tWHQV3
0.3
0.3
0.3
0.3
Sec
Duration of Erase Operation (Main) (1)
tWHQV4
0.6
0.6
0.6
0.6
Sec
VPP Hold from Valid SRD (1)
tQVVL
0
0
0
0
nS
RP VHH Hold from Valid SRD (1)
tQVPH
0
0
0
0
nS
Boot Block Lock Delay (1)
tPHBR
200
100
100
100
nS
Notes:
1. Guaranteed by design, not tested.
2. Performance at VCC = +4.5V to +5.5V is guaranteed. Performance at VCC = +3.3V is typical (Not tested).
DC Characteristics – CMOS Compatible
(TA = -55
°C to +125°C, VCC = +4.5V to + 5.5V(5V Operation), or +3.0V to +3.6V(3.3V Operation), Unless otherwise specified)
Parameter
Sym
Conditions
+3.3V VCC (1)
Typical
+5.0V VCC
Standard
Units
Min
Max
Min
Max


Similar Part No. - ACT-F1M32T-100F14M

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT-F1288N-060F6C AEROFLEX-ACT-F1288N-060F6C Datasheet
150Kb / 21P
   ACT-F128K8 High Speed 1 Megabit Monolithic FLASH
ACT-F1288N-060F6I AEROFLEX-ACT-F1288N-060F6I Datasheet
150Kb / 21P
   ACT-F128K8 High Speed 1 Megabit Monolithic FLASH
ACT-F1288N-060F6M AEROFLEX-ACT-F1288N-060F6M Datasheet
150Kb / 21P
   ACT-F128K8 High Speed 1 Megabit Monolithic FLASH
ACT-F1288N-060F6Q AEROFLEX-ACT-F1288N-060F6Q Datasheet
150Kb / 21P
   ACT-F128K8 High Speed 1 Megabit Monolithic FLASH
ACT-F1288N-060F6T AEROFLEX-ACT-F1288N-060F6T Datasheet
150Kb / 21P
   ACT-F128K8 High Speed 1 Megabit Monolithic FLASH
More results

Similar Description - ACT-F1M32T-100F14M

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACTF512K32 AEROFLEX-ACTF512K32 Datasheet
238Kb / 20P
   ACT-F512K32 High Speed 16 Megabit FLASH Multichip Module
ACTF128K32 AEROFLEX-ACTF128K32 Datasheet
201Kb / 20P
   ACT-F128K32 High Speed 4 Megabit FLASH Multichip Module
ACTF4M32A AEROFLEX-ACTF4M32A Datasheet
65Kb / 5P
   ACT-F4M32A High Speed 128 Megabit Sector Erase FLASH Multichip Module
ACTF2M32A AEROFLEX-ACTF2M32A Datasheet
92Kb / 9P
   ACT-F2M32A High Speed 64 Megabit Sector Erase FLASH Multichip Module
ACTE128K32 AEROFLEX-ACTE128K32 Datasheet
171Kb / 12P
   ACT-E128K32 High Speed 4 Megabit EEPROM Multichip Module
ACT-S512K32V AEROFLEX-ACT-S512K32V Datasheet
169Kb / 8P
   ACT-S512K32V High Speed 3.3Volt 16 Megabit SRAM Multichip Module
ACT-S128K32V AEROFLEX-ACT-S128K32V Datasheet
120Kb / 7P
   ACT-S128K32V High Speed 3.3Volt 4 Megabit SRAM Multichip Module
ACTSF128K16 AEROFLEX-ACTSF128K16 Datasheet
169Kb / 11P
   ACT-SF128K16 High Speed 128Kx16 SRAM/FLASH Multichip Module
ACTSF512K16 AEROFLEX-ACTSF512K16 Datasheet
168Kb / 11P
   ACT-SF512K16 High Speed 512Kx16 SRAM/FLASH Multichip Module
ACTRS128K32 AEROFLEX-ACTRS128K32 Datasheet
137Kb / 8P
   RAD Tolerant ACT-RS128K32 High Speed 4 Megabit SRAM Multichip Module
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com