Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BRF1A16NB Datasheet(PDF) 1 Page - Agere Systems

Part # BRF1A16NB
Description  Quad Differential Receivers BRF1A, BRF2A, BRS2B, BRR1A, and BRT1A
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

BRF1A16NB Datasheet(HTML) 1 Page - Agere Systems

  BRF1A16NB Datasheet HTML 1Page - Agere Systems BRF1A16NB Datasheet HTML 2Page - Agere Systems BRF1A16NB Datasheet HTML 3Page - Agere Systems BRF1A16NB Datasheet HTML 4Page - Agere Systems BRF1A16NB Datasheet HTML 5Page - Agere Systems BRF1A16NB Datasheet HTML 6Page - Agere Systems BRF1A16NB Datasheet HTML 7Page - Agere Systems BRF1A16NB Datasheet HTML 8Page - Agere Systems BRF1A16NB Datasheet HTML 9Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Data Sheet
April 2001
Quad Differential Receivers
BRF1A, BRF2A, BRS2B, BRR1A, and BRT1A
Features
s
Pin equivalent to the general-trade 26LS32 device,
with improved speed, reduced power consumption,
and significantly lower levels of EMI
s
High input impedance approximately 8 k
s
Four line receivers per package
s
400 Mbits/s maximum data rate when used with
Agere Systems Inc. data transmission drivers
s
Meets enhanced small device interface (ESDI)
standards
s
4.0 ns maximum propagation delay
s
<0.20 V input sensitivity
s
−1.2 V to +7.2 V common-mode range
s
−40 °C to +125 °C ambient operating temperature
range (wider than the 41 Series)
s
Single 5.0 V
± 10% supply
s
Output defaults to logic 1 when inputs are left
open*
s
Available in four package types
s
Lower power requirement than the 41 Series
Description
These quad differential receivers accept digital data
over balanced transmission lines. They translate
differential input logic levels to TTL output logic
levels. All devices in this family have four receivers
with a common enable control. These receivers are
pin equivalent to the general-trade 26LS32, but offer
increased speed and decreased power consumption.
They replace the Agere 41 Series receivers.
* This feature is available on BRF1A and BRF2A.
The BRF1A device is the generic receiver in this
family and requires the user to supply external
resistors on the circuit board for impedance
matching.
The BRF2A is identical to the BRF1A, but has an
electrostatic discharge (ESD) protection circuit
added to significantly improve the ESD human-body
model (HBM) characteristics on the differential input
terminals.
The BRS2B is identical to the BRF2A, but has a
preferred state feature that places the output in the
high state when the inputs are open, shorted to
ground, or shorted to the power supply.
The BRR1A is equivalent to the BRF1A, but has a
110
Ω resistor connected across the differential
inputs. This eliminates the need for an external
resistor when terminating a 100
Ω impedance line.
This device is designed to work with the DP1A or
PNPA in point-to-point applications.
The BRT1A is equivalent to the BRF1A; however, it
is provided with a Y-type resistor network across the
differential inputs and terminated to ground. The
Y-type termination provides the best EMI results.
This device is not recommended for applications
where the differences in ground voltage between the
driver and the receiver exceed 1 V. This device is
designed to work with the DG1A or PNGA in point-to-
point applications.
The powerdown loading characteristics of the
receiver input circuit are approximately 8 k
Ω relative
to the power supplies; hence, they will not load the
transmission line when the circuit is powered down.
For those circuits with termination resistors, the line
will remain impedance matched when the circuit is
powered down.
The packaging options that are available for these
quad differential line drivers include a 16-pin DIP; a
16-pin, J-lead SOJ; a 16-pin, gull-wing small-outline
integrated circuit (SOIC); and a 16-pin, narrow-body,
gull-wing SOIC.


Similar Part No. - BRF1A16NB

ManufacturerPart #DatasheetDescription
logo
Foshan Blue Rocket Elec...
BRF10N60 FOSHAN-BRF10N60 Datasheet
1Mb / 6P
   N-CHANNEL MOSFET in a TO-220FL Plastic Package
BRF10N65 FOSHAN-BRF10N65 Datasheet
1Mb / 6P
   N-CHANNEL MOSFET in a TO-220FL Plastic Package
BRF10N80 FOSHAN-BRF10N80 Datasheet
956Kb / 6P
   N-CHANNEL MOSFET in a TO-220FL Plastic Package
BRF12N10 FOSHAN-BRF12N10 Datasheet
794Kb / 6P
   N-CHANNEL MOSFET in a TO-220F Plastic Package
BRF12N60 FOSHAN-BRF12N60 Datasheet
937Kb / 6P
   N-CHANNEL MOSFET in a TO-220FL Plastic Package
More results

Similar Description - BRF1A16NB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS96F173M NSC-DS96F173M Datasheet
236Kb / 10P
   Quad Differential Receivers
DS96F173C NSC-DS96F173C Datasheet
238Kb / 10P
   Quad Differential Receivers
logo
Texas Instruments
TB3R1 TI-TB3R1 Datasheet
267Kb / 11P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
logo
National Semiconductor ...
DS26LS32C NSC-DS26LS32C Datasheet
140Kb / 6P
   Quad Differential Line Receivers
logo
Texas Instruments
TB3R2DR TI-TB3R2DR Datasheet
767Kb / 13P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
logo
National Semiconductor ...
DS3650 NSC-DS3650 Datasheet
197Kb / 10P
   Quad Differential Line Receivers
logo
Texas Instruments
TB3R1 TI1-TB3R1_17 Datasheet
789Kb / 13P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
logo
National Semiconductor ...
DS1650 NSC-DS1650 Datasheet
217Kb / 8P
   Quad Differential Line Receivers
logo
Texas Instruments
MC3450 TI1-MC3450_08 Datasheet
152Kb / 9P
[Old version datasheet]   QUAD DIFFERENTIAL LINE RECEIVERS
TB5R3 TI-TB5R3 Datasheet
627Kb / 15P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com