Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A371-22FD Datasheet(PDF) 2 Page - Agere Systems

Part # A371-22FD
Description  A371-Type Analog Uncooled Isolated DFB FastLight ??Laser Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

A371-22FD Datasheet(HTML) 2 Page - Agere Systems

  A371-22FD Datasheet HTML 1Page - Agere Systems A371-22FD Datasheet HTML 2Page - Agere Systems A371-22FD Datasheet HTML 3Page - Agere Systems A371-22FD Datasheet HTML 4Page - Agere Systems A371-22FD Datasheet HTML 5Page - Agere Systems A371-22FD Datasheet HTML 6Page - Agere Systems A371-22FD Datasheet HTML 7Page - Agere Systems A371-22FD Datasheet HTML 8Page - Agere Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
A371-Type Analog Uncooled Isolated
Data Sheet
DFB
FastLight Laser Module
January 1999
2
2
Lucent Technologies Inc.
Description
The A371-Type Uncooled Isolated Laser Module con-
sists of a laser diode coupled to a single-mode fiber
pigtail. The device is available in a standard, 8-pin con-
figuration (see Figure 1 and/or Table 1) and is ideal for
CATV applications.
The module includes a narrow linewidth (<1 nm), DFB-
MQW, single-mode laser and an InGaAs PIN photo-
diode back-facet monitor in a hermetically sealed pack-
age.
The device characteristics listed in this document are
met at 2.0 mW output power. Higher- or lower-power
operation is possible. Under conditions of a fixed pho-
todiode current, the change in optical output is typically
±0.5 dB over an operating temperature range of –40 °C
to +85
°C.
This device incorporates the new Laser 2000 manufac-
turing process from the Optoelectronics unit of Lucent
Technologies Microelectronics Group. Laser 2000 is a
low-cost platform that targets high-volume manufactur-
ing and tight product distributions on all optical subas-
semblies. This platform incorporates an advanced
optical design that is produced on Opto’s highly auto-
mated production lines. The Laser 2000 platform is
qualified for central office and uncontrolled environ-
ments, and can be used for applications requiring high
performance and low cost.
Figure 1. A371-Type Analog Uncooled Isolated DFB
Laser Module Schematic, Top View
Table 1. Pin Descriptions
Pin Number
Connection
1NC
2
Case ground
3NC
4
Photodiode cathode
5
Photodiode anode
6
Laser diode cathode
7
Laser diode anode
8NC
56
8
7
43
1
2
1-900 (C)
Absolute Maximum Ratings
Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. These are abso-
lute stress ratings only. Functional operation of the device is not implied at these or any other conditions in excess
of those given in the operations sections of the data sheet. Exposure to absolute maximum ratings for extended
periods can adversely affect device reliability.
* Rating varies with temperature.
Parameter
Symbol
Min
Max
Unit
Maximum Peak Laser Drive Current or
Maximum Fiber Power*
IOP
PMAX
150
10
mA
mW
Peak Reverse Laser Voltage:
Laser
Monitor
VRL
VRD
2
20
V
V
Monitor Forward Current
IFD
—2
mA
Operating Case Temperature Range
TC
–40
85
°C
Storage Case Temperature Range
Tstg
–40
85
°C
Lead Soldering Temperature/Time
260/10
°C/s
Relative Humidity (noncondensing)
RH
85
%


Similar Part No. - A371-22FD

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
A3715FSAAA1 DBLECTRO-A3715FSAAA1 Datasheet
313Kb / 1P
   D-SUB IDC FEMALE (DUAL U-SLOT)
A3715FSAAA2 DBLECTRO-A3715FSAAA2 Datasheet
313Kb / 1P
   D-SUB IDC FEMALE (DUAL U-SLOT)
A3715FSAAB1 DBLECTRO-A3715FSAAB1 Datasheet
313Kb / 1P
   D-SUB IDC FEMALE (DUAL U-SLOT)
A3715FSAAB2 DBLECTRO-A3715FSAAB2 Datasheet
313Kb / 1P
   D-SUB IDC FEMALE (DUAL U-SLOT)
A3715FSABA1 DBLECTRO-A3715FSABA1 Datasheet
313Kb / 1P
   D-SUB IDC FEMALE (DUAL U-SLOT)
More results

Similar Description - A371-22FD

ManufacturerPart #DatasheetDescription
logo
Agere Systems
D571 AGERE-D571 Datasheet
200Kb / 8P
   D571-Type Digital 1.5 m m Uncooled DFB FastLight ??Laser Module
D371 AGERE-D371 Datasheet
54Kb / 8P
   D371-Type Digital Uncooled DFB Laser Module
A370 AGERE-A370 Datasheet
157Kb / 8P
   A370-Type Analog Uncooled Laser Module
D572 AGERE-D572 Datasheet
370Kb / 8P
   D572-Type 1.5 m m Uncooled DFB FastLight ??Laser Module for 2.5 Gbits/s and High Bandwidth Applications
D2300 AGERE-D2300 Datasheet
265Kb / 8P
   1.3 mm D2300-Type Laser Isolated DFB Laser Module
logo
Micro Electronics
D2300 MICRO-ELECTRONICS-D2300 Datasheet
265Kb / 8P
   1.3 m D2300-Type Laser Isolated DFB Laser Module
logo
Optoway Technology Inc
DL-5300-1650 OPTOWAY-DL-5300-1650_09 Datasheet
80Kb / 4P
   1650 nm DFB LASER DIODE MODULE UNCOOLED MQW DFB LD WITH PIGTAIL
logo
Agere Systems
D372 AGERE-D372 Datasheet
56Kb / 8P
   D372-Type Digital Uncooled DFB Laser Module for 2.5 Gbits/s Applications
logo
Optoway Technology Inc
DL-5300-1625 OPTOWAY-DL-5300-1625 Datasheet
91Kb / 2P
   1625 nm DFB LASER DIODE MODULE UNCOOLED MQW DFB LD WITH PIGTAIL
DL-5300-1625 OPTOWAY-DL-5300-1625_09 Datasheet
78Kb / 3P
   1625 nm DFB LASER DIODE MODULE UNCOOLED MQW DFB LD WITH PIGTAIL
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com