Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BRF2A16E Datasheet(PDF) 8 Page - Agere Systems

Part # BRF2A16E
Description  Quad Differential Receivers BRF1A, BRF2A, BRS2B, BRR1A, and BRT1A
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

BRF2A16E Datasheet(HTML) 8 Page - Agere Systems

Back Button BRF2A16E Datasheet HTML 4Page - Agere Systems BRF2A16E Datasheet HTML 5Page - Agere Systems BRF2A16E Datasheet HTML 6Page - Agere Systems BRF2A16E Datasheet HTML 7Page - Agere Systems BRF2A16E Datasheet HTML 8Page - Agere Systems BRF2A16E Datasheet HTML 9Page - Agere Systems BRF2A16E Datasheet HTML 10Page - Agere Systems BRF2A16E Datasheet HTML 11Page - Agere Systems BRF2A16E Datasheet HTML 12Page - Agere Systems  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
8
Agere Systems Inc.
Data Sheet
April 2001
BRF1A, BRF2A, BRS2B, BRR1A, and BRT1A
Quad Differential Receivers
Power Dissipation
System designers incorporating Agere data
transmission drivers in their applications should be
aware of package and thermal information associated
with these components.
Proper thermal management is essential to the long-
term reliability of any plastic encapsulated integrated
circuit. Thermal management is especially important
for surface-mount devices, given the increasing circuit
pack density and resulting higher thermal density. A
key aspect of thermal management involves the
junction temperature (silicon temperature) of the
integrated circuit.
Several factors contribute to the resulting junction
temperature of an integrated circuit:
s
Ambient use temperature
s
Device power dissipation
s
Component placement on the board
s
Thermal properties of the board
s
Thermal impedance of the package
Thermal impedance of the package is referred to as
Θja and is measured in °C rise in junction temperature
per watt of power dissipation. Thermal impedance is
also a function of airflow present in system application.
The following equation can be used to estimate the
junction temperature of any device:
Tj = TA
+ PD
Θja
where:
Tj is device junction temperature (°C).
TA is ambient temperature (°C).
PD is power dissipation (W).
Θja is package thermal impedance (junction to
ambient°C/W).
The power dissipation estimate is derived from two
factors:
s
Internal device power
s
Power associated with output terminations
Multiplying ICC times VCC provides an estimate of
internal power dissipation.
The power dissipated in the output is a function of the:
s
Termination scheme on the outputs
s
Termination resistors
s
Duty cycle of the output
Package thermal impedance depends on:
s
Airflow
s
Package type (e.g., DIP, SOIC, SOIC/NB)
The junction temperature can be calculated using the
previous equation, after power dissipation levels and
package thermal impedances are known.
Figure 11 illustrates the thermal impedance estimates
for the various package types as a function of airflow.
This figure shows that package thermal impedance is
higher for the narrow-body SOIC package. Particular
attention should, therefore, be paid to the thermal
management issues when using this package type.
In general, system designers should attempt to
maintain junction temperature below 125 °C. The
following factors should be used to determine if specific
data transmission drivers in particular package types
meet the system reliability objectives:
s
System ambient temperature
s
Power dissipation
s
Package type
s
Airflow
12-2753(F)
Figure 11. Power Dissipation
DIP
SOIC/NB
J-LEAD SOIC/GULL WING
AIRFLOW (ft./min.)
200
400
600
800
1000
1200
0
40
50
60
70
80
90
100
110
120
130
140


Similar Part No. - BRF2A16E

ManufacturerPart #DatasheetDescription
logo
Foshan Blue Rocket Elec...
BRF20N50 FOSHAN-BRF20N50 Datasheet
868Kb / 6P
   N-CHANNEL MOSFET in a TO-220FL Plastic Package
BRF20N60 FOSHAN-BRF20N60 Datasheet
1Mb / 6P
   N-CHANNEL MOSFET in a TO-220FL Plastic Package
BRF2N60 FOSHAN-BRF2N60 Datasheet
1Mb / 6P
   N-CHANNEL MOSFET in a TO-220F Plastic Package
BRF2N65 FOSHAN-BRF2N65 Datasheet
1Mb / 6P
   N-CHANNEL MOSFET in a TO-220F Plastic Package
BRF2N70 FOSHAN-BRF2N70 Datasheet
1,012Kb / 6P
   N-CHANNEL MOSFET in a TO-220F Plastic Package
More results

Similar Description - BRF2A16E

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS96F173M NSC-DS96F173M Datasheet
236Kb / 10P
   Quad Differential Receivers
DS96F173C NSC-DS96F173C Datasheet
238Kb / 10P
   Quad Differential Receivers
logo
Texas Instruments
TB3R1 TI-TB3R1 Datasheet
267Kb / 11P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
logo
National Semiconductor ...
DS26LS32C NSC-DS26LS32C Datasheet
140Kb / 6P
   Quad Differential Line Receivers
logo
Texas Instruments
TB3R2DR TI-TB3R2DR Datasheet
767Kb / 13P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
logo
National Semiconductor ...
DS3650 NSC-DS3650 Datasheet
197Kb / 10P
   Quad Differential Line Receivers
logo
Texas Instruments
TB3R1 TI1-TB3R1_17 Datasheet
789Kb / 13P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
logo
National Semiconductor ...
DS1650 NSC-DS1650 Datasheet
217Kb / 8P
   Quad Differential Line Receivers
logo
Texas Instruments
MC3450 TI1-MC3450_08 Datasheet
152Kb / 9P
[Old version datasheet]   QUAD DIFFERENTIAL LINE RECEIVERS
TB5R3 TI-TB5R3 Datasheet
627Kb / 15P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com