Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ERT801-S Datasheet(PDF) 7 Page - Seoul Semiconductor

Part # ERT801-S
Description  Industry Standard PLCC SMT package Available in multiple colors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

ERT801-S Datasheet(HTML) 7 Page - Seoul Semiconductor

Back Button ERT801-S Datasheet HTML 3Page - Seoul Semiconductor ERT801-S Datasheet HTML 4Page - Seoul Semiconductor ERT801-S Datasheet HTML 5Page - Seoul Semiconductor ERT801-S Datasheet HTML 6Page - Seoul Semiconductor ERT801-S Datasheet HTML 7Page - Seoul Semiconductor ERT801-S Datasheet HTML 8Page - Seoul Semiconductor ERT801-S Datasheet HTML 9Page - Seoul Semiconductor ERT801-S Datasheet HTML 10Page - Seoul Semiconductor ERT801-S Datasheet HTML 11Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Rev. 00
Rev. 00
September 2010
September 2010
www.seoulsemicon.com
www.seoulsemicon.com
서식번호 : SSC-QP-7-07-24 (Rev.00)
5 Reliability
Item
Reference
Test Condition
Duration
/ Cycle
Number
of
Damage
Thermal Shock
EIAJ ED-4701
T
a
=-40oC (30MIN) ~ 100oC (30MIN)
100 Cycle
0/22
Temperature
Cycle
EIAJ ED-4701
T
a
=-40oC (30MIN) ~ 25oC (5MIN)
~ 100oC (30MIN) ~ 25oC (5MIN)
100 Cycle
0/22
High Temperature
Storage
EIAJ ED-4701
T
a
=100oC
1000
Hours
0/22
High Temperature
High Humidity
Storage
EIAJ ED-4701
T
a
=85oC, RH=85%
1000
Hours
0/22
Low Temperature
Storage
EIAJ ED-4701
T
a
=-40oC
1000
Hours
0/22
Operating
Endurance Test
Internal
Reference
T
a
=25oC,
I
F =30mA
1000
Hours
0/22
High Temperature
High Humidity
Life Test
Internal
Reference
T
a
=85oC, RH=85%,
I
F =15mA
300
Hours
0/22
High Temperature
Life Test
Internal
Reference
T
a
=100oC,
I
F =5mA
1000
Hours
0/22
Low Temperature
Life Test
Internal
Reference
T
a
=-40oC,
I
F =20mA
1000
Hours
0/22
ESD(HBM)
MIL-STD-
883D
1KV at 1.5kΩ; 100pF
3 Time
0/22
Item
Symbol
Condition
Criteria for Judgement
MIN
MAX
Forward Voltage
V
F
I
F =20mA
-
USL*1 × 1.2
Reverse Current
I
R
V
R=5V
-
USL*1 × 2.0
Luminous
Intensity
I
V
I
F =20mA
LSL*2 × 0.5
-
Note : *1 USL : Upper Standard Level
*2 LSL : Lower Standard Level
Criteria for Judging the Damage


Similar Part No. - ERT801-S

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
ERT801 SEOUL-ERT801 Datasheet
438Kb / 10P
   surface-mount LED
More results

Similar Description - ERT801-S

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
UPGT801-S SEOUL-UPGT801-S Datasheet
287Kb / 12P
   Industry Standard PLCC SMT package
UYGT801-S SEOUL-UYGT801-S Datasheet
335Kb / 13P
   Industry Standard PLCC SMT package
LUYT801-S SEOUL-LUYT801-S Datasheet
373Kb / 13P
   Industry Standard PLCC SMT package
FAT801-S SEOUL-FAT801-S Datasheet
316Kb / 13P
   Industry Standard PLCC SMT package
logo
Advanced Crystal Techno...
ACT_UM5_SMD_GULL_WING ACT-ACT_UM5_SMD_GULL_WING Datasheet
305Kb / 2P
   available in industry standard package & specifications
29/06/11
logo
Seoul Semiconductor
SPW08F0Z SEOUL-SPW08F0Z Datasheet
940Kb / 25P
   Industry Standard SMT package
logo
List of Unclassifed Man...
PLB124050 ETC2-PLB124050 Datasheet
361Kb / 10P
   Industry standard 3020 in PLCC-2
logo
TT Electronics.
PFC-HT TTELEC-PFC-HT Datasheet
668Kb / 2P
   Available in industry standard 0603
logo
Gilway Technical Lamp
GHB-PLCC-CW2 GILWAY-GHB-PLCC-CW2 Datasheet
100Kb / 4P
   This family of SMT LEDs is packaged in the industry standard PLCC-2 package.
logo
Advanced Crystal Techno...
ACT_HC49_U_STANDARD ACT-ACT_HC49_U_STANDARD Datasheet
501Kb / 4P
   family is available in industry standard package and specifications
20-11-2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com