Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT-E2M32A-090F18Q Datasheet(PDF) 1 Page - Aeroflex Circuit Technology

Part # ACT-E2M32A-090F18Q
Description  ACT-F2M32A High Speed 64 Megabit Sector Erase FLASH Multichip Module
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT-E2M32A-090F18Q Datasheet(HTML) 1 Page - Aeroflex Circuit Technology

  ACT-E2M32A-090F18Q Datasheet HTML 1Page - Aeroflex Circuit Technology ACT-E2M32A-090F18Q Datasheet HTML 2Page - Aeroflex Circuit Technology ACT-E2M32A-090F18Q Datasheet HTML 3Page - Aeroflex Circuit Technology ACT-E2M32A-090F18Q Datasheet HTML 4Page - Aeroflex Circuit Technology ACT-E2M32A-090F18Q Datasheet HTML 5Page - Aeroflex Circuit Technology ACT-E2M32A-090F18Q Datasheet HTML 6Page - Aeroflex Circuit Technology ACT-E2M32A-090F18Q Datasheet HTML 7Page - Aeroflex Circuit Technology ACT-E2M32A-090F18Q Datasheet HTML 8Page - Aeroflex Circuit Technology ACT-E2M32A-090F18Q Datasheet HTML 9Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
eroflex Circuit Technology - Advanced Multichip Modules © SCD1666A REV A 9/12/97
General Description
Utilizing AMD’s Sector Erase
Flash
Memory
Die,
the
ACT-F2M32A is a high speed,
64
megabit
CMOS
flash
multichip
module
(MCM)
designed for full temperature
range, military, space, or high
reliability applications.
The ACT-F2M32A consists of
four
high-performance
AMD
Am29F016 16Mbit (16,777,216
bit)
memory
die.
Each
die
contains 8 separately write or
erase
sector
groups
of
256Kbytes
(A
sector
group
consists of 4 adjacent sectors of
64Kbytes each).
The
command
register
is
written by bringing WE to a logic
low level (VIL), while CE is low
and OE is high (VIH). Reading is
accomplished by chip Enable
(CE) and Output Enable (OE)
being logically active. Access
time grades of 90ns, 120ns and
150ns maximum are standard.
Features
Block Diagram – CQFP(F18)
s 4 Low Voltage/Power AMD 2M x 8 FLASH Die in One
MCM Package
s Overall Configuration is 2M x 32
s +5V Power Supply / +5V Programing Operation
s Access Times of 90, 120 and 150 ns
s Erase/Program Cycles – 100,000 Minimum
s Sector erase architecture (Each Die)
q
32 uniform sectors of 64 Kbytes each
q
Any combination of sectors can be erased. Also
supports full chip erase
q
Sector group protection is user definable
s Embedded Erase Algorithims – Automatically
pre-programs and erases the die or any sector
s Embedded Program Algorithims – Automatically
programs and verifies data at specified address
s Ready/Busy output (RY/BY) – Hardware method for
detection of program or erase cycle completion
s Hardware RESET pin – Resets internal state machine
to the read mode
s Erase Suspend/Resume – Supports reading or
programming data to a sector not being erased
s Packaging – Hermetic Ceramic
q
68 Lead, .94" x .94" x .140" Single-Cavity Small
Outline Gull Wing, Aeroflex code# "F18" (Drops into
the 68 Lead JEDEC .99"SQ CQFJ footprint)
s Internal Decoupling Capacitors for Low Noise
Operation
s Commercial, Industrial and Military Temperature
Ranges
s MIL-PRF-38534 Compliant MCMs Available
CIRCUIT TECHNOLOGY
Pin Description
I/O0-31
Data I/O
A0–20
Address Inputs
WE1-4
Write Enable
CE1-4
Chip Enables
OE
Output Enable
RESET
Reset
VCC
Power Supply
GND
Ground
NC
Not Connected
2Mx8
2Mx8
2Mx8
2Mx8
CE4
OE
A0 A20
I/O0-7
I/O8-15
I/O16-23
I/O24-31
8
8
8
8
CE3 WE4
WE3
WE2
WE1 CE1
CE2
RESET
Optional Configuration
www.aeroflex.com/act1.htm
Block Diagram – CQFP(F18)
Standard Configuration
Pin Description
I/O0-31
Data I/O
A0–20
Address Inputs
WE
Write Enables
CE1-4
Chip Enables
OE
Output Enable
RY/BY
Ready/Busy
RESET
Reset
VCC
Power Supply
GND
Ground
NC
Not Connected
CE4
OE
A0 A20
I/O0-7
I/O8-15
I/O16-23
I/O24-31
8
8
8
8
CE3
WE
CE1
CE2
RESET
RY/BY
2Mx8
2Mx8
2Mx8
2Mx8
Sector Erase
FLASH Multichip Module
ACT–F2M32A High Speed 64 Megabit


Similar Part No. - ACT-E2M32A-090F18Q

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT-E128K32C-120F2C AEROFLEX-ACT-E128K32C-120F2C Datasheet
171Kb / 12P
   ACT-E128K32 High Speed 4 Megabit EEPROM Multichip Module
ACT-E128K32C-120F2I AEROFLEX-ACT-E128K32C-120F2I Datasheet
171Kb / 12P
   ACT-E128K32 High Speed 4 Megabit EEPROM Multichip Module
ACT-E128K32C-120F2M AEROFLEX-ACT-E128K32C-120F2M Datasheet
171Kb / 12P
   ACT-E128K32 High Speed 4 Megabit EEPROM Multichip Module
ACT-E128K32C-120F2Q AEROFLEX-ACT-E128K32C-120F2Q Datasheet
171Kb / 12P
   ACT-E128K32 High Speed 4 Megabit EEPROM Multichip Module
ACT-E128K32C-120F2T AEROFLEX-ACT-E128K32C-120F2T Datasheet
171Kb / 12P
   ACT-E128K32 High Speed 4 Megabit EEPROM Multichip Module
More results

Similar Description - ACT-E2M32A-090F18Q

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACTF4M32A AEROFLEX-ACTF4M32A Datasheet
65Kb / 5P
   ACT-F4M32A High Speed 128 Megabit Sector Erase FLASH Multichip Module
ACTF512K32 AEROFLEX-ACTF512K32 Datasheet
238Kb / 20P
   ACT-F512K32 High Speed 16 Megabit FLASH Multichip Module
ACTF128K32 AEROFLEX-ACTF128K32 Datasheet
201Kb / 20P
   ACT-F128K32 High Speed 4 Megabit FLASH Multichip Module
ACTF1M32 AEROFLEX-ACTF1M32 Datasheet
149Kb / 9P
   ACT-F1M32 High Speed 32 Megabit Boot Block FLASH Multichip Module
ACTE128K32 AEROFLEX-ACTE128K32 Datasheet
171Kb / 12P
   ACT-E128K32 High Speed 4 Megabit EEPROM Multichip Module
ACT-S512K32V AEROFLEX-ACT-S512K32V Datasheet
169Kb / 8P
   ACT-S512K32V High Speed 3.3Volt 16 Megabit SRAM Multichip Module
ACT-S128K32V AEROFLEX-ACT-S128K32V Datasheet
120Kb / 7P
   ACT-S128K32V High Speed 3.3Volt 4 Megabit SRAM Multichip Module
ACTSF128K16 AEROFLEX-ACTSF128K16 Datasheet
169Kb / 11P
   ACT-SF128K16 High Speed 128Kx16 SRAM/FLASH Multichip Module
ACTSF512K16 AEROFLEX-ACTSF512K16 Datasheet
168Kb / 11P
   ACT-SF512K16 High Speed 512Kx16 SRAM/FLASH Multichip Module
ACTRS128K32 AEROFLEX-ACTRS128K32 Datasheet
137Kb / 8P
   RAD Tolerant ACT-RS128K32 High Speed 4 Megabit SRAM Multichip Module
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com