Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE7039-10 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE7039-10
Description  10 dB Fixed Attenuator, 7/16 DIN Male To 7/16 DIN Female Rated To 5 Watts Up To 7.5 GHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE7039-10 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE7039-10 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE7039-10 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE7039-10 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
Plotted and Other Data
Notes:
Values at 25 °C, sea level
10 dB Fixed Attenuator, 7/16 DIN Male To 7/16 DIN Female Rated To 5 Watts Up To 7.5 GHz from Pasternack Enterprises
has same day shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99%
availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 10 dB Fixed Attenuator, 7/16 DIN Male To 7/16 DIN Female Rated To 5 Watts Up To 7.5 GHz
PE7039-10
URL:
http://www.pasternack.com/10db-fixed-7-16-male-7-16-female-5-watts-attenuator-pe7039-10-p.aspx
PE7039-10
PE7039-10 REV
10 dB Fixed Attenuator, 7/16 DIN Male To 7/16 DIN
Female Rated To 5 Watts Up To 7.5 GHz


Similar Part No. - PE7039-10

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7039-10 PASTERNACK-PE7039-10 Datasheet
239Kb / 3P
   10 dB Fixed Attenuator, 7/16 DIN Male to 7/16 DIN Female Brass Tri-Metal Body
PE7039-10 PASTERNACK-PE7039-10_16 Datasheet
239Kb / 3P
   10 dB Fixed Attenuator, 7/16 DIN Male to 7/16 DIN Female Brass Tri-Metal Body
More results

Similar Description - PE7039-10

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7040-10 PASTERNACK-PE7040-10 Datasheet
246Kb / 3P
   10 dB Fixed Attenuator, 7/16 DIN Male To 7/16 DIN Female Rated To 10 Watts Up To 7.5 GHz
PE7039-3 PASTERNACK-PE7039-3 Datasheet
211Kb / 3P
   3 dB Fixed Attenuator, 7/16 DIN Male To 7/16 DIN Female Rated To 5 Watts Up To 7.5 GHz
PE7039-2 PASTERNACK-PE7039-2 Datasheet
212Kb / 3P
   2 dB Fixed Attenuator, 7/16 DIN Male To 7/16 DIN Female Rated To 5 Watts Up To 7.5 GHz
PE7039-20 PASTERNACK-PE7039-20 Datasheet
212Kb / 3P
   20 dB Fixed Attenuator, 7/16 DIN Male To 7/16 DIN Female Rated To 5 Watts Up To 7.5 GHz
PE7039-6 PASTERNACK-PE7039-6 Datasheet
211Kb / 3P
   6 dB Fixed Attenuator, 7/16 DIN Male To 7/16 DIN Female Rated To 5 Watts Up To 7.5 GHz
PE7039-40 PASTERNACK-PE7039-40 Datasheet
212Kb / 3P
   40 dB Fixed Attenuator, 7/16 DIN Male To 7/16 DIN Female Rated To 5 Watts Up To 7.5 GHz
PE7040-20 PASTERNACK-PE7040-20 Datasheet
246Kb / 3P
   20 dB Fixed Attenuator, 7/16 DIN Male To 7/16 DIN Female Rated To 10 Watts Up To 7.5 GHz
PE7040-2 PASTERNACK-PE7040-2 Datasheet
246Kb / 3P
   2 dB Fixed Attenuator, 7/16 DIN Male To 7/16 DIN Female Rated To 10 Watts Up To 7.5 GHz
PE7040-30 PASTERNACK-PE7040-30 Datasheet
246Kb / 3P
   30 dB Fixed Attenuator, 7/16 DIN Male To 7/16 DIN Female Rated To 10 Watts Up To 7.5 GHz
PE7039-30 PASTERNACK-PE7039-30 Datasheet
211Kb / 3P
   30 dB Fixed Attenuator, 7/16 DIN Male To 7/16 DIN Female Rated To 5 Watts Up To 7.5 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com