Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT-E1M32T-100F14Q Datasheet(PDF) 5 Page - Aeroflex Circuit Technology

Part # ACT-E1M32T-100F14Q
Description  ACT-F1M32 High Speed 32 Megabit Boot Block FLASH Multichip Module
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT-E1M32T-100F14Q Datasheet(HTML) 5 Page - Aeroflex Circuit Technology

  ACT-E1M32T-100F14Q Datasheet HTML 1Page - Aeroflex Circuit Technology ACT-E1M32T-100F14Q Datasheet HTML 2Page - Aeroflex Circuit Technology ACT-E1M32T-100F14Q Datasheet HTML 3Page - Aeroflex Circuit Technology ACT-E1M32T-100F14Q Datasheet HTML 4Page - Aeroflex Circuit Technology ACT-E1M32T-100F14Q Datasheet HTML 5Page - Aeroflex Circuit Technology ACT-E1M32T-100F14Q Datasheet HTML 6Page - Aeroflex Circuit Technology ACT-E1M32T-100F14Q Datasheet HTML 7Page - Aeroflex Circuit Technology ACT-E1M32T-100F14Q Datasheet HTML 8Page - Aeroflex Circuit Technology ACT-E1M32T-100F14Q Datasheet HTML 9Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Aeroflex Circuit Technology
SCD1661B REV A 1/16/97 Plainview NY (516) 694-6700
5
AC Characteristics – Write/Erase/Program Operations, CE Controlled
(TA = -55
°C to +125°C, VCC = +4.5V to + 5.5V(5V Operation), or +3.0V to +3.6V(3.3V Operation), Unless otherwise specified)
Parameter
Symbol
JEDEC
Standard
+3.3V
VCC (2)
Typical
+4.5V to +5.5V VCC
Units
120nS
Min Max
80nS
Min Max
100nS
Min Max
120nS
Min Max
Write Cycle Time
tAVAV
120
80
100
120
nS
RP High Recovery to CE Low
tPHEL
1.5
.45
.45
.45
µS
WE Setup to CE Going Low
tWLEL
0
0
0
0
nS
Boot Block Unlock Setup to CE Going High (1)
tPHHEH
200
100
100
100
nS
VPP Setup to CE Going High (1)
tVPEH
200
100
100
100
nS
Address Setup to CE Going High
tAVEH
90
60
60
60
nS
Data Setup to CE Going High
tDVEH
70
60
60
60
nS
CE Pulse Width
tELEH
90
60
60
60
nS
Data Hold Time from CE High
tEHDX
0
0
0
0
nS
Address Hold Time from CE High
tEHAX
0
0
0
0
nS
WE Hold Time from CE High
tEHWH
0
0
0
0
nS
CE Pulse Width High
tEHEL
20
20
20
20
nS
Duration of Word Write Operation (1) (x32)
tEHQV1
6
6
6
6
µS
Duration of Erase Operation (Boot) (1)
tEHQV2
0.3
0.3
0.3
0.3
Sec
Duration of Erase Operation (Parameter) (1)
tEHQV3
0.3
0.3
0.3
0.3
Sec
Duration of Erase Operation (Main) (1)
tEHQV4
0.6
0.6
0.6
0.6
Sec
VPP Hold from Valid SRD (1)
tQVVL
0
0
0
0
nS
RP VHH Hold from Valid SRD (1)
tQVPH
0
0
0
0
nS
Boot Block Lock Delay (1)
tPHBR
200
100
100
100
nS
NOTES:
1. Sampled, but not 100% tested.
2. Performance at VCC = +4.5V to +5.5V is guaranteed. Performance at VCC = +3.3V is typical (Not Tested).
AC Characteristics – Read Only Operations
(TA = -55
°C to +125°C, VCC = +4.5V to + 5.5V(5V Operation), or +3.0V to +3.6V(3.3V Operation), Unless otherwise specified)
Parameter
Symbol
JEDEC
Standard
+3.3V
VCC (2)
Typical
+4.5V to +5.5V VCC
Units
120nS
Min Max
80nS
Min Max
100nS
Min Max
120nS
Min Max
Read Cycle Time
tAVAV
120
80
100
120
nS
Address to Output Delay
tAVQV
120
80
100
120
nS
CE to Output Delay
tELQV
120
80
100
120
nS
RP to Output Delay
tPHQV
1.5
.45
.45
.45
µS
OE to Output Delay
tGLQV
65
40
40
40
nS
CE to Output in Low Z (1)
tELQX
0
0
0
0
nS
CE to Output in High Z (1)
tEHQZ
55
30
30
30
nS
OE to Output in Low Z (1)
tGLQX
0
0
0
0
nS
OE to Output in High Z (1)
tGHQZ
45
30
30
30
nS
Output Hold from Address, CE, or OE Change,
Whichever Occurs First (1)
tOH
0
0
0
0
nS
Notes:
1. Guaranteed by design, but not tested.
2. Performance at VCC = +4.5V to +5.5V is guaranteed. Performance at VCC = +3.3V is typical (Not Tested).


Similar Part No. - ACT-E1M32T-100F14Q

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT-E128K32C-120F2C AEROFLEX-ACT-E128K32C-120F2C Datasheet
171Kb / 12P
   ACT-E128K32 High Speed 4 Megabit EEPROM Multichip Module
ACT-E128K32C-120F2I AEROFLEX-ACT-E128K32C-120F2I Datasheet
171Kb / 12P
   ACT-E128K32 High Speed 4 Megabit EEPROM Multichip Module
ACT-E128K32C-120F2M AEROFLEX-ACT-E128K32C-120F2M Datasheet
171Kb / 12P
   ACT-E128K32 High Speed 4 Megabit EEPROM Multichip Module
ACT-E128K32C-120F2Q AEROFLEX-ACT-E128K32C-120F2Q Datasheet
171Kb / 12P
   ACT-E128K32 High Speed 4 Megabit EEPROM Multichip Module
ACT-E128K32C-120F2T AEROFLEX-ACT-E128K32C-120F2T Datasheet
171Kb / 12P
   ACT-E128K32 High Speed 4 Megabit EEPROM Multichip Module
More results

Similar Description - ACT-E1M32T-100F14Q

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACTF512K32 AEROFLEX-ACTF512K32 Datasheet
238Kb / 20P
   ACT-F512K32 High Speed 16 Megabit FLASH Multichip Module
ACTF128K32 AEROFLEX-ACTF128K32 Datasheet
201Kb / 20P
   ACT-F128K32 High Speed 4 Megabit FLASH Multichip Module
ACTF4M32A AEROFLEX-ACTF4M32A Datasheet
65Kb / 5P
   ACT-F4M32A High Speed 128 Megabit Sector Erase FLASH Multichip Module
ACTF2M32A AEROFLEX-ACTF2M32A Datasheet
92Kb / 9P
   ACT-F2M32A High Speed 64 Megabit Sector Erase FLASH Multichip Module
ACTE128K32 AEROFLEX-ACTE128K32 Datasheet
171Kb / 12P
   ACT-E128K32 High Speed 4 Megabit EEPROM Multichip Module
ACT-S512K32V AEROFLEX-ACT-S512K32V Datasheet
169Kb / 8P
   ACT-S512K32V High Speed 3.3Volt 16 Megabit SRAM Multichip Module
ACT-S128K32V AEROFLEX-ACT-S128K32V Datasheet
120Kb / 7P
   ACT-S128K32V High Speed 3.3Volt 4 Megabit SRAM Multichip Module
ACTSF128K16 AEROFLEX-ACTSF128K16 Datasheet
169Kb / 11P
   ACT-SF128K16 High Speed 128Kx16 SRAM/FLASH Multichip Module
ACTSF512K16 AEROFLEX-ACTSF512K16 Datasheet
168Kb / 11P
   ACT-SF512K16 High Speed 512Kx16 SRAM/FLASH Multichip Module
ACTRS128K32 AEROFLEX-ACTRS128K32 Datasheet
137Kb / 8P
   RAD Tolerant ACT-RS128K32 High Speed 4 Megabit SRAM Multichip Module
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com