Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE7065-14 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE7065-14
Description  40 dB Continuously Variable Attenuator, SMA Female To SMA Female Aluminum Body Rated To 5 Watts From 12.4 GHz To 18 GHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE7065-14 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE7065-14 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE7065-14 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE7065-14 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
40 dB Continuously Variable Attenuator, SMA Female To SMA Female Aluminum Body Rated To 5 Watts
From 12.4 GHz To 18 GHz
Configuration
Design
Continuously Variable, Bidirectional Attenuator
Connector 1
SMA Female
Connector 2
SMA Female
Body Material and Plating
Aluminum
Electrical Specifications
Frequency Range, GHz
12.4 to 18
Impedance, Ohms
50
Attenuation Value, dB
0.75 to 40
Step Type
Rotary
Maximum Input Power, Watts
5
Maximum VSWR
1.5:1
Insertion Loss, dB
0.75
Mechanical Specifications
Temperature
Operating Range, deg C
-65 to +125
Size
Length, in [mm]
4.5 [114.3]
Width, in [mm]
4 [101.6]
Height, in [mm]
4 [101.6]
.
Connector 1
Type
SMA Female
Outer Conductor Material and Plating
Aluminum
Connector 2
Type
SMA Female
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 40 dB Continuously Variable Attenuator, SMA Female To SMA Female Aluminum Body Rated
To 5 Watts From 12.4 GHz To 18 GHz PE7065-14
PE7065-14
PE7065-14 REV
40 dB Continuously Variable Attenuator, SMA
Female To SMA Female Aluminum Body Rated
To 5 Watts From 12.4 GHz To 18 GHz


Similar Part No. - PE7065-14

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7065-14 PASTERNACK-PE7065-14 Datasheet
369Kb / 2P
   0 to 40 dB Rotary Continuously Variable Attenuator, SMA Female To SMA Female Rated To 5 Watts
PE7065-14 PASTERNACK-PE7065-14_14 Datasheet
369Kb / 2P
   0 to 40 dB Rotary Continuously Variable Attenuator, SMA Female To SMA Female Rated To 5 Watts
More results

Similar Description - PE7065-14

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7065-10 PASTERNACK-PE7065-10 Datasheet
225Kb / 3P
   40 dB Continuously Variable Attenuator, SMA Female To SMA Female Aluminum Body Rated To 5 Watts From 8 GHz To 12.4 GHz
PE7065-11 PASTERNACK-PE7065-11 Datasheet
220Kb / 3P
   10 dB Continuously Variable Attenuator, SMA Female To SMA Female Aluminum Body Rated To 5 Watts From 12.4 GHz To 18 GHz
PE7065-12 PASTERNACK-PE7065-12 Datasheet
220Kb / 3P
   20 dB Continuously Variable Attenuator, SMA Female To SMA Female Aluminum Body Rated To 5 Watts From 12.4 GHz To 18 GHz
PE7065-13 PASTERNACK-PE7065-13 Datasheet
220Kb / 3P
   30 dB Continuously Variable Attenuator, SMA Female To SMA Female Aluminum Body Rated To 5 Watts From 12.4 GHz To 18 GHz
PE7065-7 PASTERNACK-PE7065-7 Datasheet
223Kb / 3P
   10 dB Continuously Variable Attenuator, SMA Female To SMA Female Aluminum Body Rated To 5 Watts From 8 GHz To 12.4 GHz
PE7065-8 PASTERNACK-PE7065-8 Datasheet
223Kb / 3P
   20 dB Continuously Variable Attenuator, SMA Female To SMA Female Aluminum Body Rated To 5 Watts From 8 GHz To 12.4 GHz
PE7065-9 PASTERNACK-PE7065-9 Datasheet
223Kb / 3P
   30 dB Continuously Variable Attenuator, SMA Female To SMA Female Aluminum Body Rated To 5 Watts From 8 GHz To 12.4 GHz
PE7065-2 PASTERNACK-PE7065-2 Datasheet
223Kb / 3P
   10 dB Continuously Variable Attenuator, SMA Female To SMA Female Aluminum Body Rated To 5 Watts From 2 GHz To 4 GHz
PE7065-1 PASTERNACK-PE7065-1 Datasheet
222Kb / 3P
   7 dB Continuously Variable Attenuator, SMA Female To SMA Female Aluminum Body Rated To 5 Watts From 1 GHz To 2 GHz
PE7065-4 PASTERNACK-PE7065-4 Datasheet
223Kb / 3P
   10 dB Continuously Variable Attenuator, SMA Female To SMA Female Aluminum Body Rated To 5 Watts From 4 GHz To 8 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com