Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FW802A Datasheet(PDF) 9 Page - Agere Systems

Part # FW802A
Description  Low-Power PHY IEEE 1394A-2000 Two-Cable Transceiver/Arbiter Device
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

FW802A Datasheet(HTML) 9 Page - Agere Systems

Back Button FW802A Datasheet HTML 5Page - Agere Systems FW802A Datasheet HTML 6Page - Agere Systems FW802A Datasheet HTML 7Page - Agere Systems FW802A Datasheet HTML 8Page - Agere Systems FW802A Datasheet HTML 9Page - Agere Systems FW802A Datasheet HTML 10Page - Agere Systems FW802A Datasheet HTML 11Page - Agere Systems FW802A Datasheet HTML 12Page - Agere Systems FW802A Datasheet HTML 13Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
Agere Systems Inc.
9
Data Sheet, Rev. 3
June 2001
Two-Cable Transceiver/Arbiter Device
FW802A Low-Power PHY IEEE
35
TPA0
Analog I/O Portn, Port Cable Pair A. TPAn is the port A connection to the twisted-
pair cable. Board traces from each pair of positive and negative differen-
tial signal pins should be kept matched and as short as possible to the
external load resistors and to the cable connector.
40
TPA1
34
TPB0+
Analog I/O Portn, Port Cable Pair B. TPBn is the port B connection to the twisted-
pair cable. Board traces from each pair of positive and negative differen-
tial signal pins should be kept matched and as short as possible to the
external load resistors and to the cable connector.
39
TPB1+
33
TPB0
Analog I/O Portn, Port Cable Pair B. TPBn is the port B connection to the twisted-
pair cable. Board traces from each pair of positive and negative differen-
tial signal pins should be kept matched and as short as possible to the
external load resistors and to the cable connector.
38
TPB1
37
TPBIAS0
Analog I/O Portn, Twisted-Pair Bias. TPBIAS provides the 1.86 V nominal bias
voltage needed for proper operation of the twisted-pair cable drivers and
receivers and for sending a valid cable connection signal to the remote
nodes.
42
TPBIAS1
7, 17,
26, 27, 62
VDD
Digital Power. VDD supplies power to the digital portion of the device.
30, 31,
43, 50, 51
VDDA
Analog Circuit Power. VDDA supplies power to the analog portion of the
device.
2, 14,
25, 56, 64
VSS
Digital Ground. All VSS signals should be tied to the low-impedance
ground plane.
32, 49,
52, 53
VSSA
Analog Circuit Ground. All VSSA signals should be tied together to a low-
impedance ground plane.
59
XI
Crystal Oscillator. XI and XO connect to a 24.576 MHz parallel resonant
fundamental mode crystal. Although, when a 24.576 MHz clock source is
used, it can be connected to XI with XO left unconnected. The optimum
values for the external shunt capacitors are dependent on the specifica-
tions of the crystal used. It is suggested that two 12 pF shunt capacitors
be used for a crystal with a specified 7 pF loading capacitance. For more
details, see Crystal Selection Considerations in the Application Informa-
tion section.
60
XO
Signal Information (continued)
Table 1. Signal Descriptions (continued)
Pin
Signal*
Type
Name/Description
* Active-low signals are indicated by “/” at the beginning of signal names, within this document.


Similar Part No. - FW802A

ManufacturerPart #DatasheetDescription
logo
Agere Systems
FW802B AGERE-FW802B Datasheet
340Kb / 26P
   Low-Power PHY IEEE짰 1394A-2000 Two-Cable Transceiver/Arbiter Device
FW802B-DB AGERE-FW802B-DB Datasheet
340Kb / 26P
   Low-Power PHY IEEE짰 1394A-2000 Two-Cable Transceiver/Arbiter Device
FW802BF AGERE-FW802BF Datasheet
529Kb / 26P
   Low-Power PHY 1394a-2000 Two-Cable Transceiver/Arbiter Device
FW802BF-09-DB AGERE-FW802BF-09-DB Datasheet
529Kb / 26P
   Low-Power PHY 1394a-2000 Two-Cable Transceiver/Arbiter Device
FW802C AGERE-FW802C Datasheet
301Kb / 24P
   FW 802C LOW - POWER IEEE 1394A-2000 TWO CABLE TRANSCEIVER/ ARBITER DEVICE
More results

Similar Description - FW802A

ManufacturerPart #DatasheetDescription
logo
Agere Systems
FW802BF AGERE-FW802BF Datasheet
529Kb / 26P
   Low-Power PHY 1394a-2000 Two-Cable Transceiver/Arbiter Device
FW801A AGERE-FW801A Datasheet
378Kb / 24P
   Low-Power PHY IEEE 1394A-2000 One-Cable Transceiver/Arbiter Device
FW802B AGERE-FW802B Datasheet
340Kb / 26P
   Low-Power PHY IEEE짰 1394A-2000 Two-Cable Transceiver/Arbiter Device
FW802C AGERE-FW802C Datasheet
301Kb / 24P
   FW 802C LOW - POWER IEEE 1394A-2000 TWO CABLE TRANSCEIVER/ ARBITER DEVICE
FW801BF AGERE-FW801BF Datasheet
550Kb / 26P
   Low-Power PHY 1394a-2000 One-Cable Transceiver/Arbiter Device
FW803 AGERE-FW803 Datasheet
395Kb / 24P
   PHY IEEE 1394A Three-Cable Transceiver/Arbiter Device
FW804 AGERE-FW804 Datasheet
398Kb / 24P
   PHY IEEE 1394A Four-Cable Transceiver/Arbiter Device
logo
Texas Instruments
TSB41AB2 TI1-TSB41AB2_14 Datasheet
1Mb / 55P
[Old version datasheet]   IEEE 1394a-2000 TWO-PORT CABLE TRANSCEIVER/ARBITER
TSB41AB2 TI-TSB41AB2 Datasheet
699Kb / 50P
[Old version datasheet]   IEEE 1394a-2000 TWO-PORT CABLE TRANSCEVER/ARBITER
TSB41LV02A TI-TSB41LV02A Datasheet
630Kb / 50P
[Old version datasheet]   IEEE 1394a TWO PORT CABLE TRANSCEIVER/ARBITER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com