Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FW802 Datasheet(PDF) 8 Page - Agere Systems

Part # FW802
Description  Low-Power PHY IEEE 1394A-2000 Two-Cable Transceiver/Arbiter Device
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

FW802 Datasheet(HTML) 8 Page - Agere Systems

Back Button FW802 Datasheet HTML 4Page - Agere Systems FW802 Datasheet HTML 5Page - Agere Systems FW802 Datasheet HTML 6Page - Agere Systems FW802 Datasheet HTML 7Page - Agere Systems FW802 Datasheet HTML 8Page - Agere Systems FW802 Datasheet HTML 9Page - Agere Systems FW802 Datasheet HTML 10Page - Agere Systems FW802 Datasheet HTML 11Page - Agere Systems FW802 Datasheet HTML 12Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
88
Agere Systems Inc.
Data Sheet, Rev. 3
June 2001
Two-Cable Transceiver/Arbiter Device
FW802A Low-Power PHY IEEE 1394A-2000
Signal Information (continued)
Table 1. Signal Descriptions (continued)
Pin
Signal*
Type
Name/Description
16
LPS
I
Link Power Status. LPS is connected to either the VDD supplying the
LLC or to a pulsed output that is active when the LLC is powered for the
purpose of monitoring the LLC power status. If LPS is inactive for more
than 1.2
µs and less than 25 µs, interface is reset. If LPS is inactive for
greater than 25
µs, the PHY will disable the PHY/Link interface to save
power. FW802A continues its repeater function.
1LREQ
I
Link Request. LREQ is an output from the LLC that requests the PHY to
perform some service. Bus-keeper circuitry is built into this terminal.
44, 45, 46,
47, 48
NC
No Connect.
20
PC0
I
Power-Class Indicators. On hardware reset, these inputs set the default
value of the power class indicated during self-ID. These bits can be
programmed by tying the signals to VDD (high) or to ground (low).
21
PC1
22
PC2
19
PD
I
Powerdown. When asserted high, PD turns off all internal circuitry except
the bias-detect circuits that drive the CNA signal. Internal FW802A logic is
kept in the reset state as long as PD is asserted. PD terminal is provided
for backward compatibility. It is recommended that the FW802A be
allowed to manage its own power consumption using suspend/resume in
conjunction with LPS. C/LKON features are defined in 1394a-2000.
57
PLLVDD
Power for PLL Circuit. PLLVDD supplies power to the PLL circuitry
portion of the device.
58
PLLVSS
Ground for PLL Circuit. PLLVSS is tied to a low-impedance ground
plane.
54
R0
I
Current Setting Resistor. An internal reference voltage is applied to a
resistor connected between R0 and R1 to set the operating current and
the cable driver output current. A low temperature-coefficient resistor
(TCR) with a value of 2.49 k
Ω ± 1% should be used to meet the
IEEE 1394-1995 standard requirements for output voltage limits.
55
R1
61
/RESET
I
Reset (Active-Low). When /RESET is asserted low (active), the FW802A
is reset. An internal pull-up resistor, which is connected to VDD, is
provided, so only an external delay capacitor is required. This input is a
standard logic buffer and can also be driven by an open-drain logic output
buffer.
28
SE
I
Test Mode Control. SE is used during the manufacturing test and should
be tied to VSS.
29
SM
I
Test Mode Control. SM is used during the manufacturing test and should
be tied to VSS.
63
SYSCLK
O
System Clock. SYSCLK provides a 49.152 MHz clock signal, which is
synchronized with the data transfers to the LLC.
36
TPA0+
Analog I/O Portn, Port Cable Pair A. TPAn is the port A connection to the twisted-
pair cable. Board traces from each pair of positive and negative differen-
tial signal pins should be kept matched and as short as possible to the
external load resistors and to the cable connector.
41
TPA1+
* Active-low signals are indicated by “/” at the beginning of signal names, within this document.


Similar Part No. - FW802

ManufacturerPart #DatasheetDescription
logo
Agere Systems
FW802B AGERE-FW802B Datasheet
340Kb / 26P
   Low-Power PHY IEEE짰 1394A-2000 Two-Cable Transceiver/Arbiter Device
FW802B-DB AGERE-FW802B-DB Datasheet
340Kb / 26P
   Low-Power PHY IEEE짰 1394A-2000 Two-Cable Transceiver/Arbiter Device
FW802BF AGERE-FW802BF Datasheet
529Kb / 26P
   Low-Power PHY 1394a-2000 Two-Cable Transceiver/Arbiter Device
FW802BF-09-DB AGERE-FW802BF-09-DB Datasheet
529Kb / 26P
   Low-Power PHY 1394a-2000 Two-Cable Transceiver/Arbiter Device
FW802C AGERE-FW802C Datasheet
301Kb / 24P
   FW 802C LOW - POWER IEEE 1394A-2000 TWO CABLE TRANSCEIVER/ ARBITER DEVICE
More results

Similar Description - FW802

ManufacturerPart #DatasheetDescription
logo
Agere Systems
FW802BF AGERE-FW802BF Datasheet
529Kb / 26P
   Low-Power PHY 1394a-2000 Two-Cable Transceiver/Arbiter Device
FW801A AGERE-FW801A Datasheet
378Kb / 24P
   Low-Power PHY IEEE 1394A-2000 One-Cable Transceiver/Arbiter Device
FW802B AGERE-FW802B Datasheet
340Kb / 26P
   Low-Power PHY IEEE짰 1394A-2000 Two-Cable Transceiver/Arbiter Device
FW802C AGERE-FW802C Datasheet
301Kb / 24P
   FW 802C LOW - POWER IEEE 1394A-2000 TWO CABLE TRANSCEIVER/ ARBITER DEVICE
FW801BF AGERE-FW801BF Datasheet
550Kb / 26P
   Low-Power PHY 1394a-2000 One-Cable Transceiver/Arbiter Device
FW803 AGERE-FW803 Datasheet
395Kb / 24P
   PHY IEEE 1394A Three-Cable Transceiver/Arbiter Device
FW804 AGERE-FW804 Datasheet
398Kb / 24P
   PHY IEEE 1394A Four-Cable Transceiver/Arbiter Device
logo
Texas Instruments
TSB41AB2 TI1-TSB41AB2_14 Datasheet
1Mb / 55P
[Old version datasheet]   IEEE 1394a-2000 TWO-PORT CABLE TRANSCEIVER/ARBITER
TSB41AB2 TI-TSB41AB2 Datasheet
699Kb / 50P
[Old version datasheet]   IEEE 1394a-2000 TWO-PORT CABLE TRANSCEVER/ARBITER
TSB41LV02A TI-TSB41LV02A Datasheet
630Kb / 50P
[Old version datasheet]   IEEE 1394a TWO PORT CABLE TRANSCEIVER/ARBITER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com