Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L7556 Datasheet(PDF) 7 Page - Agere Systems

Part # L7556
Description  Low-Power SLICs with Battery Switch
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

L7556 Datasheet(HTML) 7 Page - Agere Systems

Back Button L7556 Datasheet HTML 3Page - Agere Systems L7556 Datasheet HTML 4Page - Agere Systems L7556 Datasheet HTML 5Page - Agere Systems L7556 Datasheet HTML 6Page - Agere Systems L7556 Datasheet HTML 7Page - Agere Systems L7556 Datasheet HTML 8Page - Agere Systems L7556 Datasheet HTML 9Page - Agere Systems L7556 Datasheet HTML 10Page - Agere Systems L7556 Datasheet HTML 11Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
Lucent Technologies Inc.
7
Data Sheet
January 2000
with Battery Switch
L7556, L7557 Low-Power SLICs
Recommended Operating Conditions
Electrical Characteristics
Minimum and maximum values are testing requirements. Typical values are characteristic of the device and are
the result of engineering evaluations. Typical values are for information purposes only and are not part of the test-
ing requirements. Minimum and maximum values apply across the entire temperature range (–40 °C to +85 °C)
and the entire battery range unless otherwise specified. Typical is defined as 25 °C, VCC = 5.0 V, VBAT1 = –48 V,
VBAT2 = –48 V, and ILIM= 40 mA. Positive currents flow into the device. Test circuit is Figure 4 unless noted.
Table 4. Power Supply
1. This parameter is not tested in production. It is guaranteed by design and device characterization.
Parameter
Min
Typ
Max
Unit
Ambient Temperature
–40
85
°C
VCC Supply Voltage
4.75
5.0
5.25
V
VBAT1 Supply Voltage
–24
–48
–60
V
VBAT2 Supply Voltage
–16
–28
VBAT1
V
Loop Closure Threshold-detection Programming Range
10
ILIM
mA
dc Loop Current-limit Programming Range
5
22
45
mA
On- and Off-hook 2-wire Signal Level
1
2.2
Vrms
ac Termination Impedance Programming Range
150
600
1300
Parameter
Min
Typ
Max
Unit
Power Supply—Powerup, No Loop Current:
ICC
IBAT (VBAT = –48 V)
Power Dissipation (VBAT = –48 V)
2.8
–2.3
125
155
mA
mA
mW
Power Supply Rejection 500 Hz to 3 kHz (See Figures 5, 6, 15, and 16.)1:
VCC
VBAT
35
45
dB
dB
Thermal Protection Shutdown (Tjc)
175
°C
Thermal Resistance, Junction to Ambient (
θJA)
60
°C/W


Similar Part No. - L7556

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
L7551-21 HAMAMATSU-L7551-21 Datasheet
112Kb / 2P
   Receptacle type, 1.3 關m, 1.25, 2.5 Gbps
L7551-22 HAMAMATSU-L7551-22 Datasheet
112Kb / 2P
   Receptacle type, 1.3 關m, 1.25, 2.5 Gbps
L7551-23 HAMAMATSU-L7551-23 Datasheet
112Kb / 2P
   Receptacle type, 1.3 關m, 1.25, 2.5 Gbps
L7551-32 HAMAMATSU-L7551-32 Datasheet
112Kb / 2P
   Receptacle type, 1.3 關m, 1.25, 2.5 Gbps
L7551-44 HAMAMATSU-L7551-44 Datasheet
112Kb / 2P
   Receptacle type, 1.3 關m, 1.25, 2.5 Gbps
More results

Similar Description - L7556

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HC5549 INTERSIL-HC5549_04 Datasheet
293Kb / 13P
   Low Power SLIC with Battery Switch
HC5549 INTERSIL-HC5549 Datasheet
87Kb / 13P
   Low Power SLIC with Battery Switch
January 1999
HC5549CM INTERSIL-HC5549CM Datasheet
296Kb / 13P
   Low Power SLIC with Battery Switch
October 21, 2004
logo
Renesas Technology Corp
HC5549 RENESAS-HC5549 Datasheet
694Kb / 13P
   Low Power SLIC with Battery Switch
October 21, 2004
logo
Sipex Corporation
SP691A SIPEX-SP691A Datasheet
196Kb / 24P
   Low Power Microprocessor Supervisory with Battery Switch-Over
SP791CN-L SIPEX-SP791CN-L Datasheet
219Kb / 19P
   Low Power Microprocessor Supervisory with Battery Switch-Over
SP791 SIPEX-SP791 Datasheet
202Kb / 19P
   Low Power Microprocessor Supervisory with Battery Switch-Over
SP690A SIPEX-SP690A Datasheet
631Kb / 16P
   Low Power Microprocessor Supervisory with Battery Switch-Over
SP691A SIPEX-SP691A_05 Datasheet
242Kb / 24P
   Low Power Microprocessor Supervisory with Battery Switch-Over
SP690A SIPEX-SP690A Datasheet
631Kb / 16P
   Low Power Microprocessor Supervisory with Battery Switch-Over
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com