Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L7582 Datasheet(PDF) 6 Page - Agere Systems

Part # L7582
Description  Tip Ring Access Switch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

L7582 Datasheet(HTML) 6 Page - Agere Systems

Back Button L7582 Datasheet HTML 2Page - Agere Systems L7582 Datasheet HTML 3Page - Agere Systems L7582 Datasheet HTML 4Page - Agere Systems L7582 Datasheet HTML 5Page - Agere Systems L7582 Datasheet HTML 6Page - Agere Systems L7582 Datasheet HTML 7Page - Agere Systems L7582 Datasheet HTML 8Page - Agere Systems L7582 Datasheet HTML 9Page - Agere Systems L7582 Datasheet HTML 10Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
Lucent Technologies Inc.
Data Sheet
November 1999
L7582 Tip Ring Access Switch
Electrical Characteristics (continued)
Table 8. Loop Access Switches, 5 and 6
* This parameter is not tested in production. Choice of secondary protector should ensure this rating is not exceeded.
† Applied voltage is 100 Vp-p square wave at 100 Hz.
Parameter
Test Condition
Measure
Min
Typ Max Unit
OFF-state Leakage
Current:
+25
°C
+85
°C
–40
°C
Vswitch (differential) = –320 V to Gnd
Vswitch (differential) = –60 V to +260 V
Vswitch (differential) = –330 V to Gnd
Vswitch (differential) = –60 V to +270 V
Vswitch (differential) = –310 V to Gnd
Vswitch (differential) = –60 V to +250 V
Iswitch
Iswitch
Iswitch
1
1
1
µA
µA
µA
dc Current Limit:
+85
°C
–40
°C
Vswitch (on) =
±10 V
Vswitch (on) =
±10 V
Iswitch
Iswitch
80
250
mA
mA
Dynamic Current Limit
(t = <0.5
µs)
Break switches in ON state; ringing access
switches off; apply
±1000 V at 10/1000 µs pulse;
appropriate secondary protection in place
Iswitch
2.5
A
ON-resistance:
+25
°C
+85
°C
–40
°C
Iswitch (on) =
±10 mA, ±40 mA
Iswitch (on) =
±10 mA, ±40 mA
Iswitch (on) =
±10 mA, ±40 mA
∆ VON
∆ VON
∆ VON
45
33
70
ON-state Voltage*
Iswitch = ILIMIT @ 50 Hz/60 Hz
VON
——
130
V
Isolation:
+25
°C
+85
°C
–40
°C
Vswitch (both poles) =
±320 V, Logic inputs = Gnd
Vswitch (both poles) =
±330 V, Logic inputs = Gnd
Vswitch (both poles) =
±310 V, Logic inputs = Gnd
Iswitch
Iswitch
Iswitch
1
1
1
µA
µA
µA
dV/dt Sensitivity
——
200
V/µs


Similar Part No. - L7582

ManufacturerPart #DatasheetDescription
logo
Agere Systems
L7581 AGERE-L7581 Datasheet
307Kb / 16P
   Ringing Access Switch
L7583A AGERE-L7583A Datasheet
486Kb / 20P
   Line Card Access Switch
L7585F AGERE-L7585F Datasheet
441Kb / 22P
   Full-Feature,Low-Power SLIC and Switch
L7585G AGERE-L7585G Datasheet
446Kb / 22P
   Full-Feature,Low-Power SLIC and Switch
More results

Similar Description - L7582

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
1812PC104KAT1A AVX-1812PC104KAT1A Datasheet
95Kb / 2P
   Tip & Ring
logo
HolyStone International
SAC HOLYSTONECAPS-SAC Datasheet
192Kb / 2P
   Tip & Ring Capacitors
logo
List of Unclassifed Man...
251S43W474KV4E ETC2-251S43W474KV4E Datasheet
73Kb / 3P
   TIP&RING CHIP CAPACITORS
logo
Johanson Technology Inc...
251S43W474MV4E JOHANSON-251S43W474MV4E Datasheet
74Kb / 3P
   TIP & RING CHIP CAPACITORS
251S41W104 JOHANSON-251S41W104 Datasheet
84Kb / 3P
   TIP RING CHIP CAPACITORS
logo
CUI INC
SJ2-35364B-SMT-TR CUI-SJ2-35364B-SMT-TR Datasheet
484Kb / 4P
   tip switch
SJ2-35464B-SMT-TR CUI-SJ2-35464B-SMT-TR Datasheet
414Kb / 4P
   tip switch
logo
XFMRS Inc.
XF0356A-2CMC XFMRS-XF0356A-2CMC_15 Datasheet
37Kb / 1P
   SURFACE MOUNT TIP RING FILTER
XF0356A-2CMC XFMRS-XF0356A-2CMC Datasheet
37Kb / 1P
   Surface Mount Tip Ring Filter
XF0356A-2CMC XFMRS-XF0356A-2CMC Datasheet
37Kb / 1P
   Surface Mount Tip Ring Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com