Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDS-2 Datasheet(PDF) 1 Page - Seoul Semiconductor

Part # IDS-2
Description  .079" cl Insulation Displacement Socket
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

IDS-2 Datasheet(HTML) 1 Page - Seoul Semiconductor

  IDS-2 Datasheet HTML 1Page - Seoul Semiconductor IDS-2 Datasheet HTML 2Page - Seoul Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
.079" cl Insulation Displacement Socket
IDS-2 SERIES
23 APR 07
Major League Electronics .079" cl Insulation Displacement Socket
Pins Per Row
IDS-2
Ordering Information
LF
-
-
-
-
Lead Free
-
XX D
02 XX XX - XXX
Double
Style
02 = Black
Polarized Position
006 - 068
Leave blank if not needed
Options
01 = With Strain Relief
02 = Without Strain Relief
only available in:
03, 04, 05, 06, 07, 08, 09, 10, 11, 12,
13, 15, 16, 17, 18, 19, 20, 22, 24, 25, 28,
30, 32, 34
Plating Options
- 10µ Gold on Contact Area
G
Standard plating = FT
- Gold Flash Over Entire Pin
F
- Gold Flash on Contact Area / Matte Tin on Remainder
- 30µ Gold on Contact Area
FT
H
4235 Earnings Way, New Albany, Indiana, 47150, USA
1-800-782-3486 (USA/Canada/Mexico)
Tel: 812-944-7244
Fax: 812-944-7268
E-mail: mle@mlelectronics.com
Web: www.mlelectronics.com
Insulator
Contact
Insulation Resistance
Contact Resistance
PBT, glass reinforced, rated UL 94V-0
Phosphor Bronze
3000 MΩ min.
30 mΩ max.
Current Rating
Dielectric Withstanding
Operating Temperature
Terminated with
1 Amp
500V AC for one minute
-40°C to +105°C
.039" [1.0mm] pitch flat ribbon cable
Mates with:
SHSTL-2, SHBSTC-2,
SHBSTCM-2, SHTSHC-2,
SHTSHR-2, SHTSHSM-2
Products cut to specific sizes are uncancellable/nonreturnable
Parts are subject to change without notice
Pins Per Row
Dimension
AB
3
.440 [11.2]
.157 [4.0]
4
.519 [13.2]
.236 [6.0]
5
.598 [15.2]
.315 [8.0]
6
.677 [17.2]
.394 [10.0]
7
.755 [19.2]
.472 [12.0]
8
.834 [21.2]
.551 [14.0]
9
.913 [23.2]
.629 [16.0]
10
.992 [25.2]
.708 [18.0]
11
1.070 [27.2]
.787 [20.0]
12
1.149 [29.2]
.866 [22.0]
13
1.228 [31.2]
.945 [24.0]
15
1.385 [35.2]
1.102 [28.0]
16
1.464 [37.2]
1.181 [30.0]
17
1.543 [39.2]
1.260 [32.0]
18
1.622 [41.2]
1.339 [34.0]
19
1.700 [43.2]
1.417 [36.0]
20
1.779 [45.2]
1.496 [38.0]
22
1.937 [49.2]
1.653 [42.0]
24
2.094 [53.2]
1.811 [46.0]
25
2.173 [55.2]
1.890 [48.0]
28
2.409 [61.2]
2.126 [54.0]
30
2.566 [65.2]
2.283 [58.0]
32
2.724 [69.2]
2.441 [62.0]
34
2.881 [73.2]
2.598 [66.0]


Similar Part No. - IDS-2

ManufacturerPart #DatasheetDescription
logo
Major League Electronic...
IDS-2 MAJOR-LEAGUE-IDS-2 Datasheet
90Kb / 2P
   Major League Electronics .079" cl Insulation Displacement Socket
logo
ORing Industrial Networ...
IDS-242GT-I ORING-IDS-242GT-I Datasheet
1Mb / 4P
   Industrial 4-port secure serial to Ethernet device server
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com