Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCK4953 Datasheet(PDF) 3 Page - Agere Systems

Part # LCK4953
Description  Low-Voltage PLL Clock Driver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

LCK4953 Datasheet(HTML) 3 Page - Agere Systems

  LCK4953 Datasheet HTML 1Page - Agere Systems LCK4953 Datasheet HTML 2Page - Agere Systems LCK4953 Datasheet HTML 3Page - Agere Systems LCK4953 Datasheet HTML 4Page - Agere Systems LCK4953 Datasheet HTML 5Page - Agere Systems LCK4953 Datasheet HTML 6Page - Agere Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Agere Systems Inc.
3
Data Sheet
November 2001
Low-Voltage PLL Clock Driver
LCK4953
Absolute Maximum Ratings (continued)
Table 3. dc Characteristics (TA = 0
°C to 70 °C, VDD = 3.3 V ± 5%)
Table 4. PLL Input Reference Characteristics (TA = 0
°C to 70 °C)
Table 5. ac Characteristics (TA = 0
°C to 70 °C, VDD = 3.3 V ± 5%)
Parameter
Symbol
Min
Typ
Max
Unit
Condition
Input High-voltage LVCMOS
Inputs
VIH
2.0
3.6
V
Input Low-voltage LVCMOS
Inputs
VIL
——
0.8
V
Peak-to-peak Input Voltage
PECL_CLK
Vp-p
300
1000
mV
Common-mode Range
PECL_CLK
VCMR
VDD – 1.5
VDD – 0.6
mV
*
*VCMR is the difference from the most positive side of the differential input signal. Normal operation is obtained when the high input is within
the VCMR range and the input swing lies within the Vp-p specification.
Output High Voltage
VOH
2.4
——
VIOH = –30 mA
† The LCK4953 outputs can drive series- or parallel-terminated 50
Ω (or 50 Ω to VCC/2) transmission lines on the incident edge.
Output Low Voltage
VOL
——
0.6
V
IOL = 30 mA
Input Current
IIN
——
±120
µA
Input Capacitance
CIN
——
4pF
Power Dissipation Capacitance
Cpd
12
pF
Per output
Maximum Quiescent Supply
Current Non-PLL
IDDQ
——
1mA
All VDD pins except
VDDA
‡ Total Power = (IDDPLL + IDDQ + fCV) * V; where f = fref, V = VDDD, C = total load capacitance on all outputs.
Maximum PLL Supply Current
IDDPLL
——
45
mA
VDDA pin only
Parameter
Symbol
Min
Max
Unit
Condition
Reference Input Frequency
fref
25
130
MHz
Reference Input Duty Cycle
trefdc
25
75
%
Parameter
Symbol
Min
Typ
Max
Unit
Condition
Output Rise/Fall Time
tr, tf
0.10
1.0
ns
0.8 V to 2.0 V
Output Duty Cycle
tpw
47
50
53
%
Output-to-output Skews
tsk(O)
——
75
ps
PLL VCO Lock Range
fVCO
200
520
MHz
Frequency Output:
Frequency PLL
Bypass Mode
fout
25
50
65
130
250
MHz
MHz
MHz
VCOSEL = 1
VCOSEL = 0
Input to Ext_FB Delay (with PLL locked)
tpd (lock)
–75
125
ps
tref = 75 MHz
Input to Q Delay
tpd(bypass)
3
7
ns
PLL bypassed
Part to Part Delay
1.5
Output Disable Time
tPLZHZ
——
7ns
Output Enable Time
tPZL
——
6ns
Cycle-to-cycle Jitter (peak-to-peak)
tjitter
——
50
ps
fout > 75 MHz


Similar Part No. - LCK4953

ManufacturerPart #DatasheetDescription
logo
Agere Systems
LCK4950 AGERE-LCK4950 Datasheet
215Kb / 16P
   Low-Voltage PLL Clock Driver
More results

Similar Description - LCK4953

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C2972 PERICOM-PI6C2972 Datasheet
184Kb / 7P
   Low Voltage PLL Clock Driver
logo
Motorola, Inc
MPC974 MOTOROLA-MPC974 Datasheet
143Kb / 9P
   LOW VOLTAGE PLL CLOCK DRIVER
MPC992 MOTOROLA-MPC992 Datasheet
109Kb / 8P
   LOW VOLTAGE PLL CLOCK DRIVER
MPC932 MOTOROLA-MPC932 Datasheet
114Kb / 8P
   LOW VOLTAGE PLL CLOCK DRIVER
MPC930 MOTOROLA-MPC930 Datasheet
162Kb / 14P
   LOW VOLTAGE PLL CLOCK DRIVER
logo
Integrated Device Techn...
IDT5V9351 IDT-IDT5V9351 Datasheet
85Kb / 10P
   LOW VOLTAGE PLL CLOCK DRIVER
logo
Agere Systems
LCK4310 AGERE-LCK4310 Datasheet
126Kb / 10P
   Low-Voltage PLL Clock Driver
logo
Motorola, Inc
MPC958 MOTOROLA-MPC958 Datasheet
253Kb / 8P
   LOW VOLTAGE PLL CLOCK DRIVER
logo
Renesas Technology Corp
MPC9350 RENESAS-MPC9350 Datasheet
478Kb / 13P
   Low Voltage PLL Clock Driver
2019
logo
Motorola, Inc
MPC9350 MOTOROLA-MPC9350 Datasheet
282Kb / 12P
   LOW VOLTAGE PLL CLOCK DRIVER
MPC990 MOTOROLA-MPC990 Datasheet
146Kb / 9P
   LOW VOLTAGE PLL CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com