Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TF1001A Datasheet(PDF) 3 Page - Agere Systems

Part # TF1001A
Description  LG1602 Decision Circuit
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

TF1001A Datasheet(HTML) 3 Page - Agere Systems

  TF1001A Datasheet HTML 1Page - Agere Systems TF1001A Datasheet HTML 2Page - Agere Systems TF1001A Datasheet HTML 3Page - Agere Systems TF1001A Datasheet HTML 4Page - Agere Systems TF1001A Datasheet HTML 5Page - Agere Systems TF1001A Datasheet HTML 6Page - Agere Systems TF1001A Datasheet HTML 7Page - Agere Systems TF1001A Datasheet HTML 8Page - Agere Systems TF1001A Datasheet HTML 9Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Data Sheet
February 1999
LG1602 Decision Circuit
3
Lucent Technologies Inc.
Absolute Maximum Ratings
Stresses in excess of the absolute maximum ratings can cause permanent or latent damage to the device. These
are absolute stress ratings only. Functional operation of the device is not implied at these or any other conditions in
excess of those given in the operational sections of the data sheet. Exposure to absolute maximum ratings for
extended periods can adversely affect device reliability.
Table 2. Absolute Maximum Ratings
Recommended Operating Conditions
Table 3. Recommended Operating Conditions
Handling Precautions
Although protection circuitry has been designed into this device, proper precautions should be taken to avoid expo-
sure to electrostatic discharge (ESD) during handling and mounting. Lucent employs a human-body model (HBM)
and a charged-device model (CDM) for ESD-susceptibility testing and protection design evaluation. No industry-
wide standard has been adopted for the CDM. However, a standard HBM (resistance = 1500
Ω, capacitance =
100 pF) is widely used and, therefore, can be used for comparison purposes. The HBM ESD threshold presented
here was obtained by using these circuit parameters.
Table 4. ESD Threshold
Mounting and Connections
Certain precautions must be taken when using solder. For installation using a constant temperature solder, tem-
peratures of under 300 °C may be employed for periods of time up to 5 seconds, maximum. For installation with a
soldering iron (battery operated or nonswitching only), the soldering tip temperature should not be greater than
300 °C and the soldering time for each lead must not exceed 5 seconds.
Parameter
Min
Max
Unit
Supply Voltage Range (VSS)0.5
–7
V
Power Dissipation
1
W
Voltage (all pins)
0.5
VSS
V
Clock Input (V+CLK, V–CLK)
—±2
V
V+REF – V+IN
—±2
V
V–REF – V–IN
—±2
V
Storage Temperature Range
–40
125
°C
Operating Case Temperature Range
0
100
°C
Parameter
Symbol
Min
Max
Unit
Case Temperature
tCASE
075
°C
Power Supply
VSS
–4.7
–5.7
V
HBM ESD Threshold
Device
Voltage
LG1602
≥200 V


Similar Part No. - TF1001A

ManufacturerPart #DatasheetDescription
logo
Bookham, Inc.
TF1001553329 BOOKHAM-TF1001553329 Datasheet
324Kb / 3P
   100GHz WDM Filter Chips
More results

Similar Description - TF1001A

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
KGL4215 OKI-KGL4215 Datasheet
84Kb / 8P
   10-Gbps Decision Circuit 0.2關m Gate Length GaAs MESFET Technology
logo
Micrel Semiconductor
SY88053AL MICREL-SY88053AL Datasheet
453Kb / 12P
   3.3V, 12.5Gbps Limiting Post Amplifier with Programmable Decision Threshold
SY88353BL MICREL-SY88353BL_07 Datasheet
470Kb / 11P
   3.3V, 3.2 Gbps Limiting Post Amplifier with Programmable Decision Threshold
SY88353BL MICREL-SY88353BL Datasheet
471Kb / 11P
   3.3V, 3.2 Gbps Limiting Post Amplifier with Programmable Decision Threshold
logo
Fairchild Semiconductor
FJV4103RMTF FAIRCHILD-FJV4103RMTF Datasheet
61Kb / 4P
   Switching circuit, Inverter, Interface circuit, Driver Circuit
FJV3106RMTF FAIRCHILD-FJV3106RMTF Datasheet
94Kb / 4P
   Switching circuit, Inverter, Interface circuit, Driver Circuit
FJX4002RTF FAIRCHILD-FJX4002RTF Datasheet
48Kb / 4P
   Switching circuit, Inverter, Interface circuit, Driver Circuit
logo
NTE Electronics
NTE955M NTE-NTE955M Datasheet
28Kb / 4P
   Integrated Circuit Timing Circuit
NTE748 NTE-NTE748 Datasheet
23Kb / 2P
   Integrated Circuit TV Sound Circuit
NTE1858 NTE-NTE1858 Datasheet
26Kb / 4P
   Integrated Circuit Vertical Deflection Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com