Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TF1006A Datasheet(PDF) 6 Page - Agere Systems

Part # TF1006A
Description  LG1625AXF Laser Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

TF1006A Datasheet(HTML) 6 Page - Agere Systems

Back Button TF1006A Datasheet HTML 2Page - Agere Systems TF1006A Datasheet HTML 3Page - Agere Systems TF1006A Datasheet HTML 4Page - Agere Systems TF1006A Datasheet HTML 5Page - Agere Systems TF1006A Datasheet HTML 6Page - Agere Systems TF1006A Datasheet HTML 7Page - Agere Systems TF1006A Datasheet HTML 8Page - Agere Systems TF1006A Datasheet HTML 9Page - Agere Systems TF1006A Datasheet HTML 10Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
Lucent Technologies Inc.
Data Sheet
June 1999
LG1625AXF Laser Driver
Test Circuit
Notes:
GND pins 3, 4, 5, 8, 9, 10, 14, 15, 17.
VSS1 pins 1, 6, 13, 22, 23.
5-7876(F)r.1
Figure 5. LG1625AXF Typical Test Circuit
LG1625AXF Application Notes
s
VSS bypass capacitors should be mounted close to the package.
s
5000
Ω potentiometer is typically set for 2500 Ω. This establishes an approximate –1.3 V VTH which will track
with VSS.
s
Mark density (MK and MK) outputs are terminated with 1 k
Ω pull-up resistors.
s
IMOD and IPRE can be measured and used to control VMOD and VPRE.
VIN
MK
VTH
VTH
VSS1
MK
IOUT
VPRE
VMOD
VSS2
VSS3
LG1625AXF
VSS –5.2 V
1
1
50
50
50
VSS –5.2 V
IPRE IF VPRE > –5.0 V
IMOD
0.1
µF
0.1
µF
VSS –5.2 V
+
12
11
18
21
16
20
19
7
2
24
20
20
IMOD
MONITOR
IPRE
MONITOR
SCOPE
DATA
GENERATOR
x
x
MK
MK


Similar Part No. - TF1006A

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
TF100-10 RHOMBUS-IND-TF100-10 Datasheet
32Kb / 1P
   TF Series Fast tr High Performance 20 Section 10-Tap 28-Pin Delay Lines
TF100-10 RHOMBUS-IND-TF100-10 Datasheet
38Kb / 1P
   TF Series High Performance 20 Section 10-Tap Delay Lines / SP3 Series
TF100-5 RHOMBUS-IND-TF100-5 Datasheet
32Kb / 1P
   TF Series Fast tr High Performance 20 Section 10-Tap 28-Pin Delay Lines
TF100-5 RHOMBUS-IND-TF100-5 Datasheet
38Kb / 1P
   TF Series High Performance 20 Section 10-Tap Delay Lines / SP3 Series
TF100-7 RHOMBUS-IND-TF100-7 Datasheet
32Kb / 1P
   TF Series Fast tr High Performance 20 Section 10-Tap 28-Pin Delay Lines
More results

Similar Description - TF1006A

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA2610AN SONY-CXA2610AN Datasheet
119Kb / 10P
   Laser Driver
CXA2610N SONY-CXA2610N Datasheet
119Kb / 10P
   Laser Driver
CXB1558Q-Y SONY-CXB1558Q-Y Datasheet
272Kb / 11P
   Laser Driver
CXB1548Q-Y SONY-CXB1548Q-Y Datasheet
288Kb / 12P
   Laser Driver
logo
Intersil Corporation
EL6203 INTERSIL-EL6203 Datasheet
169Kb / 10P
   Laser Driver Oscillator
EL6202 INTERSIL-EL6202 Datasheet
116Kb / 8P
   Laser Driver Oscillator
logo
Mitsubishi Electric Sem...
M66512P MITSUBISHI-M66512P Datasheet
143Kb / 10P
   LASER-DIODE DRIVER
M66510P MITSUBISHI-M66510P Datasheet
224Kb / 10P
   LASER-DIODE DRIVER
logo
Intersil Corporation
EL6205 INTERSIL-EL6205 Datasheet
129Kb / 8P
   Laser Driver Oscillator
logo
IC-Haus GmbH
WJZMSOP8 ICHAUS-WJZMSOP8 Datasheet
577Kb / 12P
   LASER DIODE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com