Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMDB05V Datasheet(PDF) 9 Page - Seoul Semiconductor

Part # SMDB05V
Description  Side View LED Of Reflector Type
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SMDB05V Datasheet(HTML) 9 Page - Seoul Semiconductor

Back Button SMDB05V Datasheet HTML 5Page - Seoul Semiconductor SMDB05V Datasheet HTML 6Page - Seoul Semiconductor SMDB05V Datasheet HTML 7Page - Seoul Semiconductor SMDB05V Datasheet HTML 8Page - Seoul Semiconductor SMDB05V Datasheet HTML 9Page - Seoul Semiconductor SMDB05V Datasheet HTML 10Page - Seoul Semiconductor SMDB05V Datasheet HTML 11Page - Seoul Semiconductor SMDB05V Datasheet HTML 12Page - Seoul Semiconductor SMDB05V Datasheet HTML 13Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
APCPCWM_4828539:WP_0000001WP_0000001
Rev. 00
Rev. 00
October, 2012
October, 2012
www.acrich.com
www.acrich.com
Document No. : QP-7-07-18 (Rev.00) 공통_을
[
[9
9 /19]
/19]
Item
Symbol
Condition
Criteria for Judgement
MIN
MAX
Forward Voltage
V
F
I
F =20mA
-
I.V. *1 × 1.2
Luminous Intensity
I
V
I
F =20mA
I.V. × 0.7
-
Note :
*1 I.V. : Initial Value
*2 U.S.L : Upper Standard Level
* Criteria for Judging the Damage
5. Reliability Test
* TEST ITEMS AND RESULTS
Item
Reference
Test Condition
Duration
/ Cycle
Number of
Damage
Life Test
-
T
a = 25
℃, I
F = 20mA
1,000
Hours
0/20
High Temperature
Life Test
-
T
a = 85
℃, I
F = 5mA
1,000
Hours
0/20
Low Temperature
Life Test
-
T
a = -30
℃, I
F = 20mA
1,000
Hours
0/20
High Humidity
Heat Life Test
JEITA ED-4701
100 102
T
a = 60
℃, RH = 90%, I
F = 20mA
500
Hours
0/20
High Temperature
Storage
JEITA ED-4701
200 201
T
a = 100
1,000
Hours
0/20
Low Temperature
Storage
JEITA ED-4701
200 202
T
a = -40
1,000
Hours
0/20
Temperature Cycle
JEITA ED-4701
100 105
-40℃ ~ 25℃ ~ 100℃ ~ 25℃
(30min) (5min) (30min) (5min)
100 cycle
0/50


Similar Part No. - SMDB05V

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMDB05 MCC-SMDB05 Datasheet
143Kb / 2P
   TVSarray Series
logo
Microsemi Corporation
SMDB05 MICROSEMI-SMDB05 Datasheet
103Kb / 2P
   TVSarray Series
logo
Protek Devices
SMDB05 PROTEC-SMDB05 Datasheet
101Kb / 4P
   STANDARD CAPACITANCE TVS ARRAY
logo
SeCoS Halbleitertechnol...
SMDB05 SECOS-SMDB05 Datasheet
172Kb / 2P
   Transient Voltage Suppressors
logo
Protek Devices
SMDB05 PROTEC-SMDB05 Datasheet
513Kb / 6P
   800 WATT MULTI-LINE TVS ARRAY
More results

Similar Description - SMDB05V

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
SWAA0B SEOUL-SWAA0B Datasheet
1Mb / 17P
   Side View LED of Reflector type
SSWM81EB0 SEOUL-SSWM81EB0 Datasheet
1Mb / 18P
   Side View LEd Of Reflector Type
SWBF0B SEOUL-SWBF0B Datasheet
1Mb / 17P
   Side View LED of Reflector type
SMFB07 SEOUL-SMFB07 Datasheet
1Mb / 17P
   Side View LED Of Reflector Type
SWFB07 SEOUL-SWFB07 Datasheet
1Mb / 17P
   Side View LED of Reflector type
SWDB05V SEOUL-SWDB05V Datasheet
1Mb / 19P
   Side View LED of Reflector type
SSW061FH0 SEOUL-SSW061FH0 Datasheet
1Mb / 17P
   Side View LED Of Reflector Type
logo
Rohm
SML-11_1012 ROHM-SML-11_1012 Datasheet
902Kb / 4P
   Side-view with reflector type
SML-C1 ROHM-SML-C1 Datasheet
1Mb / 3P
   Side-view with reflector type
logo
Everlight Electronics C...
G6C-AQ2S1 EVERLIGHT-G6C-AQ2S1 Datasheet
123Kb / 7P
   Side View LED (Through Hole Type)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com