Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT-E128K32C-300P7Q Datasheet(PDF) 1 Page - Aeroflex Circuit Technology

Part # ACT-E128K32C-300P7Q
Description  ACT-E128K32 High Speed 4 Megabit EEPROM Multichip Module
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT-E128K32C-300P7Q Datasheet(HTML) 1 Page - Aeroflex Circuit Technology

  ACT-E128K32C-300P7Q Datasheet HTML 1Page - Aeroflex Circuit Technology ACT-E128K32C-300P7Q Datasheet HTML 2Page - Aeroflex Circuit Technology ACT-E128K32C-300P7Q Datasheet HTML 3Page - Aeroflex Circuit Technology ACT-E128K32C-300P7Q Datasheet HTML 4Page - Aeroflex Circuit Technology ACT-E128K32C-300P7Q Datasheet HTML 5Page - Aeroflex Circuit Technology ACT-E128K32C-300P7Q Datasheet HTML 6Page - Aeroflex Circuit Technology ACT-E128K32C-300P7Q Datasheet HTML 7Page - Aeroflex Circuit Technology ACT-E128K32C-300P7Q Datasheet HTML 8Page - Aeroflex Circuit Technology ACT-E128K32C-300P7Q Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
eroflex Circuit Technology - Advanced Multichip Modules © SCD1662 REV B 9/5/01
General Description
The ACT–E128K32 is a high
speed,
4
megabit,
CMOS
EEPROM
multichip
module
(MCM)
designed
for
full
temperature
range
military,
space,
or
high
reliability
applications. The MCM can be
organized as a 256K x 16 bits
or 512K x 8 bits device and is
input and output CMOS and
TTL
compatible.
Writing
is
executed when the write enable
(WE) and chip enable (CE)
inputs
are
low
and
output
enable (OE) is high. Reading is
accomplished when WE is high
and CE and OE are both low.
Access
times
grades
of
120, 140, 150, 200, 250 & 300ns
are standard.
The
ACT–E128K32
is
packaged
in
a
choice
of
hermetically
sealed
co-fired
ceramic packages, a 66 pin,
1.08" sq PGA or a 68 lead, .88"
sq gullwing CQFP. The device
operates over the temperature
range of -55°C to +125°C and
military environment.
4 Low Power 128K x 8 EEPROM Die in One MCM
Package
Organized as 128K x 32
User Configurable to 256K x 16 or 512K x 8
CMOS and TTL Compatible Inputs and Outputs
Access Times of 120,140,150, 200, 250&300ns
+5V ±10% Supply
Automatic Page Write Operation
Page Write Cycle Time: 10ms Max
Data Retention Ten Years Minimum
Low Power CMOS
Data Polling for End of Write Detection
Industry Standard Pinouts
Packaging – Hermetic Ceramic
66 Pin, 1.08" x 1.08" x .160" PGA Type, No Shoulder,
Aeroflex code# "P3"
66 Pin, 1.08" x 1.08" x .185" PGA Type, With
Shoulder, Aeroflex code# "P7"
68 Lead, .88" x .88" x .200" Dual-Cavity Small
Outline Gull Wing, Aeroflex code# "F2"
(Drops into
the 68 Lead JEDEC .99"SQ CQFJ footprint)
MIL-PRF-38534 Compliant MCMs Available
Hardware and Software Data Protection
Internal Decoupling Capacitors for Low Noise
Operation
Commercial, Industrial and Military Temperature
Ranges
SMD# 5962–94585 Released (P7 & F2)
Features
128Kx8
128Kx8
128Kx8
CE4
OE
A0 – A16
I/O0-7
I/O8-15
I/O16-23
I/O24-31
88
8
8
CE3 WE4
WE3
WE2
WE1 CE1
CE2
128Kx8
Pin Description
I/O0-31
Data I/O
A0–16 Address Inputs
WE1-4
Write Enables
OE
Output Enable
CE1-4
Chip Enables
VCC
Power Supply
GND
Ground
Block Diagram – PGA Type Package (P3,P7) & CQFP (F2)
ACT–E128K32 High Speed
4 Megabit EEPROM Multichip Module
CIRCUIT TECHNOLOGY
www.aeroflex.com


Similar Part No. - ACT-E128K32C-300P7Q

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT-E1M32B-080F14C AEROFLEX-ACT-E1M32B-080F14C Datasheet
149Kb / 9P
   ACT-F1M32 High Speed 32 Megabit Boot Block FLASH Multichip Module
ACT-E1M32B-080F14I AEROFLEX-ACT-E1M32B-080F14I Datasheet
149Kb / 9P
   ACT-F1M32 High Speed 32 Megabit Boot Block FLASH Multichip Module
ACT-E1M32B-080F14M AEROFLEX-ACT-E1M32B-080F14M Datasheet
149Kb / 9P
   ACT-F1M32 High Speed 32 Megabit Boot Block FLASH Multichip Module
ACT-E1M32B-080F14Q AEROFLEX-ACT-E1M32B-080F14Q Datasheet
149Kb / 9P
   ACT-F1M32 High Speed 32 Megabit Boot Block FLASH Multichip Module
ACT-E1M32B-080F14T AEROFLEX-ACT-E1M32B-080F14T Datasheet
149Kb / 9P
   ACT-F1M32 High Speed 32 Megabit Boot Block FLASH Multichip Module
More results

Similar Description - ACT-E128K32C-300P7Q

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACTF128K32 AEROFLEX-ACTF128K32 Datasheet
201Kb / 20P
   ACT-F128K32 High Speed 4 Megabit FLASH Multichip Module
ACT-S128K32V AEROFLEX-ACT-S128K32V Datasheet
120Kb / 7P
   ACT-S128K32V High Speed 3.3Volt 4 Megabit SRAM Multichip Module
ACTF512K32 AEROFLEX-ACTF512K32 Datasheet
238Kb / 20P
   ACT-F512K32 High Speed 16 Megabit FLASH Multichip Module
ACTRS128K32 AEROFLEX-ACTRS128K32 Datasheet
137Kb / 8P
   RAD Tolerant ACT-RS128K32 High Speed 4 Megabit SRAM Multichip Module
ACT-S512K32V AEROFLEX-ACT-S512K32V Datasheet
169Kb / 8P
   ACT-S512K32V High Speed 3.3Volt 16 Megabit SRAM Multichip Module
ACTF4M32A AEROFLEX-ACTF4M32A Datasheet
65Kb / 5P
   ACT-F4M32A High Speed 128 Megabit Sector Erase FLASH Multichip Module
ACTF2M32A AEROFLEX-ACTF2M32A Datasheet
92Kb / 9P
   ACT-F2M32A High Speed 64 Megabit Sector Erase FLASH Multichip Module
ACTF1M32 AEROFLEX-ACTF1M32 Datasheet
149Kb / 9P
   ACT-F1M32 High Speed 32 Megabit Boot Block FLASH Multichip Module
ACT-S128K32 AEROFLEX-ACT-S128K32 Datasheet
414Kb / 10P
   High Speed 4 Megabit SRAM Multichip Module
ACT-D1M96S AEROFLEX-ACT-D1M96S Datasheet
105Kb / 14P
   ACT-D1M96S High Speed 96 MegaBit 3.3V Synchronous DRAM Multichip Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com