Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS1286P Datasheet(PDF) 9 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # ADS1286P
Description  12-Bit Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS1286P Datasheet(HTML) 9 Page - Burr-Brown (TI)

Back Button ADS1286P Datasheet HTML 5Page - Burr-Brown (TI) ADS1286P Datasheet HTML 6Page - Burr-Brown (TI) ADS1286P Datasheet HTML 7Page - Burr-Brown (TI) ADS1286P Datasheet HTML 8Page - Burr-Brown (TI) ADS1286P Datasheet HTML 9Page - Burr-Brown (TI) ADS1286P Datasheet HTML 10Page - Burr-Brown (TI) ADS1286P Datasheet HTML 11Page - Burr-Brown (TI) ADS1286P Datasheet HTML 12Page - Burr-Brown (TI) ADS1286P Datasheet HTML 13Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
9
®
ADS1286
CS/SHDN
D
OUT
DCLOCK
t
DATA
t
SUCS
t
CSD
t
CYC
t
CONV
POWER
DOWN
t
SMPL
Note: (1) After completing the data transfer, if further clocks are applied with CS
LOW, the ADC will output LSB-First data then followed with zeroes indefinitely.
B11
(MSB)
B10 B9
B8
B7
B6
B5
B4
B3
B2
B1 B0(1)
NULL
BIT
HI-Z
HI-Z
B11 B10
B9
B8
NULL
BIT
CS/SHDN
D
OUT
DCLOCK
t
CONV
t
DATA
t
SUCS
t
CYC
POWER DOWN
t
SMPL
Note: (2) After completing the data transfer, if further clocks are applied with CS
LOW, the ADC will output zeroes indefinitely.
t
DATA: During this time, the bias current and the comparator power down and the reference input
becomes a high impedance node, leaving the CLK running to clock out LSB-First data or zeroes.
B11
(MSB)
B10 B9
B8
B7
B6
B5
B4
B4
B3
B3
B2
B2
B1
B1
B0
NULL
BIT
HI-Z
HI-Z
B5
B6
B7
B8
B9
B10 B11
(2)
t
CSD
leaving the DCLOCK running to clock out the LSB first
data or zeroes. If the CS input is not running rail-to-rail, the
input logic buffer will draw current. This current may be
large compared to the typical supply current. To obtain the
lowest supply current, bring the CS pin to ground when it is
low and to supply voltage when it is high.
SERIAL INTERFACE
The ADS1286 communicates with microprocessors and other
external digital systems via a synchronous 3-wire serial inter-
face. DCLOCK synchronizes the data transfer with each bit
being transmitted on the falling DCLOCK edge and captured
on the rising DCLOCK edge in the receiving system. A falling
CS initiates data transfer as shown in Figure 1. After CS falls,
the second DCLOCK pulse enables DOUT. After one null bit,
the A/D conversion result is output on the DOUT line. Bringing
CS high resets the ADS1286 for the next data exchange.
MICROPOWER OPERATION
With typical operating currents of 250
µA and automatic
shutdown between conversions, the ADS1286 achieves ex-
tremely low power consumption over a wide range of
sample rates (see Figure 2). The auto-shutdown allows the
supply current to drop with sample rate.
SHUTDOWN
The ADS1286 is equipped with automatic shutdown fea-
tures. The device draws power when the CS pin is LOW and
shuts down completely when the pin is HIGH. The bias
circuit and comparator powers down and the reference input
becomes high impedance at the end of each conversion
1000
100
10
1
0.1k
1k
10k
100k
Sample Rate (kHz)
T
A = 25°C
V
CC = 5V
V
REF = 5V
f
CLK = 16 • fSAMPLE
FIGURE 2. Automatic Power Shutdown Between Conver-
sions Allows Power Consumption to Drop with
Sample Rate.
FIGURE 1. ADS1286 Operating Sequence.


Similar Part No. - ADS1286P

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS1286P BURR-BROWN-ADS1286P Datasheet
141Kb / 14P
   12-Bit Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1286P TI1-ADS1286P Datasheet
483Kb / 17P
[Old version datasheet]   12-Bit Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS1286PA BURR-BROWN-ADS1286PA Datasheet
141Kb / 14P
   12-Bit Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1286PA TI1-ADS1286PA Datasheet
483Kb / 17P
[Old version datasheet]   12-Bit Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
ADS1286PAG4 TI1-ADS1286PAG4 Datasheet
483Kb / 17P
[Old version datasheet]   12-Bit Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS1286P

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS1286 BURR-BROWN-ADS1286 Datasheet
165Kb / 11P
   12-Bit Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1286 TI1-ADS1286_14 Datasheet
491Kb / 18P
[Old version datasheet]   12-Bit Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
ADS1286 TI1-ADS1286_16 Datasheet
483Kb / 17P
[Old version datasheet]   12-Bit Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS1286 BURR-BROWN-ADS1286_06 Datasheet
141Kb / 14P
   12-Bit Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7816U TI1-ADS7816U Datasheet
951Kb / 23P
[Old version datasheet]   12-Bit High Speed Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7816 BURR-BROWN-ADS7816 Datasheet
226Kb / 13P
   12-Bit High Speed Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7816P TI1-ADS7816P Datasheet
951Kb / 23P
[Old version datasheet]   12-Bit High Speed Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7816EB TI-ADS7816EB Datasheet
963Kb / 24P
[Old version datasheet]   12-Bit High Speed Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7817 BURR-BROWN-ADS7817 Datasheet
172Kb / 15P
   12-Bit Differential Input Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
DAC121C085CIMM TI1-DAC121C085CIMM Datasheet
1Mb / 34P
[Old version datasheet]   12-Bit Micro Power Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com