Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS1286UC Datasheet(PDF) 6 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # ADS1286UC
Description  12-Bit Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS1286UC Datasheet(HTML) 6 Page - Burr-Brown (TI)

Back Button ADS1286UC Datasheet HTML 2Page - Burr-Brown (TI) ADS1286UC Datasheet HTML 3Page - Burr-Brown (TI) ADS1286UC Datasheet HTML 4Page - Burr-Brown (TI) ADS1286UC Datasheet HTML 5Page - Burr-Brown (TI) ADS1286UC Datasheet HTML 6Page - Burr-Brown (TI) ADS1286UC Datasheet HTML 7Page - Burr-Brown (TI) ADS1286UC Datasheet HTML 8Page - Burr-Brown (TI) ADS1286UC Datasheet HTML 9Page - Burr-Brown (TI) ADS1286UC Datasheet HTML 10Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
6
®
ADS1286
4096 POINT FFT
0
–25
–50
–75
–100
–125
0246
Frequency (kHz)
TYPICAL PERFORMANCE CURVES (CONT)
At TA = +25, VCC = +5V, VREF = +5V, fSAMPLE = 12.5kHz, fCLK = 16 • fSAMPLE, unless otherwise specified.
PEAK-TO-PEAK NOISE vs REFERENCE VOLTAGE
10
9
8
7
6
5
4
3
2
1
0
0.1
1
10
Reference Voltage (V)
POWER SUPPLY REJECTION vs RIPPLE FREQUENCY
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
1
10
100
1000
10000
Ripple Frequency (kHz)
V
RIPPLE = 20mV
CHANGE GAIN vs TEMPERATURE
0.15
0.1
0.05
0
–0.05
–0.1
–0.15
–55
–40
–25
0
25
70
85
Temperature (°C)
POWER DOWN SUPPLY CURRENT
vs TEMPERATURE
3
2.5
2
1.5
1
0.5
0
–55
–40
–25
0
25
70
85
Temperature (°C)
SUPPLY CURRENT vs TEMPERATURE
400
350
300
250
200
150
100
–55
–40
–25
0
25
70
85
Temperature (°C)
f
SAMPLE = 1.6kHz
f
SAMPLE = 12.5kHz


Similar Part No. - ADS1286UC

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS1286UC BURR-BROWN-ADS1286UC Datasheet
141Kb / 14P
   12-Bit Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1286UC TI1-ADS1286UC Datasheet
491Kb / 18P
[Old version datasheet]   12-Bit Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
ADS1286UC TI1-ADS1286UC Datasheet
483Kb / 17P
[Old version datasheet]   12-Bit Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS1286UCG4 BURR-BROWN-ADS1286UCG4 Datasheet
141Kb / 14P
   12-Bit Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1286UCG4 TI1-ADS1286UCG4 Datasheet
491Kb / 18P
[Old version datasheet]   12-Bit Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS1286UC

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS1286 BURR-BROWN-ADS1286 Datasheet
165Kb / 11P
   12-Bit Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1286 TI1-ADS1286_14 Datasheet
491Kb / 18P
[Old version datasheet]   12-Bit Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
ADS1286 TI1-ADS1286_16 Datasheet
483Kb / 17P
[Old version datasheet]   12-Bit Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS1286 BURR-BROWN-ADS1286_06 Datasheet
141Kb / 14P
   12-Bit Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7816U TI1-ADS7816U Datasheet
951Kb / 23P
[Old version datasheet]   12-Bit High Speed Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7816 BURR-BROWN-ADS7816 Datasheet
226Kb / 13P
   12-Bit High Speed Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7816P TI1-ADS7816P Datasheet
951Kb / 23P
[Old version datasheet]   12-Bit High Speed Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7816EB TI-ADS7816EB Datasheet
963Kb / 24P
[Old version datasheet]   12-Bit High Speed Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7817 BURR-BROWN-ADS7817 Datasheet
172Kb / 15P
   12-Bit Differential Input Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
DAC121C085CIMM TI1-DAC121C085CIMM Datasheet
1Mb / 34P
[Old version datasheet]   12-Bit Micro Power Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com