Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R480 Datasheet(PDF) 1 Page - Agere Systems

Part # R480
Description  R480-Type Lightwave Receiver with CML Data Output for up to 2.488 Gbits/s Applications
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

R480 Datasheet(HTML) 1 Page - Agere Systems

  R480 Datasheet HTML 1Page - Agere Systems R480 Datasheet HTML 2Page - Agere Systems R480 Datasheet HTML 3Page - Agere Systems R480 Datasheet HTML 4Page - Agere Systems R480 Datasheet HTML 5Page - Agere Systems R480 Datasheet HTML 6Page - Agere Systems R480 Datasheet HTML 7Page - Agere Systems R480 Datasheet HTML 8Page - Agere Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
R480-Type Lightwave Receiver with CML Data Output
for up to 2.488 Gbits/s Applications
Data Sheet, Rev. 1
September 2001
Manufactured in a low-profile, 24-pin package, the R480-Type
receiver features either an avalanche or PIN photodetector, a
transimpedance amplifier, and a limiting amplifier IC.
Features
s
Multisourced footprint
s
Internal APD bias supply
s
Differential CML data output
s
APD and PIN versions
s
Typical sensitivity:
—APD, –32 dBm
—PIN, –23 dBm
s
Operation at 1.3
µm or 1.55 µm
s
TTL link status flag
s
Wide operating case temperature range:
—APD, 0
°C to +85 °C
—PIN, –40
°C to +85 °C
s
Space-saving, self-contained, 24-pin DIP
s
Agere Systems Inc. Reliability and Qualification
Program for built-in quality
s
SONET/SDH compatible for OC-48/STM-16 data
rate
Applications
s
Telecommunications:
— Inter- and intraoffice SONET/SDH
— Subscriber loop
— Metropolitan area networks
s
High-speed data communications
Description
The R480-Type 2.5 Gbits/s lightwave receiver is
designed for use in SONET and synchronous digital
hierarchy (SDH) telecommunications applications up
to OC-48 and STM-16 data rates, and high-speed
data communications applications. The receiver con-
verts received optical signals in the range of 1.2
µm
to 1.6
µm wavelength into differential CML data out-
puts. The receiver consists of either an InGaAs APD
or PIN photodetector (depending on model selected),
a transimpedance amplifier, and a limiting amplifier
that provides differential CML data output. A TTL
compatible link status flag signal indicates when
there is a loss of optical signal.
The receiver is manufactured in a low-profile, pig-
tailed, 24-pin plastic DIP package. It requires a sin-
gle, 5.0 V power supply. The APD version has the
added benefit of containing the high-voltage supply
internal to the receiver. This internal supply also pro-
vides the necessary temperature compensation for
the APD. An analog photodetector monitor provides a
voltage proportional to the optical input level voltage
(OILV).


Similar Part No. - R480

ManufacturerPart #DatasheetDescription
logo
Agere Systems
R485 AGERE-R485 Datasheet
134Kb / 10P
   R485-Type Lightwave Receiver with Clock Recovery for 2.488 Gbits/s Applications
R485CMAA AGERE-R485CMAA Datasheet
134Kb / 10P
   R485-Type Lightwave Receiver with Clock Recovery for 2.488 Gbits/s Applications
R485CPAA AGERE-R485CPAA Datasheet
134Kb / 10P
   R485-Type Lightwave Receiver with Clock Recovery for 2.488 Gbits/s Applications
R485CPBB AGERE-R485CPBB Datasheet
134Kb / 10P
   R485-Type Lightwave Receiver with Clock Recovery for 2.488 Gbits/s Applications
R485FMAA AGERE-R485FMAA Datasheet
134Kb / 10P
   R485-Type Lightwave Receiver with Clock Recovery for 2.488 Gbits/s Applications
More results

Similar Description - R480

ManufacturerPart #DatasheetDescription
logo
Agere Systems
R485 AGERE-R485 Datasheet
134Kb / 10P
   R485-Type Lightwave Receiver with Clock Recovery for 2.488 Gbits/s Applications
LG1628AXA AGERE-LG1628AXA Datasheet
242Kb / 12P
   LG1628AXA SONET/SDH 2.488 Gbits/s Transimpedance Amplifier
logo
NXP Semiconductors
TZA3012AHW PHILIPS-TZA3012AHW Datasheet
242Kb / 60P
   30 Mbits/s up to 3.2 Gbits/s A-rateTM Fibre Optic Receiver
2003 May 21
logo
Agere Systems
1340 AGERE-1340 Datasheet
170Kb / 12P
   Lightwave Receiver
logo
NXP Semiconductors
TZA3047A PHILIPS-TZA3047A Datasheet
135Kb / 28P
   30 Mbits/s up to 1.25 Gbits/s laser drivers
2003 Jun 05
logo
Agere Systems
TTRN012G5 AGERE-TTRN012G5 Datasheet
394Kb / 22P
   TTRN012G5 (2.5 Gbits/s) and TTRN012G7 (2.5 Gbits/s and 2.7 Gbits/s) Clock Synthesizer, 16:1 Data Multiplexer
D372 AGERE-D372 Datasheet
56Kb / 8P
   D372-Type Digital Uncooled DFB Laser Module for 2.5 Gbits/s Applications
logo
ON Semiconductor
NB4N316M ONSEMI-NB4N316M_16 Datasheet
159Kb / 12P
   Receiver to CML Driver/Translator with Input Hysteresis
July, 2016 ??Rev. 6
logo
Agere Systems
TRCV012G5 AGERE-TRCV012G5 Datasheet
500Kb / 28P
   TRCV012G5 (2.5 Gbits/s) and TRCV012G7 (2.5 Gbits/s and 2.7 Gbits/s) Limiting Amplifier, Clock Recovery, 1:16 Data Demultiplexer
logo
ON Semiconductor
NBSG16M ONSEMI-NBSG16M_14 Datasheet
143Kb / 12P
   Multilevel Input to CML Clock/Data Receiver/Driver/Translator Buffer
June, 2014 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com