Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R480 Datasheet(PDF) 4 Page - Agere Systems

Part # R480
Description  R480-Type Lightwave Receiver with CML Data Output for up to 2.488 Gbits/s Applications
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

R480 Datasheet(HTML) 4 Page - Agere Systems

  R480 Datasheet HTML 1Page - Agere Systems R480 Datasheet HTML 2Page - Agere Systems R480 Datasheet HTML 3Page - Agere Systems R480 Datasheet HTML 4Page - Agere Systems R480 Datasheet HTML 5Page - Agere Systems R480 Datasheet HTML 6Page - Agere Systems R480 Datasheet HTML 7Page - Agere Systems R480 Datasheet HTML 8Page - Agere Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
Agere Systems Inc.
R480-Type Lightwave Receiver with CML Data Output
Data Sheet, Rev. 1
for up to 2.488 Gbits/s Applications
September 2001
Characteristics (continued)
Table 3. Electrical Characteristics
* Typical values measured at room temperature and beginning of life.
† Measured with a 50
Ω load to ground. Outputs must be ac-coupled (see Figure 2).
‡ TTL output.
Parameter
Symbol
Min
Typ*
Max
Unit
Bit Rate
100
2488.57
Mbits/s
dc Power Supply Voltages
VCC
4.75
5.0
5.25
V
Power Consumption
0.7
1.0
W
Output Data Voltage:
Single Output
Differential Output
SV
DV
0.3
0.6
0.5
1.0
Vp-p
Vp-p
Output Flag Voltage:
High
Low
VFOH
VFOL
2.5
0
5.0
0.2
VCC
0.8
V
V


Similar Part No. - R480

ManufacturerPart #DatasheetDescription
logo
Agere Systems
R485 AGERE-R485 Datasheet
134Kb / 10P
   R485-Type Lightwave Receiver with Clock Recovery for 2.488 Gbits/s Applications
R485CMAA AGERE-R485CMAA Datasheet
134Kb / 10P
   R485-Type Lightwave Receiver with Clock Recovery for 2.488 Gbits/s Applications
R485CPAA AGERE-R485CPAA Datasheet
134Kb / 10P
   R485-Type Lightwave Receiver with Clock Recovery for 2.488 Gbits/s Applications
R485CPBB AGERE-R485CPBB Datasheet
134Kb / 10P
   R485-Type Lightwave Receiver with Clock Recovery for 2.488 Gbits/s Applications
R485FMAA AGERE-R485FMAA Datasheet
134Kb / 10P
   R485-Type Lightwave Receiver with Clock Recovery for 2.488 Gbits/s Applications
More results

Similar Description - R480

ManufacturerPart #DatasheetDescription
logo
Agere Systems
R485 AGERE-R485 Datasheet
134Kb / 10P
   R485-Type Lightwave Receiver with Clock Recovery for 2.488 Gbits/s Applications
LG1628AXA AGERE-LG1628AXA Datasheet
242Kb / 12P
   LG1628AXA SONET/SDH 2.488 Gbits/s Transimpedance Amplifier
logo
NXP Semiconductors
TZA3012AHW PHILIPS-TZA3012AHW Datasheet
242Kb / 60P
   30 Mbits/s up to 3.2 Gbits/s A-rateTM Fibre Optic Receiver
2003 May 21
logo
Agere Systems
1340 AGERE-1340 Datasheet
170Kb / 12P
   Lightwave Receiver
logo
NXP Semiconductors
TZA3047A PHILIPS-TZA3047A Datasheet
135Kb / 28P
   30 Mbits/s up to 1.25 Gbits/s laser drivers
2003 Jun 05
logo
Agere Systems
TTRN012G5 AGERE-TTRN012G5 Datasheet
394Kb / 22P
   TTRN012G5 (2.5 Gbits/s) and TTRN012G7 (2.5 Gbits/s and 2.7 Gbits/s) Clock Synthesizer, 16:1 Data Multiplexer
D372 AGERE-D372 Datasheet
56Kb / 8P
   D372-Type Digital Uncooled DFB Laser Module for 2.5 Gbits/s Applications
logo
ON Semiconductor
NB4N316M ONSEMI-NB4N316M_16 Datasheet
159Kb / 12P
   Receiver to CML Driver/Translator with Input Hysteresis
July, 2016 ??Rev. 6
logo
Agere Systems
TRCV012G5 AGERE-TRCV012G5 Datasheet
500Kb / 28P
   TRCV012G5 (2.5 Gbits/s) and TRCV012G7 (2.5 Gbits/s and 2.7 Gbits/s) Limiting Amplifier, Clock Recovery, 1:16 Data Demultiplexer
logo
ON Semiconductor
NBSG16M ONSEMI-NBSG16M_14 Datasheet
143Kb / 12P
   Multilevel Input to CML Clock/Data Receiver/Driver/Translator Buffer
June, 2014 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com