Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T7503 Datasheet(PDF) 1 Page - Agere Systems

Part # T7503
Description  T7503 Dual PCM Codec with Filters
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

T7503 Datasheet(HTML) 1 Page - Agere Systems

  T7503 Datasheet HTML 1Page - Agere Systems T7503 Datasheet HTML 2Page - Agere Systems T7503 Datasheet HTML 3Page - Agere Systems T7503 Datasheet HTML 4Page - Agere Systems T7503 Datasheet HTML 5Page - Agere Systems T7503 Datasheet HTML 6Page - Agere Systems T7503 Datasheet HTML 7Page - Agere Systems T7503 Datasheet HTML 8Page - Agere Systems T7503 Datasheet HTML 9Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Data Sheet
February 1998
T7503 Dual PCM Codec with Filters
Features
s
+5 V only
s
Automatic powerdown mode
s
Low-power, latch-up-free CMOS technology
s
On-chip sample and hold, autozero, and precision
voltage reference
s
Differential architecture for high noise immunity
and power supply rejection
s
Automatic master clock frequency selection
s
2.048 MHz or 4.096 MHz fixed data rate
s
Frame sync controlled channel swapping
s
Differential analog I/O
s
300
Ω output drivers
s
Operating temperature range: –40
°C to +85 °C
s
µ-law companding
Applications
s
Speakerphone
s
Telephone answering device (TAD)
s
POTS for ISDN
Description
The T7503 device is a single-chip, two-channel
µ-law PCM codec with filters. This integrated circuit
provides analog-to-digital and digital-to-analog
conversion. It provides the transmit and receive
filtering necessary to interface a voice telephone
circuit to a time-division multiplexed (TDM) system.
The device features a differential transmit amplifier,
and the power receive amplifier is capable of driving
600
Ω differentially. PCM timing is defined by a single
frame sync pulse. This device operates in a delayed
timing mode (digital data is valid one clock cycle after
frame sync goes high). The T7503 is packaged in a
20-pin SOJ.
Figure 1. Block Diagram
5-3609.b
GSX0
VFXIN0
VFROP0
GSX1
VFXIN1
VFXIP1
+
FILTER
NETWORK
ENCODER
CHANNEL 0
+2.4 V
DECODER
PCM
INTERFACE
POWERDOWN
CONTROL
INTERNAL TIMING
& CONTROL
BIAS
CIRCUITRY
&
REFERENCE
CHANNEL 1
FILTER
NETWORK
DX
DR
GNDD
MCLK
VDD (1)
VFXIP0
VCM0
VFRON0
VCM1
VFROP1
VFRON1
FS
GNDA (2)


Similar Part No. - T7503

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
T7500 INTEL-T7500 Datasheet
1Mb / 87P
   Core2 Duo Processors and Core2 Extreme Processors for Platforms Based on Mobile 965 Express Chipset Family
logo
E-SWITCH
T750000 E-SWITCH-T750000 Datasheet
168Kb / 1P
   TERMINAL NUMBERS FOR REF ONLY
T750001 E-SWITCH-T750001 Datasheet
164Kb / 1P
   TERMINAL NUMBERS FOR REF ONLY
T750002 E-SWITCH-T750002 Datasheet
189Kb / 1P
   TERMINAL NUMBERS FOR REF ONLY
T750003 E-SWITCH-T750003 Datasheet
179Kb / 1P
   TERMINAL NUMBERS FOR REF ONLY
More results

Similar Description - T7503

ManufacturerPart #DatasheetDescription
logo
Agere Systems
T7502 AGERE-T7502 Datasheet
417Kb / 16P
   T7502 Dual PCM Codec with Filters
logo
ELAN Microelectronics C...
EM77565 EMC-EM77565 Datasheet
318Kb / 25P
   ADPCM WITH PCM CODEC
logo
Texas Instruments
TLV320AIC1109 TI-TLV320AIC1109 Datasheet
353Kb / 27P
[Old version datasheet]   PCM CODEC
TLV320AIC1106PWR TI-TLV320AIC1106PWR Datasheet
538Kb / 19P
[Old version datasheet]   PCM CODEC
TLV320AIC1106 TI1-TLV320AIC1106_14 Datasheet
550Kb / 20P
[Old version datasheet]   PCM CODEC
TLV320AIC1110 TI1-TLV320AIC1110_14 Datasheet
1,016Kb / 41P
[Old version datasheet]   PCM CODEC
logo
Macronix International
MX93002 MCNIX-MX93002 Datasheet
373Kb / 35P
   PCM CODEC
logo
Texas Instruments
TLV320AIC1106 TI-TLV320AIC1106 Datasheet
220Kb / 17P
[Old version datasheet]   PCM CODEC
TLV320AIC1106 TI-TLV320AIC1106_15 Datasheet
537Kb / 19P
[Old version datasheet]   PCM CODEC
TLV320AIC1103PBSR TI1-TLV320AIC1103PBSR Datasheet
917Kb / 33P
[Old version datasheet]   PCM CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com