Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R485WPBB Datasheet(PDF) 6 Page - Agere Systems

Part # R485WPBB
Description  R485-Type Lightwave Receiver with Clock Recovery for 2.488 Gbits/s Applications
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

R485WPBB Datasheet(HTML) 6 Page - Agere Systems

Back Button R485WPBB Datasheet HTML 2Page - Agere Systems R485WPBB Datasheet HTML 3Page - Agere Systems R485WPBB Datasheet HTML 4Page - Agere Systems R485WPBB Datasheet HTML 5Page - Agere Systems R485WPBB Datasheet HTML 6Page - Agere Systems R485WPBB Datasheet HTML 7Page - Agere Systems R485WPBB Datasheet HTML 8Page - Agere Systems R485WPBB Datasheet HTML 9Page - Agere Systems R485WPBB Datasheet HTML 10Page - Agere Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Advance Data Sheet, Rev. 1
October 2001
Recovery for 2.488 Gbits/s Applications
R485-Type Lightwave Receiver with Clock
6
Agere Systems Inc.
Qualification and Reliability
The R485-type receiver is scheduled to complete the following qualification tests to meet the intent of
Telcordia
Technologies GR-468-CORE.
Table 4. R485 Qualification Information
Test
Reference
Conditions
Code
Type
Sample
Size
Pass/Fail Criteria
Note
Mechanical Shock MIL-STD-883
Method 2002
Condition B
5 times/axis
500 G, 1 ms
R485
R480
11
Pieces
Change in Receiver
Sensitivity: –1.5 dB
Qualified by
T48/P172
Sine Vibration
MIL-STD-883
Method 2007
Condition A
20 G, 20 Hz—2000 Hz
4 min./cycle
4 cycles/axis
R485
R480
11
Pieces
Change in Receiver
Sensitivity: –1.5 dB
Qualified by
T48/P172
Thermal Shock
MIL-STD-883
Method 1011
∆T = 100 °C
R485
R480
11
Pieces
Physical Attributes
and Leak Check
Qualified by
T48/P172
Solderability
MIL-STD-883
Method 2003
(Package Supplier Test)
Qualified by
T48
Lead
Integrity
MIL-STD-883
Method 2004
(Package Supplier Test)
Qualified by
T48
Solvent
Resistance
MIL-STD-883
Method 2015
(Package Supplier Test)
Qualified by
T48
Fiber Pull
GR-468-CORE
Table 6
1 kg; 3 times; 5 s
R485
R480
11
Pieces
Change in Receiver
Sensitivity: –1.5 dB
Qualified by
P172
Accelerating
Aging
(HTOB)
MIL-STD-883
Method 1005
85 °C under bias,
2000 hours
R485
R480
25
Pieces
Change in Receiver
Sensitivity: –1.5 dB
Qualified by
T48/P172;
Refer to
Chip Data
High Temperature
Storage
GR-468-CORE
Table 6
85 °C storage,
2000 hours
R485
R480
11
Pieces
Change in Receiver
Sensitivity: –1.5 dB
Qualified by
T48/P172
Temperature
Cycling
GR-468-CORE
Section 5.20
–40 °C to +85 °C
100 Cycles for Pass/Fail
R485
R480
11
Pieces
Change in Receiver
Sensitivity: –1.5 dB
Qualified by
T48/P172
Temperature
Humidity Bias
GR-468-CORE
Table 6
85 °C/85% RH
1000 hours
R485
R480
11
Pieces
Change in Receiver
Sensitivity: –1.5 dB
Qualified by
T48/P172
Internal Water
Vapor
MIL-STD-883
Method 1018
5000 ppm Water Vapor
R485
R480
11
Pieces
Change in Receiver
Sensitivity: –1.5 dB
Qualified by
T48/P172
ESD
GR-468-CORE
Section 5.22
Human-Body Model
R485
R480
6
Pieces
Threshold
Minimum: 500 V


Similar Part No. - R485WPBB

ManufacturerPart #DatasheetDescription
logo
Agere Systems
R480 AGERE-R480 Datasheet
76Kb / 8P
   R480-Type Lightwave Receiver with CML Data Output for up to 2.488 Gbits/s Applications
R480CMAA AGERE-R480CMAA Datasheet
76Kb / 8P
   R480-Type Lightwave Receiver with CML Data Output for up to 2.488 Gbits/s Applications
R480CPAA AGERE-R480CPAA Datasheet
76Kb / 8P
   R480-Type Lightwave Receiver with CML Data Output for up to 2.488 Gbits/s Applications
R480CPBB AGERE-R480CPBB Datasheet
76Kb / 8P
   R480-Type Lightwave Receiver with CML Data Output for up to 2.488 Gbits/s Applications
R480FMAA AGERE-R480FMAA Datasheet
76Kb / 8P
   R480-Type Lightwave Receiver with CML Data Output for up to 2.488 Gbits/s Applications
More results

Similar Description - R485WPBB

ManufacturerPart #DatasheetDescription
logo
Agere Systems
R480 AGERE-R480 Datasheet
76Kb / 8P
   R480-Type Lightwave Receiver with CML Data Output for up to 2.488 Gbits/s Applications
LG1628AXA AGERE-LG1628AXA Datasheet
242Kb / 12P
   LG1628AXA SONET/SDH 2.488 Gbits/s Transimpedance Amplifier
TRCV012G5 AGERE-TRCV012G5 Datasheet
500Kb / 28P
   TRCV012G5 (2.5 Gbits/s) and TRCV012G7 (2.5 Gbits/s and 2.7 Gbits/s) Limiting Amplifier, Clock Recovery, 1:16 Data Demultiplexer
logo
OPLINK Communications I...
SRC12 OPLINK-SRC12 Datasheet
621Kb / 4P
   Receiver with Clock Recovery
SRC03 OPLINK-SRC03 Datasheet
660Kb / 4P
   Receiver with Clock Recovery
SRC48 OPLINK-SRC48 Datasheet
762Kb / 4P
   Receiver with Clock Recovery
logo
Agere Systems
1340 AGERE-1340 Datasheet
170Kb / 12P
   Lightwave Receiver
TTRN012G5 AGERE-TTRN012G5 Datasheet
394Kb / 22P
   TTRN012G5 (2.5 Gbits/s) and TTRN012G7 (2.5 Gbits/s and 2.7 Gbits/s) Clock Synthesizer, 16:1 Data Multiplexer
D372 AGERE-D372 Datasheet
56Kb / 8P
   D372-Type Digital Uncooled DFB Laser Module for 2.5 Gbits/s Applications
1345 AGERE-1345 Datasheet
98Kb / 12P
   1345-Type Receiver with Clock Recovery and Data Retiming
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com