Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMFT1N10E Datasheet(PDF) 5 Page - Motorola, Inc

Part # MMFT1N10E
Description  MEDIUM POWER TMOS FET 1 AMP 100 VOLTS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MMFT1N10E Datasheet(HTML) 5 Page - Motorola, Inc

  MMFT1N10E Datasheet HTML 1Page - Motorola, Inc MMFT1N10E Datasheet HTML 2Page - Motorola, Inc MMFT1N10E Datasheet HTML 3Page - Motorola, Inc MMFT1N10E Datasheet HTML 4Page - Motorola, Inc MMFT1N10E Datasheet HTML 5Page - Motorola, Inc MMFT1N10E Datasheet HTML 6Page - Motorola, Inc MMFT1N10E Datasheet HTML 7Page - Motorola, Inc MMFT1N10E Datasheet HTML 8Page - Motorola, Inc MMFT1N10E Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
MMFT1N10E
5
Motorola TMOS Power MOSFET Transistor Device Data
RG
t
VDS
L
IL
VDD
Figure 9. Commutating Waveforms
tP
BVDSS
VDD
IL(t)
t, (TIME)
Figure 10. Commutating Safe Operating Area
(CSOA)
15 V
VGS
0
90%
IFM
dlS/dt
IS
10%
trr
tfrr
0.25 IRM
IRM
ton
VDS
Vf
VdsL
VR
VDS(pk)
MAX. CSOA
STRESS AREA
Figure 11. Commutating Safe Operating Area
Test Circuit
Figure 12. Unclamped Inductive Switching
Test Circuit
VDS, DRAIN–TO–SOURCE VOLTAGE (VOLTS)
+
+
Figure 13. Unclamped Inductive Switching
Waveforms
VR
VGS
IFM
20 V
RGS
DUT
IS
VDS
Li
VR = 80% OF RATED VDSS
VdsL = Vf + Li ⋅ dlS/dt
5
0
4.5
4
3.5
3
2.5
2
1.5
0
20
40
60
80
100
120
140
1
0.5
dIS/dt ≤ 400 A/µs


Similar Part No. - MMFT1N10E

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMFT107T1 MOTOROLA-MMFT107T1 Datasheet
118Kb / 6P
   MEDIUM POWER TMOS FET 250 mA, 200 VOLTS
logo
ON Semiconductor
MMFT107T1 ONSEMI-MMFT107T1 Datasheet
78Kb / 8P
   Power MOSFET 250 mA, 200 Volts
November, 2000 ??Rev. 4
MMFT107T1D ONSEMI-MMFT107T1D Datasheet
78Kb / 8P
   Power MOSFET 250 mA, 200 Volts
November, 2000 ??Rev. 4
MMFT107T3 ONSEMI-MMFT107T3 Datasheet
78Kb / 8P
   Power MOSFET 250 mA, 200 Volts
November, 2000 ??Rev. 4
logo
Motorola, Inc
MMFT108T1 MOTOROLA-MMFT108T1 Datasheet
91Kb / 6P
   TMOS FET TRANSISTOR N-CHANNEL - ENHANCEMENT
More results

Similar Description - MMFT1N10E

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMFT3055E MOTOROLA-MMFT3055E Datasheet
238Kb / 10P
   MEDIUM POWER TMOS FET 1.7 AMP 60 VOLTS
MMFT2955E MOTOROLA-MMFT2955E Datasheet
178Kb / 10P
   TMOS MEDIUM POWER FET 1.2 AMP 60 VOLTS
MMFT3055EL MOTOROLA-MMFT3055EL Datasheet
236Kb / 10P
   MEDIUM POWER LOGIC LEVEL TMOS FET 1.5 AMP 60 VOLTS
MMFT2N02EL MOTOROLA-MMFT2N02EL Datasheet
250Kb / 10P
   MEDIUM POWER LOGIC LEVEL TMOS FET 1.6 AMP 20 VOLTS
MTB33N10E MOTOROLA-MTB33N10E Datasheet
266Kb / 10P
   TMOS POWER FET 33 AMPERES 100 VOLTS
MMFT960T1 MOTOROLA-MMFT960T1 Datasheet
122Kb / 6P
   MEDIUM POWER TMOS FET 300 mA 60 VOLTS
MMFT107T1 MOTOROLA-MMFT107T1 Datasheet
118Kb / 6P
   MEDIUM POWER TMOS FET 250 mA, 200 VOLTS
MMFT2406T1 MOTOROLA-MMFT2406T1 Datasheet
90Kb / 6P
   MEDIUM POWER TMOS FET 700 mA 240 VOLTS
MMFT5P03HD MOTOROLA-MMFT5P03HD Datasheet
198Kb / 12P
   TMOS MEDIUM POWER FET 5.2 AMPERES 30 VOLTS
MTB40N10E MOTOROLA-MTB40N10E Datasheet
192Kb / 10P
   TMOS POWER FET 40 AMPERES 100 VOLTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com