Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ULTSHSM-1-DV Datasheet(PDF) 1 Page - Major League Electronics

Part # ULTSHSM-1-DV
Description  .100 cl Single Row - Low Profile - Vertical Terminal Strip Header - Surface Mount
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAJOR-LEAGUE [Major League Electronics]
Direct Link  http://www.mlelectronics.com
Logo MAJOR-LEAGUE - Major League Electronics

ULTSHSM-1-DV Datasheet(HTML) 1 Page - Major League Electronics

  ULTSHSM-1-DV Datasheet HTML 1Page - Major League Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Products cut to specific sizes are uncancellable/nonreturnable
Parts are subject to change without notice
Mates with:
BCSS,
BSSH,
BSSHC,
BSSQ,
BSSQC,
BSSQM,
LBCSS,
LSMBC,
LSWSS,
SMBC,
SSHQ,
SSHQR,
SSHR,
SSHS,
SSHSM
Specifications
Current Rating: 3.0 Ampere
Insulation Resistance: 1000MΩ Min.
Dielectric Withstanding: 600V AC
Contact Resistance: 20 mΩ Max.
Operating Temperature: -40°C to + 105°C
Max. Process Temperature:
Peak: 260°C up to 20 secs.
Process: 230°C up to 60 secs.
Wave: 260°C up to 6 secs.
Reflow: 260°C up to 10 secs.
Manual Solder: 350°C up to 5 secs.
Materials
Contact Material: Phosphor Bronze
Insulator Material: Nylon 6T
Plating: Au or Sn over 50µ" (1,27) Ni
4235 Earnings Way, New Albany, Indiana, 47150, USA
1-800-782-3486 (USA/Canada/Mexico)
Tel: 812-944-7244
Fax: 812-944-7268
E-mail: mle@mlelectronics.com
Web: www.mlelectronics.com
Row Specification
D = Dual Row
Pins Per Row
ULTSHSM-1 XX
D
XX
Ordering Information
XX
LF
01 - 40
Lead Free
Packing Information
TR-P = Tape and Reel with Plastic Pick and Place pad
TB-P = Tube with Plastic Pick and Place pad
TB-0 = Tube without Pick and Place Pad
If left blank, packaging at MLE's discretion
Pad may be metal, mylar or plastic
XX
X
Polarized Position
Leave blank if not needed
If required, specify empty pin position, e.g. 012 for Pin 12
Pin Options
Post Height
01
3.05mm
.120
02
3.56mm
.140
03
4.45mm
.175
06
6.86mm
.270
XXX
Vertical
V
Plating Options
30µ Gold on Contact Area / Matte Tin on Tail
H
Matte Tin All Over
T
10µ Gold on Contact Area / Matte Tin on Tail
GT
10µ Gold on Contact area / Flash on tail
G
Gold Flash over Entire Pin
F
Major League Electronics .100 cl Terminal Strip Headers - Surface Mount Low Profile - Vertical
31 JAN 07
ULTSHSM-1-DV SERIES
Terminal Strip Header - Surface Mount
.100 cl Single Row - Low Profile - Vertical


Similar Part No. - ULTSHSM-1-DV

ManufacturerPart #DatasheetDescription
logo
Major League Electronic...
ULTSHSM-1-SM MAJOR-LEAGUE-ULTSHSM-1-SM Datasheet
76Kb / 1P
   .100 cl Single Row - Low Profile - Vertical Terminal Strip Header - Surface Mount
ULTSHSM-1-SS MAJOR-LEAGUE-ULTSHSM-1-SS Datasheet
75Kb / 1P
   .100 cl Single Row - Low Profile - Vertical Terminal Strip Header - Surface Mount
More results

Similar Description - ULTSHSM-1-DV

ManufacturerPart #DatasheetDescription
logo
Major League Electronic...
ULTSHSM-1-SS MAJOR-LEAGUE-ULTSHSM-1-SS Datasheet
75Kb / 1P
   .100 cl Single Row - Low Profile - Vertical Terminal Strip Header - Surface Mount
ULTSHSM-1-SM MAJOR-LEAGUE-ULTSHSM-1-SM Datasheet
76Kb / 1P
   .100 cl Single Row - Low Profile - Vertical Terminal Strip Header - Surface Mount
TSHSM-1-SM MAJOR-LEAGUE-TSHSM-1-SM Datasheet
256Kb / 1P
   .100 cl Single Row - Vertical Terminal Strip Header - Surface Mount
TSHSCM-1-SM MAJOR-LEAGUE-TSHSCM-1-SM Datasheet
267Kb / 1P
   .100 cl Single Row - Vertical - Custom Terminal Strip Header - Surface Mount
TSHSCM-1-SS MAJOR-LEAGUE-TSHSCM-1-SS Datasheet
263Kb / 1P
   .100 cl Single Row - Vertical - Custom Terminal Strip Header - Surface Mount
TSHSM-1-DV MAJOR-LEAGUE-TSHSM-1-DV Datasheet
270Kb / 1P
   .100 cl Dual Row - Vertical Terminal Strip Header - Surface Mount
TSHSM-1-SH MAJOR-LEAGUE-TSHSM-1-SH Datasheet
112Kb / 1P
   .100 cl Single Row - Horizontal Terminal Strip Header - Surface Mount
BSTCM-1-SM MAJOR-LEAGUE-BSTCM-1-SM Datasheet
81Kb / 1P
   .100 cl Single Row - Vertical Board Stacker Terminal Strip - Surface Mount
BSTCM-1-SS MAJOR-LEAGUE-BSTCM-1-SS Datasheet
80Kb / 1P
   .100 cl Single Row - Vertical Board Stacker Terminal Strip - Surface Mount
SHTSHSM-1 MAJOR-LEAGUE-SHTSHSM-1 Datasheet
65Kb / 2P
   .100" cl Shrouded Terminal Strip Header Surface Mount
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com