Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA16 Datasheet(PDF) 8 Page - Agere Systems

Part # TA16
Description  TA16-Type 2.5 Gbits/s Transponder with 16-Channel 155 Mbits/s Multiplexer/Demultiplexer
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

TA16 Datasheet(HTML) 8 Page - Agere Systems

Back Button TA16 Datasheet HTML 4Page - Agere Systems TA16 Datasheet HTML 5Page - Agere Systems TA16 Datasheet HTML 6Page - Agere Systems TA16 Datasheet HTML 7Page - Agere Systems TA16 Datasheet HTML 8Page - Agere Systems TA16 Datasheet HTML 9Page - Agere Systems TA16 Datasheet HTML 10Page - Agere Systems TA16 Datasheet HTML 11Page - Agere Systems TA16 Datasheet HTML 12Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
8
Agere Systems Inc.
TA16-Type 2.5 Gbits/s Transponder with
Data Sheet
16-Channel 155 Mbits/s Multiplexer/Demulitplexer
March 2001
86
TxD14P
I
LVPECL
Transmitter 155 Mbits/s Data Input
87
TxD14N
I
LVPECL
Transmitter 155 Mbits/s Data Input
88
TxDGND
I
SUPPLY
Transmitter Digital Ground
89
TxD12P
I
LVPECL
Transmitter 155 Mbits/s Data Input
90
TxD12N
I
LVPECL
Transmitter 155 Mbits/s Data Input
91
TxD10P
I
LVPECL
Transmitter 155 Mbits/s Data Input
92
TxD10N
I
LVPECL
Transmitter 155 Mbits/s Data Input
93
TxDGND
I
Supply
Transmitter Digital Ground
94
TxD08P
I
LVPECL
Transmitter 155 Mbits/s Data Input
95
TxD08N
I
LVPECL
Transmitter 155 Mbits/s Data Input
96
TxD06P
I
LVPECL
Transmitter 155 Mbits/s Data Input
97
TxD06N
I
LVPECL
Transmitter 155 Mbits/s Data Input
98
TxDGND
I
Supply
Transmitter Digital Ground
99
TxD04P
I
LVPECL
Transmitter 155 Mbits/s Data Input
100
TxD04N
I
LVPECL
Transmitter 155 Mbits/s Data Input
101
TxD02P
I
LVPECL
Transmitter 155 Mbits/s Data Input
102
TxD02N
I
LVPECL
Transmitter 155 Mbits/s Data Input
103
TxDGND
I
Supply
Transmitter Digital Ground
104
TxD00P
I
LVPECL
Transmitter 155 Mbits/s LSB Data Input
105
TxD00N
I
LVPECL
Transmitter 155 Mbits/s LSB Data Input
106
TxDGND
I
Supply
Transmitter Digital Ground
107
PCLKP
O
LVPECL
Transmitter Parallel Reference Clock Output
108
PCLKN
O
LVPECL
Transmitter Parallel Reference Clock Output
109
TxDGND
I
Supply
Transmitter Digital Ground
110
TxAGND
I
Supply
Transmitter Analog Ground
111
Tx3.3D
I
Supply
Transmitter Digital 3.3 V Supply
112
Tx3.3A
I
Supply
Transmitter Analog 3.3 V Supply
113
NC
No User Connection Permitted
114
PHINIT
I
LVPECL
Phase Initialization
115
TXDIS
I
TTL
Transmitter Disable
116
NC
No User Connection Permitted
117
PHERR
O
LVPECL
Phase Error
118
LLOOP
I
LVTTL
Line Loopback (active-low)
119
LOS
O
LVTTL
Loss of Signal
120
RxDGND
I
Supply
Receiver Digital Ground
121
OOF
I
LVTTL
Out of Frame (enable frame detection)
122
RxDGND
I
Supply
Receiver Digital Ground
123
Rx3.3D
I
Supply
Receiver Digital 3.3 V Supply
124
Rx3.3D
I
Supply
Receiver Digital 3.3 V Supply
125
SEARCH
O
LVTTL
Frame Search Output
126
RxAGND
I
Supply
Receiver Analog Ground
127
RxAGND
I
Supply
Receiver Analog Ground
128
Rx3.3A
I
Supply
Receiver Analog 3.3 V Supply
Pin #
Pin Name
I/O
Logic
Description
Pin Descriptions (continued)
Table 1. TA16-Type Transponder Pinout (continued)
1. Frame ground is connected to the housing and is isolated from all circuit grounds (TxDGND, TxAGND, RxDGND, RxAGND).


Similar Part No. - TA16

ManufacturerPart #DatasheetDescription
logo
TiMOTION Technology Co....
TA16 TIMOTION-TA16 Datasheet
873Kb / 10P
   Max. load 4,500N (push) ; 2,500N (pull)
20231215-Q
logo
Beijing Yaohuadechang E...
TA16-01 YHDC-TA16-01 Datasheet
1Mb / 1P
   Primary core built-in type current transformer
TA16-02 YHDC-TA16-02 Datasheet
1Mb / 1P
   Primary core built-in type current transformer
TA16-03 YHDC-TA16-03 Datasheet
1Mb / 1P
   Primary core built-in type current transformer
logo
Kingbright Corporation
TA16-11 KINGBRIGHT-TA16-11 Datasheet
168Kb / 5P
   37mm (1.4 INCH ) 5 X 8 SINGLE COLOR DOT MATRIX DISPLAYS
More results

Similar Description - TA16

ManufacturerPart #DatasheetDescription
logo
Agere Systems
CA16 AGERE-CA16 Datasheet
464Kb / 30P
   CA16-Type 2.5 Gbits/s DWDM Transponder with 16-Channel 155 Mbits/s Multiplexer/Demultiplexer
TTRN012G5 AGERE-TTRN012G5 Datasheet
394Kb / 22P
   TTRN012G5 (2.5 Gbits/s) and TTRN012G7 (2.5 Gbits/s and 2.7 Gbits/s) Clock Synthesizer, 16:1 Data Multiplexer
TRCV012G5 AGERE-TRCV012G5 Datasheet
500Kb / 28P
   TRCV012G5 (2.5 Gbits/s) and TRCV012G7 (2.5 Gbits/s and 2.7 Gbits/s) Limiting Amplifier, Clock Recovery, 1:16 Data Demultiplexer
ORLI10G AGERE-ORLI10G Datasheet
1Mb / 72P
   Quad 2.5 Gbits/s 10 Gbits/s, and 12.5 Gbits/s Line Interface FPSC
logo
NXP Semiconductors
TZA3047A PHILIPS-TZA3047A Datasheet
135Kb / 28P
   30 Mbits/s up to 1.25 Gbits/s laser drivers
2003 Jun 05
TZA3014 PHILIPS-TZA3014 Datasheet
162Kb / 28P
   2.5 Gbits/s postamplifier with level detector
2001 Jun 25
logo
Agere Systems
TMXF84622 AGERE-TMXF84622 Datasheet
902Kb / 62P
   TMXF84622 155 Mbits/s/622 Mbits/s Interface SONET/SDH x84/x63 Ultramapper
logo
Vitesse Semiconductor C...
VSC8061FI VITESSE-VSC8061FI Datasheet
684Kb / 20P
   2.5Gb/s 16-Bit Multiplexer/Demultiplexer Chipset
logo
Agere Systems
D374 AGERE-D374 Datasheet
56Kb / 8P
   D374-Type Digital Uncooled 2.5 Gbits/s Laser Module
logo
NXP Semiconductors
TZA3017HW PHILIPS-TZA3017HW Datasheet
220Kb / 52P
   30 Mbits/s up to 3.2 Gbits/s A-rate fibre optic transmitter
2003 May 14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com