Electronic Components Datasheet Search |
|
PE7224-3 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc. |
|
PE7224-3 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc. |
2 / 3 page 2 TECHNICAL DATA SHEET Size Length, in [mm] 4.9 [124.46] Width, in [mm] 3.8 [96.52] Height, in [mm] 2.7 [68.58] . Weight, lbs [Kg] 3 [1.36] Connector 1 Type 7/16 DIN Female Contact Material and Plating Brass, Silver Body Material and Plating Brass, Silver Connector 2 Type SMA Female Contact Material and Plating Beryllium Copper, Gold Body Material and Plating Stainless Steel, Passivated Compliance Certifications (visit www.Pasternack.com for current document) RoHS Compliant Yes Plotted and Other Data Notes: Values at 25 °C, sea level URL: http://www.pasternack.com/3db-fixed-7-16-female-sma-female-100-watts-attenuator-pe7224-3-p.aspx 3 dB Fixed Attenuator, 7/16 DIN Female To SMA Female Directional Rated To 100 Watts Up To 6 GHz from Pasternack Enterprises has same day shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the broadest selection in the industry. 3 dB Fixed Attenuator, 7/16 DIN Female To SMA Female Directional Rated To 100 Watts Up To 6 GHz PE7224-3 PE7224-3 REV NC |
Similar Part No. - PE7224-3 |
|
Similar Description - PE7224-3 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |