Electronic Components Datasheet Search |
|
PE7226-3 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc. |
|
PE7226-3 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc. |
1 / 3 page 1 TECHNICAL DATA SHEET 3 dB Fixed Attenuator, N Female To SMA Female Directional Rated To 100 Watts Up To 6 GHz Pasternack Enterprises line of 100W Attenuators operate from DC to 6 GHz, and are available in 42 different 7/16 DIN, N, SMA and TNC in-series and between-series connector combinations. Our 100W Attenuators are manufactured with Passivated Stainless Steel SMA, TNC and N connectors, and Silver Plated Brass 7/16 DIN connectors. Pasternack 100W Attenuators come in 3 dB, 6 dB, 10 dB, 20 dB, 30 dB, 40 dB, 60 dB values and will operate from -55 to +125 degrees C. Additional connector combinations are available beyond the 42 standard designs, upon request. • 100W average power and 2,000W peak power handling capability • Operate to 6 GHz • Temperature range of -55 to +125 degrees C • 42 in-series and between series combinations • 7/16 DIN, SMA, N, TNC Male and Female connectors are available • Other connector combinations available upon request Configuration Design Fixed, Directional Attenuator Connector 1 N Female Connector 2 SMA Female Body Material and Plating Aluminum Heatsink, Black Anodized Electrical Specifications Frequency Range, GHz DC to 6 Impedance, Ohms 50 Attenuation Value, dB 3 Maximum Input Power, Watts 100 Maximum VSWR 1.45:1 Frequency 1 Range, GHz DC to 2 VSWR 1.2:1 Attenuation Accuracy, dB ± 0.75 Frequency 2 Range, GHz 2 to 4 VSWR 1.35:1 Attenuation Accuracy, dB ± 0.75 Frequency 3 Range, GHz 4 to 6 VSWR 1.45:1 Attenuation Accuracy, dB ± 1 Mechanical Specifications Temperature Operating Range, deg C -55 to +125 3 dB Fixed Attenuator, N Female To SMA Female Directional Rated To 100 Watts Up To 6 GHz Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,inventoryandcertifications: 3 dB Fixed Attenuator, N Female To SMA Female Directional Rated To 100 Watts Up To 6 GHz PE7226-3 PE7226-3 PE7226-3 REV NC |
Similar Part No. - PE7226-3 |
|
Similar Description - PE7226-3 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |