Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPRUG11 Datasheet(PDF) 6 Page - Texas Instruments

Part # SPRUG11
Description  TMS320C6474 Multicore Digital Signal Processor
Download  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SPRUG11 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SPRUG11 Datasheet HTML 2Page - Texas Instruments SPRUG11 Datasheet HTML 3Page - Texas Instruments SPRUG11 Datasheet HTML 4Page - Texas Instruments SPRUG11 Datasheet HTML 5Page - Texas Instruments SPRUG11 Datasheet HTML 6Page - Texas Instruments SPRUG11 Datasheet HTML 7Page - Texas Instruments SPRUG11 Datasheet HTML 8Page - Texas Instruments SPRUG11 Datasheet HTML 9Page - Texas Instruments SPRUG11 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 214 page
background image
TMS320C6474
SPRS552H
– OCTOBER 2008 – REVISED APRIL 2011
www.ti.com
1
Features
................................................... 1
5.6
Megamodule Resets
................................ 63
1.1
CUN/GUN/ZUN BGA Package (Bottom View)
....... 2
5.7
Megamodule Revision
.............................. 63
1.2
Description
........................................... 3
5.8
C64X+ Megamodule Register Description(s)
....... 64
1.3
C6474 Functional Block Diagram
.................... 5
6
Device Operating Conditions
....................... 72
6.1
Absolute Maximum Ratings Over Operating Case
Revision History
.............................................. 7
Temperature Range (Unless Otherwise Noted)
.... 72
2
Device Overview
........................................ 8
6.2
Recommended Operating Conditions
.............. 73
2.1
Device Characteristics
............................... 8
6.3
Electrical Characteristics Over Recommended
2.2
CPU (DSP Core) Description
........................ 9
Ranges of Supply Voltage and Operating Case
2.3
Memory Map Summary
............................. 12
Temperature (Unless Otherwise Noted)
............ 74
2.4
Boot Sequence
..................................... 15
7
Peripheral Information and Electrical
Specifications
.......................................... 75
2.5
Pin Assignments
.................................... 17
7.1
Parameter Information
.............................. 75
2.6
Signal Groups Description
.......................... 21
7.2
Recommended Clock and Control Signal Transition
2.7
Terminal Functions
................................. 26
Behavior
............................................ 76
2.8
Development and Device Support
.................. 41
7.3
Power Supplies
..................................... 76
2.9
Documentation Support
............................ 42
7.4
Peripheral IDs (PIDs)
............................... 79
2.10
Community Resources
............................. 44
7.5
Enhanced Direct Memory Access (EDMA3)
3
Device Configuration
................................. 45
Controller
........................................... 80
7.6
Interrupts
.......................................... 104
3.1
Device Configuration at Device Reset
.............. 45
7.7
Reset Controller
................................... 112
3.2
Peripheral Selection After Device Reset
........... 45
7.8
PLL1 and PLL1 Controller
......................... 117
3.3
Device State Control Registers
..................... 46
7.9
PLL2 and PLL2 Controller
......................... 130
3.4
Device Status Register Descriptions
............... 47
7.10
DDR2 Memory Controller
......................... 132
3.5
Inter-DSP Interrupt Registers (IPCGR0-IPCGR2
7.11
I2C Peripheral
..................................... 135
and IPCAR0-IPCAR2)
.............................. 49
7.12
Multichannel Buffered Serial Port (McBSP)
....... 140
3.6
JTAG ID (JTAGID) Register Description
........... 50
7.13
Ethernet MAC (EMAC)
............................ 149
3.7
Debugging Considerations
......................... 50
7.14
Management Data Input/Output (MDIO)
.......... 157
4
System Interconnect
.................................. 51
7.15
Timers
............................................. 159
4.1
Internal Buses, Switch Fabrics, and
7.16
Enhanced Viterbi-Decoder Coprocessor (VCP2)
Bridges/Gaskets
.................................... 51
..................................................... 168
7.17
Enhanced Turbo Decoder Coprocessor (TCP2)
4.2
Data Switch Fabric Connections
................... 52
..................................................... 170
4.3
Configuration Switch Fabric
........................ 55
7.18
Serial RapidIO (SRIO) Port
....................... 172
4.4
Priority Allocation
................................... 57
7.19
General Purpose Input/Output (GPIO)
............ 184
5
C64x+ Megamodule
................................... 58
7.20
Emulation Features and Capability
............... 185
5.1
Megamodule Diagram
.............................. 58
7.21
Semaphore
........................................ 189
5.2
Memory Architecture
............................... 59
7.22
Antenna Interface Subsystem
..................... 192
7.23
Frame Synchronization
............................ 204
5.3
Memory Protection
................................. 61
8
Mechanical Data
...................................... 208
5.4
Bandwidth Management
............................ 62
8.1
Thermal Data
...................................... 208
5.5
Power-Down Control
............................... 63
8.2
Packaging Information
............................ 208
6
Contents
Copyright
© 2008–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6474


Similar Part No. - SPRUG11

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SPRUGM2A TI1-SPRUGM2A Datasheet
388Kb / 5P
[Old version datasheet]   Peripheral Explorer Kit Overview
SPRUGZ8D TI1-SPRUGZ8D Datasheet
15Mb / 3016P
[Old version datasheet]   Technical Reference Manual
More results

Similar Description - SPRUG11

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6474 TI1-TMS320C6474_16 Datasheet
1Mb / 215P
[Old version datasheet]   TMS320C6474 Multicore Digital Signal Processor
TMS320C6474 TI1-TMS320C6474_13 Datasheet
1Mb / 214P
[Old version datasheet]   TMS320C6474 Multicore Digital Signal Processor
TMS320C6474 TI-TMS320C6474 Datasheet
2Mb / 204P
[Old version datasheet]   Multicore Digital Signal Processor
TMS320C6474 TI1-TMS320C6474_14 Datasheet
1Mb / 215P
[Old version datasheet]   Multicore Digital Signal Processor
TMS320TCI6602 TI1-TMS320TCI6602 Datasheet
2Mb / 201P
[Old version datasheet]   Multicore Fixed and Floating-Point Digital Signal Processor
SM320C6678-HIREL TI-SM320C6678-HIREL_15 Datasheet
1Mb / 244P
[Old version datasheet]   Multicore Fixed and Floating-Point Digital Signal Processor
TMS320C6674 TI-TMS320C6674_15 Datasheet
1Mb / 238P
[Old version datasheet]   Multicore Fixed and Floating-Point Digital Signal Processor
TMS320TCI6608 TI1-TMS320TCI6608_14 Datasheet
2Mb / 244P
[Old version datasheet]   Multicore Fixed and Floating-Point Digital Signal Processor
TMS320C6674 TI-TMS320C6674 Datasheet
2Mb / 253P
[Old version datasheet]   Multicore Fixed and Floating-Point Digital Signal Processor
TMS320TCI6608 TI1-TMS320TCI6608 Datasheet
2Mb / 230P
[Old version datasheet]   Multicore Fixed and Floating-Point Digital Signal Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com