Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

100302 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # 100302
Description  Low Power Quint 2-Input OR/NOR Gate
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

100302 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  100302 Datasheet HTML 1Page - Fairchild Semiconductor 100302 Datasheet HTML 2Page - Fairchild Semiconductor 100302 Datasheet HTML 3Page - Fairchild Semiconductor 100302 Datasheet HTML 4Page - Fairchild Semiconductor 100302 Datasheet HTML 5Page - Fairchild Semiconductor 100302 Datasheet HTML 6Page - Fairchild Semiconductor 100302 Datasheet HTML 7Page - Fairchild Semiconductor 100302 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
www.fairchildsemi.com
Industrial Version
PLCC DC Electrical Characteristics (Note 7)
VEE = −4.2V to −5.7V, VCC = VCCA = GND, TC = −40°C to +85°C
Note 7: The specified limits represent the “worst case” value for the parameter. Since these values normally occur at the temperature extremes, additional
noise immunity and guardbanding can be achieved by decreasing the allowable system operating ranges. Conditions for testing shown in the tables are cho-
sen to guarantee operation under the “worst case” conditions.
PLCC AC Electrical Characteristics
VEE = −4.2V to −5.7V, VCC = VCCA = GND
Note 8: The propagation delay specified is for single output switching. Delays may vary up to 200 ps with multiple outputs switching.
Symbol
Parameter
TC = −40°CTC = 0°C to +85°C
Units
Conditions
MinMax
MinMax
VOH
Output HIGH Voltage
−1085
−870
−1025
−870
mV
VIN = VIH(Max)
Loading with
VOL
Output LOW Voltage
−1830
−1575
−1830
−1620
or VIL(Min)
50
Ω to −2.0V
VOHC
Output HIGH Voltage
−1095
−1035
mV
VIN = VIH(Min)
Loading with
VOLC
Output LOW Voltage
−1565
−1610
or VIL(Max)
50
Ω to −2.0V
VIH
Input HIGH Voltage
−1170
−870
−1165
−870
mV
Guaranteed HIGH Signal for ALL Inputs
VIL
Input LOW Voltage
−1830
−1480
−1830
−1475
mV
Guaranteed LOW Signal for ALL Inputs
IIL
Input LOW Current
0.05
0.05
µAV
IN = VIL(Min)
IIH
Input HIGH Current
300
240
µAV
IN = VIH(Max)
IEE
Power Supply Current
−45
−20
−45
−20
mA
Inputs OPEN
Symbol
Parameter
TC = −40°CTC = +25°CTC = +85°C
Units
Conditions
MinMax
MinMax
MinMax
tPLH
Propagation Delay
0.40
1.05
0.50
1.05
0.50
1.15
ns
Figures 1, 2
(Note 8)
tPHL
Data to Output
tPLH
Propagation Delay
0.70
1.80
0.70
1.80
0.80
1.90
ns
tPHL
Enable to Output
tTLH
Transition Time
0.30
1.10
0.40
1.10
0.40
1.10
ns
Figures 1, 2
tTHL
20% to 80%, 80% to 20%


Similar Part No. - 100302

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
100302 NSC-100302 Datasheet
106Kb / 6P
   Low Power Quint 2-Input OR/NOR Gate
logo
Texas Instruments
100302 TI1-100302 Datasheet
135Kb / 7P
[Old version datasheet]   Low Power Quint 2-Input OR/NOR Gate
logo
ERNI Electronics
100302000001 ERNI-100302000001 Datasheet
57Kb / 1P
   M 2,54 SRC-P, 3-polig
100302000003 ERNI-100302000003 Datasheet
73Kb / 1P
   F 2.54 DRC-A, 10-polig
100302070001 ERNI-100302070001 Datasheet
35Kb / 1P
   F 2.54 SRC-A, 2-polig
More results

Similar Description - 100302

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
100302 TI1-100302 Datasheet
135Kb / 7P
[Old version datasheet]   Low Power Quint 2-Input OR/NOR Gate
logo
National Semiconductor ...
100302 NSC-100302 Datasheet
106Kb / 6P
   Low Power Quint 2-Input OR/NOR Gate
logo
Micrel Semiconductor
SY100S302 MICREL-SY100S302_07 Datasheet
79Kb / 4P
   QUINT 2-INPUT OR/NOR GATE
logo
National Semiconductor ...
F100102 NSC-F100102 Datasheet
95Kb / 3P
   QUINT 2-INPUT OR-NOR GATE
logo
Micrel Semiconductor
SY100S302 MICREL-SY100S302 Datasheet
97Kb / 5P
   QUINT 2-INPUT OR/NOR GATE
logo
National Semiconductor ...
100307 NSC-100307 Datasheet
123Kb / 8P
   Low Power Quint Exclusive OR/NOR Gate
logo
Fairchild Semiconductor
100307 FAIRCHILD-100307 Datasheet
65Kb / 6P
   Low Power Quint Exclusive OR/NOR Gate
logo
Texas Instruments
100307 TI1-100307 Datasheet
138Kb / 7P
[Old version datasheet]   Low Power Quint Exclusive OR/NOR Gate
logo
National Semiconductor ...
F100107 NSC-F100107 Datasheet
99Kb / 4P
   QUINT EXCLUSIVE OR/NOR GATE
logo
Micrel Semiconductor
SY100S307 MICREL-SY100S307_10 Datasheet
387Kb / 4P
   QUINT EXCLUSIVE OR/NOR GATE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com