Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

100315 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # 100315
Description  Low Skew Quad Clock Driver
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

100315 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  100315 Datasheet HTML 1Page - Fairchild Semiconductor 100315 Datasheet HTML 2Page - Fairchild Semiconductor 100315 Datasheet HTML 3Page - Fairchild Semiconductor 100315 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.fairchildsemi.com
2
Absolute Maximum Ratings(Note 2)
Recommended Operating
Conditions
Note 2: The “Absolute Maximum Ratings” are those values beyond which
the safety of the device cannot be guaranteed. The device should not be
operated at these limits. The parametric values defined in the Electrical
Characteristics tables are not guaranteed at the absolute maximum rating.
The “Recommended Operating Conditions” table will define the conditions
for actual device operation.
Note 3: ESD testing conforms to MIL-STD-883, Method 3015.
DC Electrical Characteristics (Note 4)
VEE = −4.2V to −5.7V, VCC = VCCA = GND, TC = 0°C to +85°C
Note 4: The specified limits represent the “worst case” value for the parameter. Since these “worst case” values normally occur at the temperature extremes,
additional noise immunity and guard banding can be achieved by decreasing the allowable system operating ranges.
AC Electrical Characteristics
VEE = −4.2V to 4.8, VCC = VCCA = GND
Note 5: Output-to-Output Skew is defined as the absolute value of the difference between the actual propagation delay for any outputs within the same pack-
aged device. The specifications apply to any outputs switching in the same direction either HIGH-to-LOW (tOSHL), or LOW-to-HIGH (tOSLH), or in opposite
directions both HL and LH (tOST). Parameters tOST and tPS guaranteed by design.
Storage Temperature
−65°C to +150°C
Maximum Junction Temperature (TJ)
+150°C
Case Temperature under Bias (TC)0°C to +85°C
VEE Pin Potential to Ground Pin
−7.0V to +0.5V
Input Voltage (DC)
VCC to +0.5V
Output Current (DC Output HIGH)
−50 mA
Operating Range (Note 2)
−5.7V to −4.2V
ESD (Note 3)
≥2000V
Case Temperature (TC)0°C to +85°C
Supply Voltage (VEE)
−5.7V to −4.2V
Symbol
Parameter
Min
Typ
Max
Units
Conditions
VOH
Output HIGH Voltage
−1025
−955
−870
mV
VIN = VIH(Max)
Loading with
VOL
Output LOW Voltage
−1830
−1705
−1620
or VIL(Min)
50
Ω to −2.0V
VOHC
Output HIGH Voltage
−1035
mV
VIN = VIH(Min)
Loading with
VOLC
Output LOW Voltage
−1610
or VIL(Max)
50
Ω to −2.0V
VIH
Single-Ended Input HIGH Voltage
−1165
−870
mV
Guaranteed HIGH Signal for All Inputs
VIL
Single-Ended Input LOW Voltage
−1830
−1475
mV
Guaranteed LOW Signal for All Inputs
IIL
Input LOW Current
0.50
µAV
IN = VIL(Min)
IIH
Input HIGH Current
VIN = VIH(Max)
CLKIN, CLKIN
150
µA
TCLK
250
µA
CLKSEL
250
µA
VDIFF
Input Voltage Differential
150
mV
Required for Full Output Swing
VCM
Common Mode Voltage
VCC − 2V
VCC − 0.5V
V
ICBO
Input Leakage Current
−10
µAV
IN = VEE
IEE
Power Supply Current
−67
−35
mA
Symbol
Parameter
TC = 0°CTC = +25°CTC = +85°C
Units
Conditions
Min
Max
Min
Max
Min
Max
fMAX
Maximum Clock Frequency
750
750
750
MHz
tPLH
Propagation Delay CLKIN,
ns
Figures 1, 3
tPHL
CLKIN to CLK(1–4), CLK(1–4)
Differential
0.59
0.79
0.62
0.82
0.67
0.87
Single-Ended
0.59
0.99
0.62
1.02
0.67
1.07
tPLH
Propagation Delay, TCLK
0.50
1.20
0.50
1.20
0.50
1.20
ns
Figures 1, 2
tPHL
to CLK(1–4), CLK(1–4)
tPLH
Propagation Delay, CLKSEL
0.80
1.60
0.80
1.60
0.80
1.60
ns
Figures 1, 2
tPHL
to CLK(1–4), CLK(1–4)
tTLH
Transition Time
0.30
0.80
0.30
0.80
0.30
0.80
ns
Figures 1, 4
tTHL
20% to 80%, 80% to 20%
tOST
Maximum Skew Opposite Edge
DIFF
Output-to-Output Variation
50
50
50
ps
(Note 5)
Data to Output Path


Similar Part No. - 100315

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
100315 NSC-100315 Datasheet
82Kb / 6P
   Low-Skew Quad Clock Driver
logo
Texas Instruments
100315 TI1-100315 Datasheet
153Kb / 7P
[Old version datasheet]   Low-Skew Quad Clock Driver
logo
MKS Instruments.
100315601 MKS-100315601 Datasheet
374Kb / 20P
   CF Component Ultra high vacuum fittings
100315603 MKS-100315603 Datasheet
374Kb / 20P
   CF Component Ultra high vacuum fittings
100315605 MKS-100315605 Datasheet
374Kb / 20P
   CF Component Ultra high vacuum fittings
More results

Similar Description - 100315

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
100315 NSC-100315 Datasheet
82Kb / 6P
   Low-Skew Quad Clock Driver
logo
Texas Instruments
100315 TI1-100315 Datasheet
153Kb / 7P
[Old version datasheet]   Low-Skew Quad Clock Driver
logo
Motorola, Inc
MC88913 MOTOROLA-MC88913 Datasheet
75Kb / 4P
   LOW SKEW CMOS CLOCK DRIVER
MC88LV915T MOTOROLA-MC88LV915T Datasheet
127Kb / 11P
   LOW SKEW CMOS PLL CLOCK DRIVER
MC88915TFN55 MOTOROLA-MC88915TFN55 Datasheet
216Kb / 20P
   LOW SKEW CMOS PLL CLOCK DRIVER
MC88915FN70 MOTOROLA-MC88915FN70 Datasheet
154Kb / 13P
   Low Skew CMOS PLL Clock Driver
MC88915 MOTOROLA-MC88915 Datasheet
147Kb / 13P
   Low Skew CMOS PLL Clock Driver
logo
Exar Corporation
XRK39910 EXAR-XRK39910 Datasheet
229Kb / 9P
   3.3V LOW SKEW PLL CLOCK DRIVER
logo
Fairchild Semiconductor
100311 FAIRCHILD-100311 Datasheet
64Kb / 6P
   Low Skew 1:9 Differential Clock Driver
logo
Motorola, Inc
MC88LV926 MOTOROLA-MC88LV926 Datasheet
108Kb / 10P
   LOW SKEW CMOS PLL 68060 CLOCK DRIVER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com